Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GLT4160L04-40J3 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GLT4160L04-40J3
Description  4M X 4 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GLT4160L04-40J3 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GLT4160L04-40J3 Datasheet HTML 1Page - List of Unclassifed Manufacturers GLT4160L04-40J3 Datasheet HTML 2Page - List of Unclassifed Manufacturers GLT4160L04-40J3 Datasheet HTML 3Page - List of Unclassifed Manufacturers GLT4160L04-40J3 Datasheet HTML 4Page - List of Unclassifed Manufacturers GLT4160L04-40J3 Datasheet HTML 5Page - List of Unclassifed Manufacturers GLT4160L04-40J3 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLT4160L04-40J3 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLT4160L04-40J3 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLT4160L04-40J3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
G -LINK
GLT4160L04
4M X 4 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
May 2001 (Rev.3.1)
G-Link Technology
2701 Northwestern Parkway
Santa Clara, CA 95051, U.S.A.
G-Link Technology Corporation,Taiwan
6F, No. 24-2, Industry E. RD, IV, Science Based
Industrial Park, Hsin Chu, Taiwan.
- 5 -
DC and Operating Characteristics (1-2)
TA = 0
°C to 70°C, -20°C to 85°C V
CC=3.3V
±0.3V, V
SS=0V, unless otherwise specified.
Sym.
Parameter
Test Conditions
Access
Time
Min.
Typ
Max.
Unit Notes
ILI
Input Leakage Current
(any input pin)
0V
≤ V
IN
≤ V
CC+0.3V
(All other pins not under
test=0V)
-5
+5
µA
ILO
Output Leakage Current
(for High-Z State)
0V
≤ V
out
≤ V
CC
Output is disabled (Hiz)
-5
+5
µA
ICC1
Operating Current,
Random READ/WRITE
tRC = tRC (min.)
tRAC = 40ns
tRAC = 50ns
tRAC = 60ns
tRAC = 70ns
130
120
80
70
mA
1,2
ICC2
Standby Current (TTL)
RAS , CAS at V
IH
other inputs
≥V
SS
1
mA
ICC3
Refresh Current,
RAS -Only
RAS cycling, CAS at V
IH
tRC = tRC (min.)
tRAC = 40ns
tRAC = 50ns
tRAC = 60ns
tRAC = 70ns
130
120
80
70
mA
2
ICC4
Operating Current,
EDO Page Mode
RAS at V
IL, CAS address
cycling:tPC=tPC(min.)
tRAC = 40ns
tRAC = 50ns
tRAC = 60ns
tRAC = 70ns
130
120
80
70
mA
1,2
ICC5
Refresh Current,
CAS Before RAS
RAS , CAS address cycling:
tRC=tRC (min.)
tRAC = 40ns
tRAC = 50ns
tRAC = 60ns
tRAC = 70ns
130
120
80
70
mA
1
ICC6
Standby Current, (CMOS)
RAS
≥V
CC-0.2V,
CAS
≥V
CC-0.2V,
All other inputs VSS
300
µA
1,5
ICC7
Self refresh Current
RAS = CAS =0.2V,
WE = OE = A0~A10=VCC-0.2V or
0.2V
DQ0~DQ3=VCC-0.2V,0.2V or
Open
300
µA
VIL
Input Low Voltage
-0.3
+0.8
V
3
VIH
Input High Voltage
2.0
VCC+0.3
V
4
VOL
Output Low Voltage
IOL = 2mA
0.4
V
VOH
Output High Voltage
IOH = -2mA
2.4
V
Notes:
1. ICC is dependent on output loading when the device output is selected. Specified ICC(max.) is measured with the output open.
2. ICC is dependent upon the number of address transitions specified ICC(max.) is measured with a maximum of one transition per address cycle
in random Read/Write and EDO Fast Page Mode.
3. Specified VIL(min.) is steady state operation. During transitions VIL(min.) may undershoot to –1V for a period not to exceed 15ns. All AC
parameters are measured with VIL(min.)
≥V
SS and VIH(max.)
≤V
CC.
4. Specified VIH(max.) is steady state operation . During transitions VIH(max.) may overshoot to VCC+1V for a period not to exceed 15ns. All AC
parameters are measured with VIL(min.)
≥ V
SS and VIH(max.)
≤ V
CC .
5. S-Version.


Similar Part No. - GLT4160L04-40J3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT41016 ETC-GLT41016 Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-30J4 ETC-GLT41016-30J4 Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-30TC ETC-GLT41016-30TC Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-35J4 ETC-GLT41016-35J4 Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-35TC ETC-GLT41016-35TC Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
More results

Similar Description - GLT4160L04-40J3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416V4004C SAMSUNG-KM416V4004C Datasheet
808Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661612C SAMSUNG-K4E661612C Datasheet
884Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661612B SAMSUNG-K4E661612B Datasheet
885Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416V4004B SAMSUNG-KM416V4004B Datasheet
806Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E170411D SAMSUNG-K4E170411D Datasheet
256Kb / 21P
   4M x 4Bit CMOS Dynamic RAM with Extended Data Out
K4E661611D SAMSUNG-K4E661611D Datasheet
882Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416C4004C SAMSUNG-KM416C4004C Datasheet
946Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
logo
List of Unclassifed Man...
GLT440L16 ETC2-GLT440L16 Datasheet
404Kb / 17P
   256K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT44016 ETC-GLT44016 Datasheet
748Kb / 17P
   256K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016 ETC-GLT41016 Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com