Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS26F32ME Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS26F32ME
Description  Quad Differential Line Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS26F32ME Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS26F32ME Datasheet HTML 1Page - National Semiconductor (TI) DS26F32ME Datasheet HTML 2Page - National Semiconductor (TI) DS26F32ME Datasheet HTML 3Page - National Semiconductor (TI) DS26F32ME Datasheet HTML 4Page - National Semiconductor (TI) DS26F32ME Datasheet HTML 5Page - National Semiconductor (TI) DS26F32ME Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF9615
January 1996
DS26F32CDS26F32M
Quad Differential Line Receiver
General Description
The DS26F32 is a quad differential line receiver designed to
meet the requirements of EIA Standards RS-422 and RS-
423 and Federal Standards 1020 and 1030 for balanced
and unbalanced digital data transmission
The DS26F32 offers improved performance due to the use
of state-of-the-art L-FAST bipolar technology The L-FAST
technology allows for higher speeds and lower currents by
utilizing extremely short gate delay times
Thus
the
DS26F32 features lower power
extended temperature
range and improved specifications
The device features an input sensitivity of 200 mV over the
input common mode range of g70V The DS26F32 pro-
vides an enable function common to all four receivers and
TRI-STATE
outputs with 80 mA sink capability Also a
fail-safe inputoutput relationship keeps the outputs high
when the inputs are open
The DS26F32 offers optimum performance when used with
the DS26F31 Quad Differential Line Driver
Features
Y
Military temperature range
Y
Input voltage range of g70V (differential or common
mode) g02V sensitivity over the input voltage range
Y
Meets all the requirements of EIA standards RS-422
and RS-423
Y
High input impedance (18k typical)
Y
30 mV input hysteresis
Y
Operation from single a50V supply
Y
Input pull-down resistor prevents output oscillation on
unused channels
Y
TRI-STATE outputs with choice of complementary en-
ables for receiving directly onto a data bus
Y
Propagation delay 15 ns typical
Connection Diagrams
16-Lead DIP
TLF9615 – 1
Top View
Order Number DS26F32CJ or DS26F32MJ
See NS Package Number J16A
For Complete Military 883 Specifications
see RETS Datasheet
Order Number DS26F32ME883
DS26F32MJ883 or DS26F32MW883
See NS Package Number E20A J16A or W16A
20-Lead Ceramic Leadless Chip Carrier
TLF9615 – 7
Function Table (Each Receiver)
Differential Inputs
Enables
Outputs
VID e (VINa) b (VINb)E
E
OUT
VID t 02V
H
X
H
XL
H
VID s b02V
H
X
L
XL
L
XL
H
Z
H e High Level
L e Low Level
X e Immaterial
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1996 National Semiconductor Corporation
RRD-B30M36Printed in U S A
http
www nationalcom


Similar Part No. - DS26F32ME

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26F32ME/883 NSC-DS26F32ME/883 Datasheet
207Kb / 6P
   Quad Differential Line Receivers
DS26F32ME/883 NSC-DS26F32ME/883 Datasheet
313Kb / 12P
   QUAD DIFFERENTIAL LINE RECEIVERS ALSO AVAILABLE GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5, CONDITION A
DS26F32ME/883 NSC-DS26F32ME/883 Datasheet
665Kb / 11P
   DS26F32MQML
logo
Texas Instruments
DS26F32ME/883 TI1-DS26F32ME/883 Datasheet
435Kb / 15P
[Old version datasheet]   DS26F32MQML Quad Differential Line Receivers
logo
National Semiconductor ...
DS26F32MER-QML NSC-DS26F32MER-QML Datasheet
313Kb / 12P
   QUAD DIFFERENTIAL LINE RECEIVERS ALSO AVAILABLE GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5, CONDITION A
More results

Similar Description - DS26F32ME

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26C32AT NSC-DS26C32AT Datasheet
311Kb / 11P
   Quad Differential Line Receiver
logo
Texas Instruments
DS26C32AMQML TI1-DS26C32AMQML Datasheet
410Kb / 16P
[Old version datasheet]   DS26C32AMQML Quad Differential Line Receiver
SN65LVDS048A TI-SN65LVDS048A_06 Datasheet
140Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
logo
ARTSCHIP ELECTRONICS CO...
DS34C86T ARTSCHIP-DS34C86T Datasheet
215Kb / 6P
   Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90C032 TI1-DS90C032_16 Datasheet
864Kb / 18P
[Old version datasheet]   Quad CMOS Differential Line Receiver
DS26C32AMQML TI1-DS26C32AMQML_16 Datasheet
618Kb / 16P
[Old version datasheet]   DS26C32AMQML Quad Differential Line Receiver
SN65LVDS048 TI-SN65LVDS048 Datasheet
198Kb / 1P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
DS34C86T NSC-DS34C86T Datasheet
196Kb / 8P
   Quad CMOS Differential Line Receiver
logo
Texas Instruments
SN65LVDS048A TI-SN65LVDS048A Datasheet
282Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
MNDS90C032-X-RH NSC-MNDS90C032-X-RH Datasheet
281Kb / 10P
   LVDS Quad CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com