Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS26F32C Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS26F32C
Description  Quad Differential Line Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS26F32C Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS26F32C Datasheet HTML 1Page - National Semiconductor (TI) DS26F32C Datasheet HTML 2Page - National Semiconductor (TI) DS26F32C Datasheet HTML 3Page - National Semiconductor (TI) DS26F32C Datasheet HTML 4Page - National Semiconductor (TI) DS26F32C Datasheet HTML 5Page - National Semiconductor (TI) DS26F32C Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics VCC e 50V TA e 25 C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPLH
Input to Output
Figures 2 3
CL e 15 pF
15
22
ns
tPHL
Input to Output
15
22
ns
tLZ
Enable to Output
CL e 5pF
14
18
ns
tHZ
Enable to Output
Figures 2 4
15
20
ns
tZL
Enable to Output
CL e 15 pF
13
18
ns
tZH
Enable to Output
12
16
ns
TLF9615 – 2
FIGURE 1 Logic Symbol
TLF9615 – 3
TLF9615 – 4
FIGURE 2 Load Test Circuit for Three-State Outputs
FIGURE 3 Propagation Delay (Notes 1 2 and 3)
TLF9615 – 5
FIGURE 4 Enable and Disable Times (Notes 1 2 and 3)
Note 1
Diagram shown for ENABLE Low
Note 2
S1 and S2 of Load Circuit are closed except where shown
Note 3
Pulse Generator of all Pulses Rate s 10 MHz ZO e 50X tr s
60 ns tf s 60 ns
Note 4
All diodes are IN916 or IN3064
Note 5
CL includes probe and jig capacitance
http
www nationalcom
3


Similar Part No. - DS26F32C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26F32M NSC-DS26F32M Datasheet
207Kb / 6P
   Quad Differential Line Receivers
DS26F32ME/883 NSC-DS26F32ME/883 Datasheet
207Kb / 6P
   Quad Differential Line Receivers
DS26F32ME/883 NSC-DS26F32ME/883 Datasheet
313Kb / 12P
   QUAD DIFFERENTIAL LINE RECEIVERS ALSO AVAILABLE GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5, CONDITION A
DS26F32ME/883 NSC-DS26F32ME/883 Datasheet
665Kb / 11P
   DS26F32MQML
logo
Texas Instruments
DS26F32ME/883 TI1-DS26F32ME/883 Datasheet
435Kb / 15P
[Old version datasheet]   DS26F32MQML Quad Differential Line Receivers
More results

Similar Description - DS26F32C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26C32AT NSC-DS26C32AT Datasheet
311Kb / 11P
   Quad Differential Line Receiver
logo
Texas Instruments
DS26C32AMQML TI1-DS26C32AMQML Datasheet
410Kb / 16P
[Old version datasheet]   DS26C32AMQML Quad Differential Line Receiver
SN65LVDS048A TI-SN65LVDS048A_06 Datasheet
140Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
logo
ARTSCHIP ELECTRONICS CO...
DS34C86T ARTSCHIP-DS34C86T Datasheet
215Kb / 6P
   Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90C032 TI1-DS90C032_16 Datasheet
864Kb / 18P
[Old version datasheet]   Quad CMOS Differential Line Receiver
DS26C32AMQML TI1-DS26C32AMQML_16 Datasheet
618Kb / 16P
[Old version datasheet]   DS26C32AMQML Quad Differential Line Receiver
SN65LVDS048 TI-SN65LVDS048 Datasheet
198Kb / 1P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
DS34C86T NSC-DS34C86T Datasheet
196Kb / 8P
   Quad CMOS Differential Line Receiver
logo
Texas Instruments
SN65LVDS048A TI-SN65LVDS048A Datasheet
282Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
MNDS90C032-X-RH NSC-MNDS90C032-X-RH Datasheet
281Kb / 10P
   LVDS Quad CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com