Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28358 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY28358
Description  200-MHz Differential Clock Buffer/Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28358 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY28358 Datasheet HTML 3Page - Cypress Semiconductor CY28358 Datasheet HTML 4Page - Cypress Semiconductor CY28358 Datasheet HTML 5Page - Cypress Semiconductor CY28358 Datasheet HTML 6Page - Cypress Semiconductor CY28358 Datasheet HTML 7Page - Cypress Semiconductor CY28358 Datasheet HTML 8Page - Cypress Semiconductor CY28358 Datasheet HTML 9Page - Cypress Semiconductor CY28358 Datasheet HTML 10Page - Cypress Semiconductor CY28358 Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CY28358
PRELIMINARY
Document #: 38-07417 Rev. *A
Page 8 of 11
Maximum Ratings[3]
Input Voltage Relative to VSS:...............................VSS – 0.3V
Input Voltage Relative to VDDQ or AVDD:.............. VDD + 0.3V
Storage Temperature: ................................ –65
°C to + 150°C
Operating Temperature: .................................... 0
°C to +85°C
Maximum Power Supply: ................................................3.5V
This device contains circuitry to protect the inputs against
damage due to high static voltages or electric field; however,
precautions should be taken to avoid application of any volt-
age higher than the maximum rated voltages to this circuit. For
proper operation, Vin and Vout should be constrained to the
range:
VSS < (Vin or Vout) < VDD
Unused inputs must always be tied to an appropriate logic volt-
age level (either VSS or VDD).
Notes:
3.
Multiple Supplies: The voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required.
4.
Unused inputs must be held high or low to prevent them from floating
5.
For load conditions see Figure 7.
6.
The value of VOC is expected to be |VTR + VCP|/2. In case of each clock directly terminated by a 120Ω resistor. See Figure 7.
7.
All outputs switching loaded with 16pF in 60
Ω environment. SeeFigure 7
DC Parameters[4] (VDDA = VDDQ = 2.5V + 5%, TA = 0°C to +70°C)
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VIL
Input Low Voltage
SDATA, SCLK
1.0
V
VIH
Input High Voltage
SDATA, SCLK
2.2
V
VIL
Input Voltage Low
CLKIN, FBIN
0.4
V
VIH
Input Voltage High
CLKIN, FBIN
2.1
V
IIN
Input Current
VIN = 0V or VIN = VDDQ, CLKIN,
FBIN
–10
10
µA
IOL
Output Low Current
VDDQ = 2.375V, VOUT = 1.2V
26
35
mA
IOH
Output High Current
VDDQ = 2.375V, VOUT = 1V
–18
–32
mA
VOL
Output Low Voltage
VDDQ = 2.375V, IOL = 12 mA
0.6
V
VOH
Output High Voltage
VDDQ = 2.375V, IOH = –12 mA
1.7
V
VOUT
Output Voltage
Swing[5}
1.1
VDDQ–0.4
V
VOC
Output Crossing
Voltage[6]
(VDDQ/2) –
0.2
VDDQ/2
(VDDQ/2) + 0.2
V
IOZ
High-Impedance
Output Current
VO = GND or VO = VDDQ
–10
10
µA
IDDQ
Dynamic Supply
Current[7]
All VDDQ and VDDI,
FO = 200 MHz
235
300
mA
IDSTAT
Static Supply Current
2
mA
IDD
PLL Supply Current
VDDA only
9
12
mA
CIN
Input Pin Capacitance
4
6
pF


Similar Part No. - CY28358

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28358 SPECTRALINEAR-CY28358 Datasheet
135Kb / 10P
   200-MHz Differential Clock Buffer/Driver
CY28358OC SPECTRALINEAR-CY28358OC Datasheet
135Kb / 10P
   200-MHz Differential Clock Buffer/Driver
CY28358OCT SPECTRALINEAR-CY28358OCT Datasheet
135Kb / 10P
   200-MHz Differential Clock Buffer/Driver
More results

Similar Description - CY28358

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28358 SPECTRALINEAR-CY28358 Datasheet
135Kb / 10P
   200-MHz Differential Clock Buffer/Driver
CY28351 SPECTRALINEAR-CY28351 Datasheet
145Kb / 7P
   Differential Clock Buffer/Driver
logo
Silicon Laboratories
CY28353-2 SILABS-CY28353-2 Datasheet
111Kb / 9P
   Differential Clock Buffer/Driver
logo
Cypress Semiconductor
CY2SSTV855 CYPRESS-CY2SSTV855 Datasheet
162Kb / 7P
   Differential Clock Buffer/Driver
CY2SSTV8575 CYPRESS-CY2SSTV8575 Datasheet
122Kb / 8P
   Differential Clock Buffer/Driver
logo
SpectraLinear Inc
CY2SSTV855 SPECTRALINEAR-CY2SSTV855 Datasheet
93Kb / 6P
   Differential Clock Buffer/Driver
logo
Cypress Semiconductor
CY2SSTV850 CYPRESS-CY2SSTV850 Datasheet
115Kb / 11P
   Differential Clock Buffer/Driver
CY2SSTV855 CYPRESS-CY2SSTV855_06 Datasheet
133Kb / 7P
   Differential Clock Buffer/Driver
logo
SpectraLinear Inc
CY2SSTV8575 SPECTRALINEAR-CY2SSTV8575 Datasheet
134Kb / 7P
   Differential Clock Buffer/Driver
logo
Silicon Laboratories
CY2SSTV855 SILABS-CY2SSTV855 Datasheet
78Kb / 6P
   Differential Clock Buffer/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com