Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STC12LE5410AD Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # STC12LE5410AD
Description  STC12C5410AD
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STC12LE5410AD Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button STC12LE5410AD Datasheet HTML 4Page - List of Unclassifed Manufacturers STC12LE5410AD Datasheet HTML 5Page - List of Unclassifed Manufacturers STC12LE5410AD Datasheet HTML 6Page - List of Unclassifed Manufacturers STC12LE5410AD Datasheet HTML 7Page - List of Unclassifed Manufacturers STC12LE5410AD Datasheet HTML 8Page - List of Unclassifed Manufacturers STC12LE5410AD Datasheet HTML 9Page - List of Unclassifed Manufacturers STC12LE5410AD Datasheet HTML 10Page - List of Unclassifed Manufacturers STC12LE5410AD Datasheet HTML 11Page - List of Unclassifed Manufacturers STC12LE5410AD Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 149 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C5410AD 系列 1T 8051 单片机中文指南
0.485 inch(12.32 mm)
0.495 inch(12.57 mm)
0.447(11.35)
0.453(11.51)
0.042(1.07)
0.048(1.22)
0.042(1.07)
0.048(1.22)
0.547(13.89)
0.553 (14.05)
0.585(14.86)
0.595(15.11)
0.050 (1.27)
 BSC.
0.050 (1.27)
 BSC.
0.026 (0.66)
0.032 (0.81)
0.023(0.58)
0.029 (0.74)
× 30°
0.106 (2.69)
0.112 (2.84)
0.013(0.33)
0.021(0.53)
0.400(10.16)
 BSC
0.490(12.45)
0.530(13.46)
0.015(0.38)Min
0.075 (1.91)
0.095 (2.41)
0.125 (3.18)
0.140 (3.56)
Optional Pin #1
    Identifier
PIN1
1.445 (36.70)
1.455 (36.96)
0.280 (7.11)
0.240 (6.10)
0.090(2.29)
MAX
0.005(0.127)
MIN
1.300(33.02) REF
0.210(5.33)
MAX
0.150 (3.81)
0.115 (2.92)
0.100 (2.54)
0.070(1.78)
0.045(1.13)
0.022 (0.559)
0.014 (0.356)
0.015(0.381)MIN
0.325(8.26)
0.300(7.62)
0.014(0.356)
0.008(0.203)
0.430(10.92)MAX
15
REF
SEATING
PLANE
28-PIN PLASTIC DUAL-IN-LINE
PACKAGE (PDIP)
32-PIN PLASTIC LEAD CHIP CARRIER (PLCC)
PIN1
0.020 (0.508)
0.014 (0.350)
0.703 (17.856)
0.693 (17.602)
0.013 (0.330)
0.009 (0.229)
0.0484 (1.228)
0.0276 (0.700)
 0
10
 REF
0.112 (2.844)
0.100 (2.540)
0.014 (0.350)
0.004 (0.102)
28-PIN SMALL OUTLINE PACKAGE (SOP)
0.050 (1.270)
       STC12C5410AD 系列 1T 单片机封装尺寸图
0.299 (7.60)
0.291 (7.39)
0.420 (10.7)
0.393 (9.98)


Similar Part No. - STC12LE5410AD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STC12LE5052 ETC1-STC12LE5052 Datasheet
656Kb / 71P
   STC12C2052AD
STC12LE5052AD ETC1-STC12LE5052AD Datasheet
656Kb / 71P
   STC12C2052AD
logo
STCmicro Technology Co,...
STC12LE5604 STC-STC12LE5604 Datasheet
1Mb / 377P
   Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
2011-7-15
STC12LE5604AD STC-STC12LE5604AD Datasheet
1Mb / 377P
   Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
2011-7-15
STC12LE5604AD-35C STC-STC12LE5604AD-35C Datasheet
1Mb / 377P
   Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
2011-7-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com