Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2431 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CC2431
Description  System-on-Chip for 2.4 GHz ZigBee-TM / IEEE 802.15.4 with Location Engine
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2431 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC2431 Datasheet HTML 6Page - Texas Instruments CC2431 Datasheet HTML 7Page - Texas Instruments CC2431 Datasheet HTML 8Page - Texas Instruments CC2431 Datasheet HTML 9Page - Texas Instruments CC2431 Datasheet HTML 10Page - Texas Instruments CC2431 Datasheet HTML 11Page - Texas Instruments CC2431 Datasheet HTML 12Page - Texas Instruments CC2431 Datasheet HTML 13Page - Texas Instruments CC2431 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
CC2431
SWRS034
Page 10 of 14
results have been calculated or until a
reset.
Note that
LOCENG.EN must be 1 during
operation of the Location Engine.
2.2 Location Engine Registers
This section describes the RF registers
associated with the Location Engine.
These registers are:
LOCENG
Location Engine
control and status
REFCOORD
Reference
coordinates input
MEASPARM
Measured
parameters input
LOCX
Location estimate
X coordinate
LOCY
Location estimate
Y coordinate
LOCMIN
Minimum function
estimate
The RF registers reside in XDATA memory
space. Table 3 gives an overview of
register addresses while the remaining
tables in this section describe each
register in detail. Refer also to section 1
for Register conventions.
For the remaining RF registers refer to the
CC2430 Data Sheet.
Table 3 : Overview of Location Engine RF registers
XDATA
Address
Register name
Description
0xDF55
REFCOORD
Reference coordinates input
0xDF56
MEASPARM
Measured parameters input
0xDF57
LOCENG
Location Engine control and status
0xDF58
LOCX
Location estimate X coordinate
0xDF59
LOCY
Location estimate Y coordinate
0xDF5A
LOCMIN
Minimum function estimate
0xDF60
CHVER
Chip Version
0xDF61
CHIPID
Chip Identification
Bit
Name
Reset
R/W
Description
7:0
REFCOORD
0
R/W
Location Engine reference coordinate [x0, y0, x1, y1, … x7,
y7]
Table 4: Register REFCOORD (0xDF55)
Bit
Name
Reset
R/W
Description
7:0
MEASPARM
0
R/W
Location Engine measured parameters of channel and
reference nodes [A, n, rssi0, rssi1, …, rssi7]
Table 5: Register MEASPARM (0xDF56)


Similar Part No. - CC2431

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2431 TI-CC2431 Datasheet
338Kb / 14P
[Old version datasheet]   System-on-Chip for 2.4 GHz ZigBee/ IEEE 802.15.4 with Location Engine
logo
TEXAS ADVANCED OPTOELEC...
CC2431 TAOS-CC2431 Datasheet
194Kb / 16P
   System-on-Chip for 2.4 GHz ZigBee/ IEEE 802.15.4 with Location Engine
logo
Texas Instruments
CC2431-RTB1 TI-CC2431-RTB1 Datasheet
338Kb / 14P
[Old version datasheet]   System-on-Chip for 2.4 GHz ZigBee/ IEEE 802.15.4 with Location Engine
CC2431-RTR1 TI-CC2431-RTR1 Datasheet
338Kb / 14P
[Old version datasheet]   System-on-Chip for 2.4 GHz ZigBee/ IEEE 802.15.4 with Location Engine
CC2431DK TI-CC2431DK Datasheet
338Kb / 14P
[Old version datasheet]   System-on-Chip for 2.4 GHz ZigBee/ IEEE 802.15.4 with Location Engine
More results

Similar Description - CC2431

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
CC2431 TAOS-CC2431 Datasheet
194Kb / 16P
   System-on-Chip for 2.4 GHz ZigBee/ IEEE 802.15.4 with Location Engine
logo
Texas Instruments
CC2431 TI-CC2431_07 Datasheet
338Kb / 14P
[Old version datasheet]   System-on-Chip for 2.4 GHz ZigBee/ IEEE 802.15.4 with Location Engine
CC2430 TI-CC2430 Datasheet
1Mb / 234P
[Old version datasheet]   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
logo
TEXAS ADVANCED OPTOELEC...
CC2430 TAOS-CC2430 Datasheet
1Mb / 212P
   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
logo
Texas Instruments
CC2531F128 TI-CC2531F128_12 Datasheet
743Kb / 35P
[Old version datasheet]   A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee
logo
Aplus Intergrated Circu...
CC2530F32 APLUS-CC2530F32 Datasheet
890Kb / 31P
   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
TEXAS ADVANCED OPTOELEC...
CC2538 TAOS-CC2538 Datasheet
808Kb / 24P
   A Powerful System-On-Chip for 2.4-GHz IEEE 802.15.4, 6LoWPAN and ZigBee Applications
logo
Texas Instruments
CC2530F32 TI1-CC2530F32_17 Datasheet
980Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_11 Datasheet
648Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F3 TI-CC2530F3_12 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com