Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UZ1084L-XX-TQ2-A-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UZ1084L-XX-TQ2-A-R
Description  LINEAR INTEGRATED CIRCUIT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UZ1084L-XX-TQ2-A-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UZ1084L-XX-TQ2-A-R Datasheet HTML 1Page - Unisonic Technologies UZ1084L-XX-TQ2-A-R Datasheet HTML 2Page - Unisonic Technologies UZ1084L-XX-TQ2-A-R Datasheet HTML 3Page - Unisonic Technologies UZ1084L-XX-TQ2-A-R Datasheet HTML 4Page - Unisonic Technologies UZ1084L-XX-TQ2-A-R Datasheet HTML 5Page - Unisonic Technologies UZ1084L-XX-TQ2-A-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UZ1084
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R102-010,E
5A ADJUSTABLE/FIXED LOW
DROPOUT LINEAR
REGULATOR
DESCRIPTION
The UTC UZ1084-ADJ/Fixed voltage are low dropout
three-terminal regulators with 5A output current capability. These
devices have been optimized for low voltage applications
including VTT bus termination, where transient response and
minimum input voltage are critical.
On-chip thermal limiting provides protection against any
combination of overload and ambient temperature that would
create excessive junction temperatures.
FEATURES
*Fast transient response
*Low dropout Voltage at up to 5A
*Load regulation : 0.5% typical
*On-chip thermal limiting
APPLICATIONS
*Desktop PCs, RISC and embedded processors’ supply
*GTI, SSTL logic Reference bus supply
*Low voltage VCC logic supply
*Battery-powered circuitry
*Post regulator for switching supply
*Cable and ADSL modems’ DSP core supply
*Set Top Boxes and Web Boxes modules’ supply
1
TO-263-3
TO-252
1
TO-220
1
TO-263
1
1
TO-220F
*Pb-free plating product number: UZ1084L-xx
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
UZ1084-xx-TA3-A-R
UZ1084L-xx-TA3-A-R
TO-220
Tape Reel
UZ1084-xx-TA3-A-T
UZ1084L-xx-TA3-A-T
TO-220
Tube
UZ1084-xx-TF3-A-T
UZ1084L-xx-TF3-A-T
TO-220F
Tape Reel
UZ1084-xx-TF3-A-T
UZ1084L-xx-TF3-A-T
TO-220F
Tube
UZ1084-xx-TN3-A-R
UZ1084L-xx-TN3-A-R
TO-252
Tape Reel
UZ1084-xx-TN3-A-T
UZ1084L-xx-TN3-A-T
TO-252
Tube
UZ1084-xx-TQ2-A-R
UZ1084L-xx-TQ2-A-R
TO-263
Tape Reel
UZ1084-xx-TQ2-A-T
UZ1084L-xx-TQ2-A-T
TO-263
Tube
UZ1084-xx-TQ3-A-R
UZ1084L-xx-TQ3-A-R
TO-263-3
Tape Reel
UZ1084-xx-TQ3-A-T
UZ1084L-xx-TQ3-A-T
TO-263-3
ADJ/
GND
Vout Vin
Tube
Note: xx: Output voltage, refer to Marking Information.
UZ1084L-xx-TA3-A-R
(1)Packing Type
(3)Package Type
(5)Lead Plating
(4)Output Voltage Code
(2)Pin Assignment
(1) R: Tape Reel, T: Tube
(2) refer to Pin Assignment
(3) TA3: TO-220, TF3: TO-220F, TN3: TO-252,
TQ 2: TO-263, TQ3: TO-263-3
(4) xx: refer to Marking Information
(5) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - UZ1084L-XX-TQ2-A-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1084L-XX-TQ2-R UTC-UZ1084L-XX-TQ2-R Datasheet
192Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1084L-XX-TQ2-R UTC-UZ1084L-XX-TQ2-R Datasheet
209Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1084L-XX-TQ2-R UTC-UZ1084L-XX-TQ2-R Datasheet
231Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1084L-XX-TQ2-T UTC-UZ1084L-XX-TQ2-T Datasheet
192Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1084L-XX-TQ2-T UTC-UZ1084L-XX-TQ2-T Datasheet
209Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - UZ1084L-XX-TQ2-A-R

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com