Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWT6105 Datasheet(PDF) 11 Page - ANADIGICS, Inc

Part # AWT6105
Description  Cellular Dual Mode AMPS/CDMA
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6105 Datasheet(HTML) 11 Page - ANADIGICS, Inc

Back Button AWT6105 Datasheet HTML 7Page - ANADIGICS, Inc AWT6105 Datasheet HTML 8Page - ANADIGICS, Inc AWT6105 Datasheet HTML 9Page - ANADIGICS, Inc AWT6105 Datasheet HTML 10Page - ANADIGICS, Inc AWT6105 Datasheet HTML 11Page - ANADIGICS, Inc AWT6105 Datasheet HTML 12Page - ANADIGICS, Inc AWT6105 Datasheet HTML 13Page - ANADIGICS, Inc AWT6105 Datasheet HTML 14Page - ANADIGICS, Inc AWT6105 Datasheet HTML 15Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
PRELIMINARY DATA SHEET - Rev 1.2
10/2001
11
AWT6105
Figure 35
Figure 36
Figure 37
Figure 38
Figure 39
Figure 40
IS-98D ACPR versus Pout @ 836.5 MHz
Vcc: 3.5V, Vref: 3.0V, Vmode: 0.0V, ACPR: .885 MHz
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-7
-5
-3
-1
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31 33
Pout (dBm)
-30°C
25°C
85°C
IS-98D ACPR versus Pout @ 836.5 MHz
Vcc: 3.5V, Vref: 3.0V, Vmode: 0.0V, ACPR: 1.98 MHz
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-7
-5
-3
-1
1
3
5
7
9
11
13
15
17
19
21 23
25
27
29
31 33
Pout (dBm)
-30°C
25°C
85°C
IS-98D ACPR versus Pout @ 836.5 MHz
Vcc: 4.2V, Vref: 3.0V, Vmode: 2.7V, ACPR: .885 MHz
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
22
Pout (dBm)
-30°C
25°C
85°C
IS-98D ACPR versus Pout @ 836.5 MHz
Vcc: 4.2V, Vref: 3.0V, Vmode: 2.7V, ACPR: 1.98 MHz
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
22
Pout (dBm)
-30°C
25°C
85°C
IS-98D ACPR versus Pout @ 836.5 MHz
Vcc: 4.2V, Vref: 3.0V, Vmode: 0.0V, ACPR: .885 MHz
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-7
-5
-3
-1
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31 33
Pout (dBm)
-30°C
25°C
85°C
IS-98D ACPR versus Pout @ 836.5 MHz
Vcc: 4.2V, Vref: 3.0V, Vmode: 0.0V, ACPR: 1.98 MHz
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-7
-5
-3
-1
1
3
5
7
9
11
13
15
17
19
21 23
25
27
29
31 33
Pout (dBm)
-30°C
25°C
85°C


Similar Part No. - AWT6105

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6102M2 ANADIGICS-AWT6102M2 Datasheet
242Kb / 8P
   EGSM/DCS/PCS Triple Band Power Amplifier Module
AWT6103M5 ANADIGICS-AWT6103M5 Datasheet
139Kb / 4P
   Cellular Dual Mode AMPS/TDMA Mode 3.5V/30 dBm Linear Power Amplifier Module
AWT6104M5 ANADIGICS-AWT6104M5 Datasheet
147Kb / 4P
   PCS TDMA 3.5V/30 dBm Linear Power Amplifier Module
AWT6106 ANADIGICS-AWT6106 Datasheet
793Kb / 16P
   PCS/CDMA 3.5V/28.5dBm Linear Power Amplifier Module
AWT6106M5P8 ANADIGICS-AWT6106M5P8 Datasheet
793Kb / 16P
   PCS/CDMA 3.5V/28.5dBm Linear Power Amplifier Module
More results

Similar Description - AWT6105

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6130 ANADIGICS-AWT6130 Datasheet
195Kb / 8P
   Cellular Dual Mode AMPS/CDMA 3.5V 29dBm Power Amplifier Module
AWT6112 ANADIGICS-AWT6112 Datasheet
361Kb / 12P
   Cellular Dual Mode AMPS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6137 ANADIGICS-AWT6137 Datasheet
212Kb / 12P
   HELP Cellular Dual Mode AMPS/CDMA 3.4V/28dBm Linear Power Amplifier Module
logo
Zarlink Semiconductor I...
PLUTO ZARLINK-PLUTO Datasheet
277Kb / 15P
   Dual Mode CDMA/AMPS Baseband Interface
logo
Mitel Networks Corporat...
PLUTO MITEL-PLUTO Datasheet
139Kb / 15P
   Dual Mode CDMA/AMPS Baseband Interface
logo
TriQuint Semiconductor
TQ3131 TRIQUINT-TQ3131 Datasheet
226Kb / 16P
   3V Cellular Band CDMA/AMPS LNA IC
logo
Samsung semiconductor
S1M8656A SAMSUNG-S1M8656A Datasheet
264Kb / 26P
   CDMA/AMPS Dual Mode IF/ baseband IC
logo
TriQuint Semiconductor
TQ5135 TRIQUINT-TQ5135 Datasheet
355Kb / 22P
   3V Cellular CDMA/AMPS LNA/Mixer Receiver IC
logo
RF Micro Devices
RF2152 RFMD-RF2152 Datasheet
251Kb / 12P
   DUAL-MODE CDMA/AMPS OR TDMA/AMPS 3V POWER AMPLIFIER
logo
TriQuint Semiconductor
TQ5132 TRIQUINT-TQ5132 Datasheet
101Kb / 12P
   3V Cellular Band CDMA/AMPS RFA/Mixer IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com