Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X0202-TO-92 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # X0202-TO-92
Description  SCR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

X0202-TO-92 Datasheet(HTML) 2 Page - Unisonic Technologies

  X0202-TO-92 Datasheet HTML 1Page - Unisonic Technologies X0202-TO-92 Datasheet HTML 2Page - Unisonic Technologies X0202-TO-92 Datasheet HTML 3Page - Unisonic Technologies X0202-TO-92 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UTCX0202/A
SCR
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R301-005,A
ELECTRICAL CHARACTERISTICS(Tj=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Peak Forward or Reverse Blocking
Current
Tj =25
°C
Tj =125
°C
IDRM, IRRM
VDRM=VRRM, RGK=1kΩ
5
500
µ A
µ A
Peak Forward On-State Voltage
VTM
ITM= 2.5A, tp=380
µs
1.45
V
Gate Trigger Current
IGT
VD=12V, RL=140Ω
200
µ A
Gate Trigger Voltage
VGT
VD=12V, RL=140Ω
0.8
V
Gate Non-Trigger Voltage
VGD
VD=VDRM, RL=3.3kΩ,RGK=1kΩ,
(Tj=125
°C)
0.1
V
Holding Current
IH
IT=50mA, RGK=1kΩ
5
mA
Latch Current
IL
IG=1mA, RGK=1kΩ
6
mA
Critical Rate of Rise of Off-State
Voltage
dv/dt
VD=67%VDRM, RGK=1kΩ,
(Tj=110
°C)
10
V/
µs
Peak Reversed Gate Voltage
VRG
IRG=10
µ A
8
V
Threshold Voltage
VTO
(Tj=125
°C)
0.9
V
Dynamic Resistance
Rd
(Tj=125
°C)
200
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth(j-I)
Junction to leads
60
°C/W
Rth(j-a)
Junction to ambient
150
°C/W
TYPICAL CHARACTERISTICS CURVE
Figure 1.Maximum Average Power Dissipation
vs. Average On-stage Current
0.0
0.2
0.1
0.3
0.4
0.6
0.8
0.2
0.0
0.4
0.5 0.6
0.7 0.8 0.9
1.0
1.2
α
=180°
P(W)
IT(av)(A)
360°
Figure 2-1.Average and D.C. On-state Current
vs.Lead Temperature
0
0.2
25
75
0.4
0.6
0.8
50
0.0
100
125
Tlead (℃)
1.0
1.2
1.4
IT(av)(A)
α=180°
D.C.
α


Similar Part No. - X0202-TO-92

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
X0202-T92-B UTC-X0202-T92-B Datasheet
218Kb / 5P
   SENSITIVE SCRS
X0202-T92-K UTC-X0202-T92-K Datasheet
218Kb / 5P
   SENSITIVE SCRS
X0202-T92-R UTC-X0202-T92-R Datasheet
218Kb / 5P
   SENSITIVE SCRS
More results

Similar Description - X0202-TO-92

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKT250-16 IRF-IRKT250-16 Datasheet
157Kb / 6P
   SCR / SCR and SCR / DIODE
logo
Vishay Siliconix
VS-VSK170PBF VISHAY-VS-VSK170PBF Datasheet
323Kb / 13P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
VS-VSKT230-16 VISHAY-VS-VSKT230-16 Datasheet
218Kb / 10P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
logo
STMicroelectronics
TYN682 STMICROELECTRONICS-TYN682 Datasheet
59Kb / 4P
   SCR
BTW69 STMICROELECTRONICS-BTW69 Datasheet
74Kb / 5P
   SCR
logo
WeEn Semiconductors
BT151-650LTN WEEN-BT151-650LTN Datasheet
373Kb / 11P
   SCR
NCR100Q-6M WEEN-NCR100Q-6M Datasheet
401Kb / 11P
   SCR
NCR100W-12M WEEN-NCR100W-12M Datasheet
225Kb / 15P
   SCR
TYN16-600CT WEEN-TYN16-600CT Datasheet
221Kb / 12P
   SCR
TYN16S-600CT WEEN-TYN16S-600CT Datasheet
330Kb / 12P
   SCR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com