Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UR5596L-S08-T Datasheet(PDF) 9 Page - Unisonic Technologies

Part # UR5596L-S08-T
Description  MOS IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR5596L-S08-T Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button UR5596L-S08-T Datasheet HTML 3Page - Unisonic Technologies UR5596L-S08-T Datasheet HTML 4Page - Unisonic Technologies UR5596L-S08-T Datasheet HTML 5Page - Unisonic Technologies UR5596L-S08-T Datasheet HTML 6Page - Unisonic Technologies UR5596L-S08-T Datasheet HTML 7Page - Unisonic Technologies UR5596L-S08-T Datasheet HTML 8Page - Unisonic Technologies UR5596L-S08-T Datasheet HTML 9Page - Unisonic Technologies UR5596L-S08-T Datasheet HTML 10Page - Unisonic Technologies UR5596L-S08-T Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
UR5596
MOS IC
UNISONICTECHNOLOGIESCO.,LTD
9
www.unisonic.com.tw
QW-R502-045,A
TYPICAL PERFORMANCE CHARACTERISTICS
4
3.5
3
2.5
2
1.5
1
0.5
2
2.5
3
3.5
4
4.5
5
5.5
AVIN (V)
VIH and VIL
1.40
1.10
-30
-20
0
102030
IREF(μA)
VREF vs IREF
1.35
1.30
1.25
1.20
1.15
-10
3
2.5
2
1.5
1
0.5
0
01
2
3
4
5
6
VDDQ(V)
VREF vs VDDQ
1.275
1.270
1.265
1.260
1.255
1.250
1.245
-100 -75
0
25
75
100
IOUT(mA)
VTT vs IOUT
-50 -25
50
3
2.5
2
1.5
1
0.5
0
01
2
3
4
5
6
VDDQ(V)
VTT vs VDDQ
1.4
1.2
1
0.8
0.2
0
22.5
3
3.5
4
55.5
AVIN (V)
Maximum Sourcing Current vs AVIN
0.6
0.4
4.5
(VDDQ=2.5V, PVIN=1.8V)


Similar Part No. - UR5596L-S08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR5596L-S08-T UTC-UR5596L-S08-T Datasheet
219Kb / 12P
   DDR TERMINATION REGULATOR
UR5596L-S08-T UTC-UR5596L-S08-T Datasheet
223Kb / 12P
   DDR TERMINATION REGULATOR
More results

Similar Description - UR5596L-S08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM8560 UTC-LM8560 Datasheet
176Kb / 9P
   MOS IC
logo
Panasonic Semiconductor
MIP504 PANASONIC-MIP504 Datasheet
29Kb / 2P
   Silicon MOS IC
MIP0221SY PANASONIC-MIP0221SY Datasheet
34Kb / 2P
   Silicon MOS IC
MIP501 PANASONIC-MIP501 Datasheet
38Kb / 3P
   Silicon MOS IC
MIP506 PANASONIC-MIP506 Datasheet
30Kb / 2P
   Silicon MOS IC
MIP508 PANASONIC-MIP508 Datasheet
30Kb / 2P
   Silicon MOS IC
MIP713 PANASONIC-MIP713 Datasheet
73Kb / 3P
   Silicon MOS IC
MIP160 PANASONIC-MIP160 Datasheet
64Kb / 2P
   Silicon MOS IC
MIP301 PANASONIC-MIP301 Datasheet
33Kb / 2P
   Silicon MOS IC
MIP704 PANASONIC-MIP704 Datasheet
30Kb / 2P
   Silicon MOS IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com