Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCR03 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # RCR03
Description  3 FUNCTION DECODER FOR REMOTE CONTROLLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCR03 Datasheet(HTML) 6 Page - Unisonic Technologies

  RCR03 Datasheet HTML 1Page - Unisonic Technologies RCR03 Datasheet HTML 2Page - Unisonic Technologies RCR03 Datasheet HTML 3Page - Unisonic Technologies RCR03 Datasheet HTML 4Page - Unisonic Technologies RCR03 Datasheet HTML 5Page - Unisonic Technologies RCR03 Datasheet HTML 6Page - Unisonic Technologies RCR03 Datasheet HTML 7Page - Unisonic Technologies RCR03 Datasheet HTML 8Page - Unisonic Technologies RCR03 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
UTCRCR03
CMOS
UTC UNISONIC TECHNOLOGIES CO., LTD. 6
QW-R502-003,A
Figure2 Testing stand-by current
B
10
Rf
470K
s1
4.7U
C1 +
30
C9
4.5V
S2
The Sender Circuit
LFET
4.7U
C9
+
B1
9V
Figure 3
Note: Typical R7=4.4K
R8=22.3K
0.022U
C8
47n
C1
S1
R5
1.2K
S2
FORW ARD
S3
BACKW ARD
R1
27K
R2
27K
R3
6.8K
R4
6.8K
R7
100K
R8
200K
V3
IN4148
V4
IN4148
47n
C2
2200
C3
9015
V1
9015
V2
R10
10K
945
V5
27.145
XTAL
2.2U
L1
100
C5
47
C4
R9
10K
R11
100
L2
10T
C7
150
C6
56
A1
ANT


Similar Part No. - RCR03

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RCR02 UTC-RCR02 Datasheet
117Kb / 7P
   Decoder For Remote Controller With Five Functions
RCR02 UTC-RCR02 Datasheet
198Kb / 7P
   DECODER FOR REMOTE CONTROLLER
RCR02G-D16-T UTC-RCR02G-D16-T Datasheet
198Kb / 7P
   DECODER FOR REMOTE CONTROLLER
RCR02G-S16-R UTC-RCR02G-S16-R Datasheet
198Kb / 7P
   DECODER FOR REMOTE CONTROLLER
RCR02L-D16-T UTC-RCR02L-D16-T Datasheet
198Kb / 7P
   DECODER FOR REMOTE CONTROLLER
More results

Similar Description - RCR03

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RCR02 UTC-RCR02_18 Datasheet
198Kb / 7P
   DECODER FOR REMOTE CONTROLLER
RCR02 UTC-RCR02 Datasheet
117Kb / 7P
   Decoder For Remote Controller With Five Functions
RCR2C UTC-RCR2C Datasheet
129Kb / 7P
   DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCR2E UTC-RCR2E_15 Datasheet
164Kb / 6P
   DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCR2E UTC-RCR2E Datasheet
164Kb / 6P
   DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCR02 UTC-RCR02_15 Datasheet
123Kb / 7P
   Decoder For Remote Controller With Five Functions
logo
Pericom Semiconductor C...
PT8A973 PERICOM-PT8A973 Datasheet
75Kb / 13P
   7-Function Remote Controller
PT8A974LP PERICOM-PT8A974LP Datasheet
70Kb / 12P
   8-Function Remote Controller
logo
List of Unclassifed Man...
PT8A971AP ETC1-PT8A971AP Datasheet
65Kb / 10P
   5-Function Remote Controller
logo
Pericom Semiconductor C...
PT8A990A PERICOM-PT8A990A Datasheet
326Kb / 9P
   9-Function Remote Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com