Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

78TXXAL-TQ3-D-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 78TXXAL-TQ3-D-R
Description  LINEAR INTEGRATED CIRCUIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78TXXAL-TQ3-D-R Datasheet(HTML) 3 Page - Unisonic Technologies

  78TXXAL-TQ3-D-R Datasheet HTML 1Page - Unisonic Technologies 78TXXAL-TQ3-D-R Datasheet HTML 2Page - Unisonic Technologies 78TXXAL-TQ3-D-R Datasheet HTML 3Page - Unisonic Technologies 78TXXAL-TQ3-D-R Datasheet HTML 4Page - Unisonic Technologies 78TXXAL-TQ3-D-R Datasheet HTML 5Page - Unisonic Technologies 78TXXAL-TQ3-D-R Datasheet HTML 6Page - Unisonic Technologies 78TXXAL-TQ3-D-R Datasheet HTML 7Page - Unisonic Technologies 78TXXAL-TQ3-D-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
78TXXA
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R101-011,F
ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
VOUT=3.3~18V
VIN
35
V
Input Voltage
VOUT=24V
VIN
40
V
Output Current
IOUT
1
A
Power Dissipation
PD
Internally Limited
W
Junction Temperature
TJ
+125
°C
Operating Junction Temperature
TOPR
0~ +70
°C
Storage Temperature
TSTG
-40~ +150
°C
Note 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The device is guaranteed to meet performance specification within 0℃~+70℃ operating temperature range
and assured by design from -20℃~+85℃.
ELECTRICAL CHARACTERISTICS
FOR 78T33A (VIN=5.8V, IOUT=0.5A, TJ= 0°C-125°C, C1=0.33uF, Co=0.1uF, unless otherwise specified)(Note 1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C, IOUT=5mA-1.0A
3.168
3.30
3.432
V
Output Voltage
VOUT
VIN=5.8V~18.3V, IOUT=5mA-1.0A, PD
1
≦ 5W 3.135
3.465
V
TJ=25°C, IOUT=5mA-1.0A
33
mV
Load Regulation
∆V
OUT
TJ=25°C, IOUT=0.25A-0.75A
17
mV
VIN=5.8V~18.3V, TJ=25°C
33
mV
Line regulation
∆V
OUT
VIN=5.8V~18.3V, TJ=25°C, IOUT=1.0A
33
mV
Quiescent Current
IQ
TJ=25°C, IOUT
1.0A
8.0
mA
VIN=5.8V~18.3V
1.0
mA
Quiescent Current Change
∆I
Q
IOUT=5mA-1.0A
0.5
mA
Output Noise Voltage
eN
10Hz
f
100kHz
≦≦
55
µV
Temperature coefficient of Vo
∆Vo/∆T I
OUT=5Ma
-0.4
mV/
°C
Ripple Rejection
RR
VIN=6.3V-16.3V, f=120Hz,TJ=25°C
57
dB
Peak Output Current
IPEAK
TJ=25°C
1.8
A
Short-Circuit Current
ISC
VIN=35V, TJ=25°C
250
mA
Dropout Voltage
VD
TJ=25°C
2.0
V
FOR 78T47A (VIN=9.7V, IOUT=0.5A, TJ= 0°C - 125°C, C1=0.33uF, Co=0.1uF, unless otherwise specified)(Note 1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ=25°C, IOUT=5mA-1.0A
4.512
4.70
4.888
V
Output Voltage
VOUT
VIN=7.2V~19.7V,IOUT=5mA-1.0A,PD
15W
4.465
4.935
V
TJ=25°C, IOUT=5mA-1.0A
47
mV
Load Regulation
∆V
OUT
TJ=25°C, IOUT=0.25A-0.75A
24
mV
VIN=7.2V~19.7V, TJ=25°C
47
mV
Line regulation
∆V
OUT
VIN=7.2V~19.7V, TJ=25°C, IOUT=1.0A
47
mV
Quiescent Current
IQ
TJ=25°C, IOUT
1.0A
8.0
mA
VIN=7.2V~19.7V
1.0
mA
Quiescent Current Change
∆I
Q
IOUT=5mA-1.0A
0.5
mA
Output Noise Voltage
eN
10Hz
f
100kHz
≦≦
40
µV
Temperature coefficient of Vo
∆Vo/∆T
IOUT=5mA
-0.6
mV/
°C
Ripple Rejection
RR
VIN=7.7V-17.7V, f=120Hz, TJ=25°C
62
80
dB
Peak Output Current
IPEAK
TJ=25°C
1.8
A
Short-Circuit Current
ISC
VIN=35V, TJ=25°C
250
mA
Dropout Voltage
VD
TJ=25°C
2.0
V


Similar Part No. - 78TXXAL-TQ3-D-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78TXXAL-TQ3-R UTC-78TXXAL-TQ3-R Datasheet
223Kb / 8P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
78TXXAL-TQ3-R UTC-78TXXAL-TQ3-R Datasheet
225Kb / 7P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
78TXXAL-TQ3-R UTC-78TXXAL-TQ3-R Datasheet
223Kb / 7P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
78TXXAL-TQ3-R UTC-78TXXAL-TQ3-R Datasheet
349Kb / 9P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
78TXXAL-TQ3-R UTC-78TXXAL-TQ3-R Datasheet
361Kb / 8P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
More results

Similar Description - 78TXXAL-TQ3-D-R

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com