Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

78TXXA Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 78TXXA
Description  LINEAR INTEGRATED CIRCUIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

78TXXA Datasheet(HTML) 1 Page - Unisonic Technologies

  78TXXA Datasheet HTML 1Page - Unisonic Technologies 78TXXA Datasheet HTML 2Page - Unisonic Technologies 78TXXA Datasheet HTML 3Page - Unisonic Technologies 78TXXA Datasheet HTML 4Page - Unisonic Technologies 78TXXA Datasheet HTML 5Page - Unisonic Technologies 78TXXA Datasheet HTML 6Page - Unisonic Technologies 78TXXA Datasheet HTML 7Page - Unisonic Technologies 78TXXA Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
78TXXA
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 8
Copyright © 2005 Unisonic Technologies Co., Ltd.
QW-R101-011,F
3-TERMINAL 1A POSITIVE
VOLTAGE REGULATOR
DESCRIPTION
The UTC 78TXXA family is monolithic fixed voltage regulator
integrated circuit. They are suitable for applications that required
supply current up to 1 A.
FEATURES
*Peak output current up to 1 A
*Fixed output voltage of 3.3V, 4.7V ,5V, 6V, 7V, 8V, 9V, 10V, 12V,
15V, 18V and 24V available
*Thermal overload shutdown protection
*Short circuit current limiting
*Output transistor SOA protection
TO-263
1
1
TO-263-3
*Pb-free plating product number: 78TXXAL
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
1
2
3
Package
Packing
78TxxA-TQ2-D-R
78TxxAL-TQ2-D-R
I
G
O
TO-263
Tape Reel
78TxxA-TQ3-D-R
78TxxAL-TQ3-D-R
I
G
O
TO-263-3
Tape Reel
Note:
xx: output voltage, refer to Marking Information
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
TO-263
TO-263-3
33 :3.3V
47 :4.7V
05 :5.0V
06 :6.0V
07 :7.0V
08 :8.0V
09 :9.0V
10 :10V
12 :12V
15 :15V
18 :18V
24 :24V
12
3
UTC
78TXXA
DATE CODE
VOLTAGE CODE


Similar Part No. - 78TXXA

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
78TXXA UTC-78TXXA Datasheet
223Kb / 8P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
78TXXA UTC-78TXXA Datasheet
225Kb / 7P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
78TXXA UTC-78TXXA Datasheet
223Kb / 7P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
78TXXA UTC-78TXXA Datasheet
245Kb / 9P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
78TXXA-TQ2-R UTC-78TXXA-TQ2-R Datasheet
223Kb / 8P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
More results

Similar Description - 78TXXA

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com