Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME9003AEJHZ Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AME9003AEJHZ
Description  CCFL Backlight Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AME9003AEJHZ Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AME9003AEJHZ Datasheet HTML 5Page - Asahi Kasei Microsystems AME9003AEJHZ Datasheet HTML 6Page - Asahi Kasei Microsystems AME9003AEJHZ Datasheet HTML 7Page - Asahi Kasei Microsystems AME9003AEJHZ Datasheet HTML 8Page - Asahi Kasei Microsystems AME9003AEJHZ Datasheet HTML 9Page - Asahi Kasei Microsystems AME9003AEJHZ Datasheet HTML 10Page - Asahi Kasei Microsystems AME9003AEJHZ Datasheet HTML 11Page - Asahi Kasei Microsystems AME9003AEJHZ Datasheet HTML 12Page - Asahi Kasei Microsystems AME9003AEJHZ Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
AME, Inc.
9
AME9003
CCFL Backlight Controller
Preliminary
n Block Diagram
Figure 1
1
2
3
4
5
6
7
8
9
10
11
12
3.4V
REF
5V
LDO
13
14
15
16
17
18
19
20
21
22
23
24
C
B
A
B
A
C
Fault
Logic
V
CO
2bit
Count
2
7.5V
Dimming
RAMP
CEN
REF
C2
1
µ
CE
SSC
Logic
To Chip Enable
C3
0.047
µ
R3
15k
RDELTA
SSC1ST
V
Supply
RT2
R2
40K
VSS
OVPH
OVPL
FCOMP
CSDET
R35
R36
D16
R10
680
R9
221
BATTFB
C32
2.2nF
Q1
VBATT
R4
2K
PNP
SSV
BRIGHT
COMP
FB
CT1
VDD
BRPOL
VBATT
OUTA
OUTAPB
OUTC
C14
1000pF
BRIGHTNESS
Control VOLT.
C8
47nF
R7
30K
C4
0.047
µF
C7
4.7
µF
HI=Reverse
LO=Normal
C7
Q2
Q3-1
Q3-2
HS
Driver
PWM
2.5V
RES_SSV
2VOK
CE
BLANK
Later
140
µA
1.5uA
1
ST
RES_SSC
3V
RAMP
CLK
1.5V
3.3V
2.5V
2.5V
1
µA
RES_SSC
RES_SSV
RES_FCOMP
BAITOK
RES_FCOMP
1.25V
1.5V
1.25V
C31
0.47
µF
EA1
STRIKE
R41
10K
R40
60K
VBATT
VDD
D20
D21
R40
7.5k
C34
0.01u
R42
10k
10uA
20uA
FIRST


Similar Part No. - AME9003AEJHZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME9001 AME-AME9001 Datasheet
370Kb / 27P
   CCFL BACKLIGHT CONTROLLER
AME9001AETH AME-AME9001AETH Datasheet
370Kb / 27P
   CCFL BACKLIGHT CONTROLLER
logo
Asahi Kasei Microsystem...
AME9002 AKM-AME9002 Datasheet
815Kb / 37P
   CCFL Backlight Controller
AME9002AEJH AKM-AME9002AEJH Datasheet
815Kb / 37P
   CCFL Backlight Controller
AME9002AEPH AKM-AME9002AEPH Datasheet
815Kb / 37P
   CCFL Backlight Controller
More results

Similar Description - AME9003AEJHZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME9001 AME-AME9001 Datasheet
370Kb / 27P
   CCFL BACKLIGHT CONTROLLER
logo
Asahi Kasei Microsystem...
AME9002 AKM-AME9002 Datasheet
815Kb / 37P
   CCFL Backlight Controller
logo
Maxim Integrated Produc...
MAX8722C MAXIM-MAX8722C Datasheet
561Kb / 21P
   Low-Cost CCFL Backlight Controller
Rev 3; 2/09
MAX8722A MAXIM-MAX8722A Datasheet
383Kb / 20P
   Low-Cost CCFL Backlight Controller
19-3321; Rev 0; 10/05
MAX8722 MAXIM-MAX8722 Datasheet
331Kb / 20P
   Low-Cost CCFL Backlight Controller
Rev 0; 6/04
MAX8759 MAXIM-MAX8759 Datasheet
2Mb / 31P
   Low-Cost, SMBus, CCFL Backlight Controller
Rev 3; 4/14
logo
Marktech Corporate
MAX8759 MARKTECH-MAX8759 Datasheet
647Kb / 31P
   Low-Cost, SMBus, CCFL Backlight Controller
logo
List of Unclassifed Man...
AT1741 ETC-AT1741 Datasheet
414Kb / 10P
   2-CHANNEL PWM CONTROLLER FOR CCFL BACKLIGHT
logo
Maxim Integrated Produc...
MAX8709B MAXIM-MAX8709B Datasheet
990Kb / 24P
   High-Efficiency CCFL Backlight Controller with SMBus Interface
Rev 0; 3/07
MAX1996A MAXIM-MAX1996A Datasheet
883Kb / 28P
   High-Efficiency, Wide Brightness Range, CCFL Backlight Controller
Rev 1; 10/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com