Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8863AEEY150 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AME8863AEEY150
Description  600mA CMOS LDO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AME8863AEEY150 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AME8863AEEY150 Datasheet HTML 4Page - Asahi Kasei Microsystems AME8863AEEY150 Datasheet HTML 5Page - Asahi Kasei Microsystems AME8863AEEY150 Datasheet HTML 6Page - Asahi Kasei Microsystems AME8863AEEY150 Datasheet HTML 7Page - Asahi Kasei Microsystems AME8863AEEY150 Datasheet HTML 8Page - Asahi Kasei Microsystems AME8863AEEY150 Datasheet HTML 9Page - Asahi Kasei Microsystems AME8863AEEY150 Datasheet HTML 10Page - Asahi Kasei Microsystems AME8863AEEY150 Datasheet HTML 11Page - Asahi Kasei Microsystems AME8863AEEY150 Datasheet HTML 12Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AME, Inc.
8
600mA CMOS LDO
AME8863
Short Circuit Response
Overtemperature Shutdown
Current Limit Response
Chip Enable Transient Response
Line Transient Response
Quiescent Current vs. Temp.
Temperature ( oC)
26
28
30
32
34
36
38
40
-20
0
20
40
60
80
C
LOAD=2.2µF
I
LOAD =1mA
V
OUTDC=3.3V
V
INDC=4.5V
TIME (200mS/DIV)
TIME (2mS/DIV)
C
LOAD=2.2µF
C
IN=1µF
R
LOAD <100mΩ
TIME (2mS/DIV)
C
LOAD =2.2µ F
C
IN=1.0 µF
R
LOAD=3.3Ω
V
OUTNOM =3.3V
TIME (0.5Sec/DIV)
0
0
R
LOAD=6.6 Ω
0
0
TIME (1mS/DIV)
C
L=2µF
R
L=10Ω


Similar Part No. - AME8863AEEY150

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8863AEEY150L AME-AME8863AEEY150L Datasheet
116Kb / 12P
   600mA CMOS LDO
AME8863AEEY150Y AME-AME8863AEEY150Y Datasheet
116Kb / 12P
   600mA CMOS LDO
AME8863AEEY150Z AME-AME8863AEEY150Z Datasheet
116Kb / 12P
   600mA CMOS LDO
More results

Similar Description - AME8863AEEY150

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8806 AME-AME8806_06 Datasheet
245Kb / 18P
   600mA CMOS LDO
AME8805 AME-AME8805_12 Datasheet
188Kb / 17P
   600mA CMOS LDO
AME8841 AME-AME8841_08 Datasheet
201Kb / 14P
   600mA CMOS LDO
logo
List of Unclassifed Man...
CM2862 ETC1-CM2862 Datasheet
190Kb / 9P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_06 Datasheet
155Kb / 14P
   600mA CMOS LDO
AME8806 AME-AME8806 Datasheet
89Kb / 12P
   600mA CMOS LDO
AME8805 AME-AME8805 Datasheet
180Kb / 12P
   600mA CMOS LDO
logo
Unisonic Technologies
L1186 UTC-L1186_15 Datasheet
239Kb / 7P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8807 AME-AME8807_07 Datasheet
188Kb / 15P
   600mA CMOS LDO
AME8850 AME-AME8850 Datasheet
196Kb / 19P
   600mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com