Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8831BEEV330Y Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AME8831BEEV330Y
Description  150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AME8831BEEV330Y Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AME8831BEEV330Y Datasheet HTML 1Page - Asahi Kasei Microsystems AME8831BEEV330Y Datasheet HTML 2Page - Asahi Kasei Microsystems AME8831BEEV330Y Datasheet HTML 3Page - Asahi Kasei Microsystems AME8831BEEV330Y Datasheet HTML 4Page - Asahi Kasei Microsystems AME8831BEEV330Y Datasheet HTML 5Page - Asahi Kasei Microsystems AME8831BEEV330Y Datasheet HTML 6Page - Asahi Kasei Microsystems AME8831BEEV330Y Datasheet HTML 7Page - Asahi Kasei Microsystems AME8831BEEV330Y Datasheet HTML 8Page - Asahi Kasei Microsystems AME8831BEEV330Y Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AME, Inc.
1
AME8831
150mA Hi-PSRR, Low-Quiescent LDO
with In-Rush Current Control
For USB Application
n Typical Application
l Guaranteed 150mA Output
l Dropout Voltage Typically 150 mV at 150 mA
l 17
µA Quiescent Current
l Over-Temperature Shutdown
l Over-Current Limitation
l Noise Reduction Bypass Capacitor
l Power-Saving Shutdown Mode
l Space-Saving SOT-25 Package
l Factory Pre-set Output Voltages
l Enable pin option
l EN active low enable
l EN active high enable
l All AME's Lead Free Products Meet RoHS
Standards
The AME8831 family of positive, linear regulators fea-
ture low quiescent current (17
µA typ.) with low dropout
voltage, making them ideal for battery applications. The
space-saving SOT-25 package is attractive for
“Pocket”
and
“Hand Held”applications.
These rugged devices have both Thermal Shutdown,
and Current limitation to prevent device failure under the
“Worst” of operating conditions. In applications requires
a low noise regulated supply. The AME8831 family uses
the SR pin to program the output voltage
’s slew rate to
control the in-rush current. This is specifically used in
the USB application where large load capacitance is
present at start-up.
The AME8831 also features a logic-enabled sleep mode
to shutdown the regulator, reducing quiescent current to
1
µA typical at T
A= 25
oC.
The AME8831 is stable with an output capacitance of
4.7
µF or larger.
n General Description
n Features
n Applications
l Instrumentation
l Portable Electronics
l Wireless Devices
l Cordless Phones
l PC Peripherals
l Battery Powered Widgets
l Electronic Scales
n Function Block Diagram
* AME8831A: EN, AME8831B: EN
AMP
Current Limit
/ Thermal
Protection
10 k
GND
SR
V
IN
V
OUT
V
ref
R1
R2
* EN or EN
1
µF
AME8831B
GND
V
OUT
V
IN
EN
SR
4.7
µF
+
0.01
µF
V
IN
V
IN
4.7
µF
+
1
µF
AME8831A
GND
V
OUT
V
IN
EN
SR
0.01
µF
V
IN


Similar Part No. - AME8831BEEV330Y

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8831BEEV330Y AME-AME8831BEEV330Y Datasheet
135Kb / 15P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
More results

Similar Description - AME8831BEEV330Y

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8831 AME-AME8831_08 Datasheet
135Kb / 15P
   150mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
AME8821 AME-AME8821_08 Datasheet
239Kb / 15P
   250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
AME8821 AME-AME8821 Datasheet
179Kb / 15P
   250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
logo
Texas Instruments
TPS78825DBVR TI-TPS78825DBVR Datasheet
161Kb / 8P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS78825 TI1-TPS78825 Datasheet
730Kb / 12P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS788 TI-TPS788_15 Datasheet
716Kb / 12P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS78833DBVR TI1-TPS78833DBVR Datasheet
173Kb / 8P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
TPS78833 TI-TPS78833 Datasheet
171Kb / 9P
[Old version datasheet]   150-mA LOW-NOISE LDO WITH IN-RUSH CURRENT CONTROL FOR USB APPLICATION
logo
AMETHERM Circuit Protec...
AME8755 AMETHERM-AME8755 Datasheet
175Kb / 14P
   High PSRR, Low Quiescent Current, 150mA Dual CMOS LDO
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com