Electronic Components Datasheet Search |
|
AME431BAJETB25Z Datasheet(PDF) 1 Page - Analog Microelectronics |
|
AME431BAJETB25Z Datasheet(HTML) 1 Page - Analog Microelectronics |
1 / 19 page AME, Inc. 1 AME431B Adjustable Precision Shunt Regulator n Functional Block Diagram l Very accurate reference voltage : 0.15% typical l High stability under capacitive load l Low temperature deviation: 4.5mV typical l Low equivalent full-range temperature coefficient with 20PPM/oC typical l Low dynamic output resistance: 0.2 Ω typical l Sink current capacity from 1mA to 100mA l Low output noise l Available in 5 packages: TO-92, SOT-23-3, SOT-89, SO-8 and SOT-25 The AME431B series ICs are 3-terminal adjustable shunt regulator with guaranteed temperature stability over a full operation range. These ICs feature sharp turn-on characteristics, low temperature coefficient and low out- put impendance, which make them ideal substitutes for Zener diodes in applications such as switching power supply, charger and other adjustable regulators. The reference is set to 1.24V for AME431Bxxxxx12 and 2.5V for AME431Bxxxxx25. The output voltage can be set to 1.24V to 16V for V REF=1.24V part type and 2.5 to 36V for V REF=2.5V part type with two external resistors. The AME431B precision reference is offered in two ref- erence tolerance: 0.5% and 1.0% The 5 main packages have low thermal impendance which allows operation over a wide range of -40oC to +125oC. l Adjustable power supplies l Linear regulators l Battery operated computer l Portable electronics l Instrumentation l Switching power supply l Mother board l LCD monitor l Note book computer n General Description n Features n Applications V+ (Cathode) GND (Anode) REF V REF |
Similar Part No. - AME431BAJETB25Z |
|
Similar Description - AME431BAJETB25Z |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |