Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME7721BEEY500Z Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AME7721BEEY500Z
Description  Step-Up/Step-Down 60mA Regulated Charge Pump
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AME7721BEEY500Z Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AME7721BEEY500Z Datasheet HTML 1Page - Asahi Kasei Microsystems AME7721BEEY500Z Datasheet HTML 2Page - Asahi Kasei Microsystems AME7721BEEY500Z Datasheet HTML 3Page - Asahi Kasei Microsystems AME7721BEEY500Z Datasheet HTML 4Page - Asahi Kasei Microsystems AME7721BEEY500Z Datasheet HTML 5Page - Asahi Kasei Microsystems AME7721BEEY500Z Datasheet HTML 6Page - Asahi Kasei Microsystems AME7721BEEY500Z Datasheet HTML 7Page - Asahi Kasei Microsystems AME7721BEEY500Z Datasheet HTML 8Page - Asahi Kasei Microsystems AME7721BEEY500Z Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AME, Inc.
1
AME7720 / 7721
Step-Up/Step-Down
60mA Regulated Charge Pump
n General Description
n Features
n Applications
The AME7720 / 7721 is switched-capactitor voltage
doublers that delivers a regulated output. No external in-
ductor is required for operation. Using three small ca-
pacitors, the AME7720 / 7721 can deliver up to 60mA to
the voltage regulated output. The AME7720 / 7721 fea-
tures very low output pipple and high efficiency over a
large portion of its load range making this device ideal for
battery-powered applications. Furthermore, the combi-
nation of few external components and small package
size keeps the total converter board area to a minimum
in space restricted applications.
The AME7720 / 7721 contains a thermal management
circuit to protect the device under continuous output short
circuit conditions.
The AME7720 / 7721 is available in SOT-25 / SOT-26
package and is rated from -40OC to 85OC.
l Input Voltage Range:
5V Version: 2.7V to 5.5V
3.3V Version: 1.8V to 5.5V
l Accurate to with
±5%
l Output Current:
5V Version: 60mA with V
IN>=3.0V
3.3V Version: 60mA with V
IN >=2.2V
l 1MH
Z Switching Frequency
l Shutdown Mode < 1
µA (AME7720)
l Short Circuit Protection:Typ. 80mA
l Over Temperature Protection
l All AME’ s Lead Free Product Meet RoHS
Standards
l Cellular Phone
l Digital Camera
l PDAs LCD display
l LED/Display Back Light Driver
l Smart Card Reader
l SIM Card Supply
l PCMCIA Card
l LCD Display
n Functional Block Diagram
AME7720
AME7721
Control
EA
φ2
φ1
φ1
φ2
φ2
φ1
C-
C+
V
IN
V
OUT
GND
Control
EA
φ2
φ1
φ1
φ2
φ2
φ1
EN
C-
C+
V
IN
V
OUT
GND


Similar Part No. - AME7721BEEY500Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME7700 AME-AME7700 Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
AME7700AEEV AME-AME7700AEEV Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
AME7701 AME-AME7701 Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
AME7701AEEV AME-AME7701AEEV Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
AME7702 AME-AME7702 Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
More results

Similar Description - AME7721BEEY500Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME7739 AME-AME7739 Datasheet
169Kb / 11P
   Step-Up / Step-Down 60mA Regulated Charge Pump
logo
Maxim Integrated Produc...
MAX1595 MAXIM-MAX1595_11 Datasheet
180Kb / 7P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 3; 10/11
MAX1595 MAXIM-MAX1595_09 Datasheet
492Kb / 7P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 2; 6/09
MAX1595 MAXIM-MAX1595 Datasheet
350Kb / 8P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
19-2107; Rev 1; 8/02
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_09 Datasheet
1Mb / 13P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
Torex Semiconductor
XC9801 TOREX-XC9801_1 Datasheet
824Kb / 12P
   Regulated Voltage Step-Up Charge Pump ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com