Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME4620AEIYZ Datasheet(PDF) 8 Page - Analog Microelectronics

Part # AME4620AEIYZ
Description  1-Ohm Low Voltage SPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME4620AEIYZ Datasheet(HTML) 8 Page - Analog Microelectronics

Back Button AME4620AEIYZ Datasheet HTML 4Page - Analog Microelectronics AME4620AEIYZ Datasheet HTML 5Page - Analog Microelectronics AME4620AEIYZ Datasheet HTML 6Page - Analog Microelectronics AME4620AEIYZ Datasheet HTML 7Page - Analog Microelectronics AME4620AEIYZ Datasheet HTML 8Page - Analog Microelectronics AME4620AEIYZ Datasheet HTML 9Page - Analog Microelectronics AME4620AEIYZ Datasheet HTML 10Page - Analog Microelectronics AME4620AEIYZ Datasheet HTML 11Page - Analog Microelectronics AME4620AEIYZ Datasheet HTML 12Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AME, Inc.
8
AME4620
1-Ohm Low Voltage
SPDT Analog Switch
Ron vs. COM Voltage over Supply Voltage
Ron vs. COM Voltage over Temperature
OFF Leakage vs. Temperature
Charge Injection vs. COM Voltage
Logic Threshold Voltage vs. Supply Voltage
TURN-ON/OFF Times vs. Supply Voltage
0
4
3
2
1
5
6
5
4
3
1
2
8
7
9
VCOM (V)
+1.8V
+2.0V
+2.5V
+2.3V
+5.0V
VCOM=100mA
+3.0V
0
4
3
2
1
5
0.75
0.50
0.25
1.00
1.25
VCOM (V)
T
A=+105
0C
T
A=+85
0C
T
A=+25
0C
T
A=-40
0C
T
A=-55
0C
V+ = 5V
I
COM=100mA
-40
40
20
0
-20
60
0.2
0.0
0.4
Temperature (OC)
80
100
0.1
0.3
0
4
2
6
60
20
0
80
100
VCOM (V)
40
120
140
1
3
5
4.5
3
2.5
0.5
0
1.5
2.0
Supply Voltage (V)
1.0
2.5
VIN Falling
2
5.0
3.5
4
VIN Rising
2
5
4
3
6
0
40
VSUPPLY (V)
20
60
80
100
t
ON
t
OFF


Similar Part No. - AME4620AEIYZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME4620AEIYZ AME-AME4620AEIYZ Datasheet
133Kb / 15P
   1-Ohm Low Voltage SPDT Analog Switch
More results

Similar Description - AME4620AEIYZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME4620 AME-AME4620_1 Datasheet
133Kb / 15P
   1-Ohm Low Voltage SPDT Analog Switch
AME4624 AME-AME4624 Datasheet
153Kb / 15P
   1-Ohm Low Voltage SPDT Analog Switch
AME4621 AME-AME4621 Datasheet
70Kb / 12P
   1-Ohm Low Voltage Dual SPDT Analog Switch
logo
Union Semiconductor, In...
UM4157 UNIONSEMI-UM4157_14 Datasheet
285Kb / 10P
   0.8(OHM) Low-Voltage SPDT Analog Switch
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157 Datasheet
363Kb / 11P
   0.4-ohm Low Voltage SPDT Analog Switch
logo
Pericom Semiconductor C...
PI5A4158 PERICOM-PI5A4158 Datasheet
360Kb / 8P
   Low Voltage SPDT 0.8(ohm) Analog Switch
logo
Vishay Siliconix
DG2711 VISHAY-DG2711_10 Datasheet
102Kb / 9P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
Rev. C, 25-Oct-10
DG2711 VISHAY-DG2711 Datasheet
127Kb / 8P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
Rev. A, 15-Nov-04
DG2711 VISHAY-DG2711_08 Datasheet
110Kb / 8P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
Rev. B, 30-Apr-07
logo
Pericom Semiconductor C...
PI5A4157 PERICOM-PI5A4157 Datasheet
511Kb / 10P
   Low Voltage SPDT 0.8(ohm) Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com