Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMS1242S-D Datasheet(PDF) 10 Page - Summit Microelectronics, Inc.

Part # SMS1242S-D
Description  2.5V, 3V, 3.3V & 5V Dual Voltage, Dual Reset Microprocessor Supervisory Circuits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS1242S-D Datasheet(HTML) 10 Page - Summit Microelectronics, Inc.

Back Button SMS1242S-D Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS1242S-D Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS1242S-D Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS1242S-D Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS1242S-D Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS1242S-D Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS1242S-D Datasheet HTML 9Page - Summit Microelectronics, Inc. SMS1242S-D Datasheet HTML 10Page - Summit Microelectronics, Inc. SMS1242S-D Datasheet HTML 11Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
SMS1242
2038 2.0 6/8/00
SUMMIT MICROELECTRONICS, Inc.
ORDERING INFORMATION
SMS1242
S
A
Base Part Number
Option
See Option Table
Package
S = SOIC
2038 Option Table 2.0
Table 3. Order Options
r
e
b
m
u
N
t
r
a
P
g
n
i
t
a
r
e
p
O
e
g
a
t
l
o
V
V
T
S
R
V
S
N
S
g
n
i
t
a
r
e
p
O
e
r
u
t
a
r
e
p
m
e
T
e
g
n
a
R
&
t
n
u
o
C
d
a
e
L
e
l
y
t
S
e
g
a
k
c
a
P
A
-
S
2
4
2
1
S
M
S
V
5
.
5
o
t
V
1
5
2
4
.
4
V
5
2
.
1C
º
5
8
o
t
C
º
0
4
C
I
O
S
n
i
P
8
B
-
S
2
4
2
1
S
M
S5
7
4
.
4
C
-
S
2
4
2
1
S
M
S6
7
6
.
4
D
-
S
2
4
2
1
S
M
S0
5
4
.
4
E
-
S
2
4
2
1
S
M
S0
5
6
.
2
F
-
S
2
4
2
1
S
M
S0
5
9
.
2
*
-
S
2
4
2
1
S
M
S*
G
O
R
P


Similar Part No. - SMS1242S-D

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMS12 SEMTECH-SMS12 Datasheet
161Kb / 7P
   TVS Diode Array For ESD and Latch-Up Protection???
logo
Microsemi Corporation
SMS12 MICROSEMI-SMS12 Datasheet
227Kb / 2P
   4 LINE UNIDIRECTIONAL TVSarray
logo
Protek Devices
SMS12 PROTEC-SMS12 Datasheet
707Kb / 8P
   MULTI-LINE TVS ARRAY
SMS12 PROTEC-SMS12 Datasheet
710Kb / 8P
   MULTI-LINE TVS ARRAY
logo
Shanghai Leiditech Elec...
SMS12 LEIDITECH-SMS12 Datasheet
160Kb / 3P
   USB 2.0 power and data line
More results

Similar Description - SMS1242S-D

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1910 AMSCO-AS1910 Datasheet
158Kb / 2P
   Dual-Voltage Microprocessor Supervisory Circuits with Reset and Watchdog
AS1910 AMSCO-AS1910_1 Datasheet
384Kb / 15P
   Dual-Voltage Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Maxim Integrated Produc...
MAX817L MAXIM-MAX817L Datasheet
114Kb / 16P
   5V Microprocessor Supervisory Circuits
Rev 1; 3/96
MAX817L MAXIM-MAX817L_05 Datasheet
280Kb / 16P
   5V Microprocessor Supervisory Circuits
Rev 3; 12/05
logo
Linear Technology
LTC695-3.3 LINER-LTC695-3.3_15 Datasheet
199Kb / 20P
   3.3V Microprocessor Supervisory Circuits
LTC694-3.3 LINER-LTC694-3.3 Datasheet
148Kb / 16P
   3.3V Microprocessor Supervisory Circuits
LTC694-3.3 LINER-LTC694-3.3_15 Datasheet
199Kb / 20P
   3.3V Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690T MAXIM-MAX690T_05 Datasheet
287Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 2; 12/05
MAX690T MAXIM-MAX690T Datasheet
100Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 1; 9/94
MAX690R MAXIM-MAX690R Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 3; 4/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com