Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMM766FR5 Datasheet(PDF) 1 Page - Summit Microelectronics, Inc.

Part # SMM766FR5
Description  Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM766FR5 Datasheet(HTML) 1 Page - Summit Microelectronics, Inc.

  SMM766FR5 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMM766FR5 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMM766FR5 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM766FR5 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM766FR5 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM766FR5 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM766FR5 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM766FR5 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM766FR5 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
SMM766
Preliminary Information
1
(See Last Page)
© SUMMIT Microelectronics, Inc. 2004 • 1717 Fox Drive • San Jose CA 95131 • Phone 408 436-9890 • FAX 408 436-9897
The Summit Web Site can be accessed by “right” or “left” mouse clicking on the link: http://www.summitmicro.com/
2086 2.1 12/13/2005
1
Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link
• Extremely accurate (±0.2%) Active
DC Output Control (ADOC™)
• Sequence-Link™ provides sequencing of up to
48 channels
• ADOC automatically adjusts supply output
voltage level under all DC load conditions
• Monitors, controls, and margins up to 6
supplies from 0.3V to 5.5V with 1.25V Vref
• Programmable power-on/-off sequencing
• Operates from any intermediate bus supply
from 6V to 14V and from 2.7V to 5.5V
• Monitors 12V input VDD and temperature sensor
• Wide margin/ADOC range from 0.3V to VDD
• Monitors two general-purpose 10-bit ADC inputs
• I2C 2-wire serial bus for programming
configuration and monitoring status, including
10-bit ADC conversion results
• 2 programmable Under Voltage (UV) and Over
Voltage (OV) threshold limits for each of 11
monitored inputs
• 2k-bit general purpose nonvolatile memory
Applications
• Monitor/control distributed and POL supplies
• Multi-voltage processors, DSPs, ASICSs used in
telecom, CompactPCI or server systems
The SMM766 is an Active DC Output power supply
Controller (ADOC
TM) that monitors, margins, and
cascade sequences. The ADOC feature is unique and
maintains extremely accurate settings of system
supply voltages to within ±0.2% under full load. The
SMM766 actively controls up to 6 DC/DC converters
and can be linked with up to 7 other Sequence-Link™
devices to accommodate sequencing of up to 48
channels. Control of the DC-DC converters is
accomplished through the use of a Trim or Regulator
VADJ/FB pin to adjust the output voltage. For system
test, the part also controls margining of the supplies
using I
2C commands. It can margin supplies with
either positive or negative control within a range of
0.3V to VDD, depending on the specified range of the
converter. The SMM766 also intelligently sequences
or cascades the power supplies on and off in any
order using enable outputs with programmable
polarity. It can operate off any intermediate bus supply
ranging from 6V to 14V or from 5.5V to as low as 2.7V.
The part monitors 6 power supply channels as well as
VDD, 12V input, two general-purpose analog inputs
and an internal temperature sensor using a 10-bit
ADC. The 10-bit ADC can measure the value on any
one of the monitor channels and output the data via
the I
2C bus. A host system can communicate with the
SMM766 status register, margining and utilize 2K-bits
of nonvolatile memory.
SIMPLIFIED APPLICATIONS DRAWING
TRIM
B
PUP
B
VM
B
TRIM_CAP
B
CAP
B
TRIM
A
PUP
A
VM
A
TRIM_CAP
A
CAP
A
SMM766
µP/
ASIC
3.3VIN (+2.7V to +5.5V Range)
RESET#
READY
HEALTHY
12VIN (+6V to +14V Range)
External
or
Internal
TEMP
SENSOR
AIN1
2.5VIN
1.2VIN
12V
SDA
SCL
I2C
BUS
3.3V
A2
VREF
VIN
TRIM
Vout
DC/DC
Converter A
ON/OFF
VIN
TRIM
Vout
DC/DC
Converter B
ON/OFF
External or
Internal
REFERENCE
Environmental
SENSOR
AIN2
DC/DC
Converter C, E
DC/DC
Converter D, F
2 of 6 DC-DC
Converters shown
SEQ_LINK
Figure 1 – Applications schematic using the SMM766 controller to actively control the output levels of up
to 6 DC/DC converters while also providing power-on/off, cascade sequencing and output margining.
Note: This is an applications example only. Some pins, components and values are not shown.
INTRODUCTION
FEATURES & APPLICATIONS


Similar Part No. - SMM766FR5

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMM766B SUMMIT-SMM766B Datasheet
498Kb / 39P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link
SMM766B SUMMIT-SMM766B_11 Datasheet
449Kb / 39P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
SMM766 SUMMIT-SMM766_11 Datasheet
420Kb / 32P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
More results

Similar Description - SMM766FR5

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMM766B SUMMIT-SMM766B Datasheet
498Kb / 39P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link
SMM766 SUMMIT-SMM766_11 Datasheet
420Kb / 32P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
SMM766B SUMMIT-SMM766B_11 Datasheet
449Kb / 39P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
SMM764 SUMMIT-SMM764 Datasheet
385Kb / 33P
   Four-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
SMM665B SUMMIT-SMM665B Datasheet
867Kb / 30P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665C SUMMIT-SMM665C Datasheet
639Kb / 36P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665B SUMMIT-SMM665B_11 Datasheet
938Kb / 30P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665C SUMMIT-SMM665C_11 Datasheet
587Kb / 36P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM465 SUMMIT-SMM465 Datasheet
950Kb / 30P
   4-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM605 SUMMIT-SMM605 Datasheet
899Kb / 23P
   Six-Channel Supply Voltage Marginer and Active DC Output Controller (ADOCTM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com