Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMR100E Datasheet(PDF) 6 Page - Summit Microelectronics, Inc.

Part # SMR100E
Description  Programmable Long-Delay Push-Button Reset Controller for Consumer Equipment
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMR100E Datasheet(HTML) 6 Page - Summit Microelectronics, Inc.

  SMR100E Datasheet HTML 1Page - Summit Microelectronics, Inc. SMR100E Datasheet HTML 2Page - Summit Microelectronics, Inc. SMR100E Datasheet HTML 3Page - Summit Microelectronics, Inc. SMR100E Datasheet HTML 4Page - Summit Microelectronics, Inc. SMR100E Datasheet HTML 5Page - Summit Microelectronics, Inc. SMR100E Datasheet HTML 6Page - Summit Microelectronics, Inc. SMR100E Datasheet HTML 7Page - Summit Microelectronics, Inc. SMR100E Datasheet HTML 8Page - Summit Microelectronics, Inc. SMR100E Datasheet HTML 9Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SMR100
Preliminary Information
Summit Microelectronics, Inc
2076 1.6 06/30/04
6
AC OPERATING CHARACTERISTICS
(Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND.)
Symbol
Parameter
Notes
Min.
Typ.
Max
Unit
0.8
1
1.2
ms
20
25
30
ms
80
100
120
ms
TRESET_OUT
Reset Timeout period
Programmed Default = 25ms
160
200
240
ms
3
4
5
µs
4.5
6
7.5
µs
7.5
10
12.5
µs
tGLITCH
Programmable glitch filter times
Programmed Default = 4
µs
13.5
18
22.5
µs
0.26
0.325
0.39
s
0.5
0.625
0.75
s
1
1.25
1.5
s
2
2.5
3
s
4
5
6
s
8
10
12
s
16
20
24
s
tRESET_HD
Programmable Reset Hold-Down
Delay times
Programmed Default = 10s
32
40
48
s


Similar Part No. - SMR100E

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMR101 SUMMIT-SMR101 Datasheet
218Kb / 9P
   programmable reset controller especially designed for embedded consumer electronics.
logo
Kemet Corporation
SMR10104H100J01L4BULK KEMET-SMR10104H100J01L4BULK Datasheet
1Mb / 25P
   SMR Series Metallized Polyphenylene Sulfide Film, 150C, 5.0 ??27.5 mm Lead Spacing, 50 ??400 VDC
SMR10104H250J01L4BULK KEMET-SMR10104H250J01L4BULK Datasheet
1Mb / 25P
   SMR Series Metallized Polyphenylene Sulfide Film, 150C, 5.0 ??27.5 mm Lead Spacing, 50 ??400 VDC
SMR10104H400J01L4BULK KEMET-SMR10104H400J01L4BULK Datasheet
1Mb / 25P
   SMR Series Metallized Polyphenylene Sulfide Film, 150C, 5.0 ??27.5 mm Lead Spacing, 50 ??400 VDC
SMR10104H50J01L4BULK KEMET-SMR10104H50J01L4BULK Datasheet
1Mb / 25P
   SMR Series Metallized Polyphenylene Sulfide Film, 150C, 5.0 ??27.5 mm Lead Spacing, 50 ??400 VDC
More results

Similar Description - SMR100E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6520 STMICROELECTRONICS-STM6520 Datasheet
263Kb / 23P
   Dual push-button Smart Reset??with push-button controlled output delay
logo
Summit Microelectronics...
SMR101 SUMMIT-SMR101 Datasheet
218Kb / 9P
   programmable reset controller especially designed for embedded consumer electronics.
SMR101 SUMMIT-SMR101_10 Datasheet
153Kb / 9P
   programmable reset controller especially designed for embedded consumer electronics.
logo
STMicroelectronics
SPC56P-DISCOVERY STMICROELECTRONICS-SPC56P-DISCOVERY Datasheet
133Kb / 6P
   Reset push button
logo
Richtek Technology Corp...
RT9829 RICHTEK-RT9829 Datasheet
147Kb / 9P
   Dual Push-Button Reset
logo
Micrel Semiconductor
MIC2788 MICREL-MIC2788 Datasheet
548Kb / 17P
   Push-Button Reset IC
logo
STMicroelectronics
STM6522 STMICROELECTRONICS-STM6522 Datasheet
303Kb / 25P
   Dual push-button Smart Reset??with capacitor-adjustable setup delay
logo
Texas Instruments
TPS3899 TI-TPS3899_V02 Datasheet
2Mb / 33P
[Old version datasheet]   TPS3899 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
DECEMBER 2020
TPS3899 TI-TPS3899_V03 Datasheet
2Mb / 34P
[Old version datasheet]   TPS3899 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
JANUARY 2022
TPS3899 TI-TPS3899_V04 Datasheet
2Mb / 34P
[Old version datasheet]   TPS3899 Nano-Power, Precision Voltage Supervisor, Push-Button Monitor with Programmable Sense and Reset Delay
JANUARY 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com