Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMM465FR03 Datasheet(PDF) 8 Page - Summit Microelectronics, Inc.

Part # SMM465FR03
Description  4-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM465FR03 Datasheet(HTML) 8 Page - Summit Microelectronics, Inc.

Back Button SMM465FR03 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM465FR03 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM465FR03 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM465FR03 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM465FR03 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM465FR03 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMM465FR03 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMM465FR03 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMM465FR03 Datasheet HTML 12Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
SMM465
Preliminary Information
Summit Microelectronics, Inc
2085 1.1 05/27/04
8
DC OPERATING CHARACTERISTICS (CONTINUED)
(Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND.)
Symbol
Parameter
Notes
Min
Typ
Max
Unit
VOL
Programmable Open Drain
Outputs (RST, HEALTHY,
FAULT, PUPx)
ISINK = 1mA
0
0.4
V
IOL
Output Low Current
Note – Total ISINK from all PUPx pins
should not exceed 3mA or ADOCACC
specification will be affected
0
1.0
mA
VSENSE
Positive Sense Voltage
VM pin
+0.3
VDD_CAP
V
VMonitor
Monitor Threshold Step Size
VM, AIN1/AIN2 pins
5
mV
Commercial Temp Range
-3
+3
oC
TSA
Internal Temperature Sensor
Accuracy
Industrial Temp Range
-5
+5
oC
TMonitor
Temperature Threshold Step Size
Internal Temp Sensor
0.25
oC
VREF
Internal 1.25VREF Output Voltage
1.24
1.25
1.26
V
–40
°C to +85°C
-0.25
+0.25
%
VREF TC
Internal VREF Temperature
Coefficient
–5
°C to +70°C
-0.15
+0.15
%
VREF ACC Internal VREF Accuracy
-0.4
+0.4
%
Ext VREF
External VREF Voltage Range
0.5
VDD_CAP
V
External VREF=1.25V, ±0.1%,
Total PUPx ISINK < 3ma,
VSENSE 3.5V
-0.2
±0.1
+0.2
%
External VREF=1.25V, ±0.1%,
Total PUPx ISINK < 3ma,
VSENSE 3.5V
-0.5
±0.3
+0.5
%
ADOCACC
ADOC/Margin Accuracy
Internal VREF=1.25V, Total
PUPx ISINK < 3ma
-0.5
±0.3
+0.5
%
VOUT_VALID
Minimum Output Valid Voltage
VDD_CAP voltage at which
the PUP, RST, HEALTHY
and FAULT outputs are valid
1
V
VDD_CAP Rising
2.6
V
UVLO
Under Voltage Lockout
Threshold
1
VDD_CAP Falling
2.5
V
Note 1 - (100mV typ Hysteresis)


Similar Part No. - SMM465FR03

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SMM4 AVX-SMM4 Datasheet
90Kb / 2P
   SMPS Stacked MLC Capacitors (SMM Style) Extended Range
logo
XP Power Limited
SMM400PD21 XPPOWER-SMM400PD21 Datasheet
198Kb / 4P
   AC-DC Power Supplies
SMM400PD21-C XPPOWER-SMM400PD21-C Datasheet
198Kb / 4P
   AC-DC Power Supplies
SMM400PD22 XPPOWER-SMM400PD22 Datasheet
198Kb / 4P
   AC-DC Power Supplies
SMM400PD22-C XPPOWER-SMM400PD22-C Datasheet
198Kb / 4P
   AC-DC Power Supplies
More results

Similar Description - SMM465FR03

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMM665B SUMMIT-SMM665B Datasheet
867Kb / 30P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665C SUMMIT-SMM665C Datasheet
639Kb / 36P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665B SUMMIT-SMM665B_11 Datasheet
938Kb / 30P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665C SUMMIT-SMM665C_11 Datasheet
587Kb / 36P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM766B SUMMIT-SMM766B Datasheet
498Kb / 39P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link
SMM766 SUMMIT-SMM766_11 Datasheet
420Kb / 32P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
SMM766B SUMMIT-SMM766B_11 Datasheet
449Kb / 39P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
SMM764 SUMMIT-SMM764 Datasheet
385Kb / 33P
   Four-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
SMM766 SUMMIT-SMM766 Datasheet
960Kb / 32P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
SMM205 SUMMIT-SMM205 Datasheet
901Kb / 20P
   Dual Channel Supply Voltage Marginer and Active DC Output Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com