Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML2120 Datasheet(PDF) 6 Page - Summit Microelectronics, Inc.

Part # SML2120
Description  Programmable Adaptive Laser Power Controller with Dual Lookup Tables
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SML2120 Datasheet(HTML) 6 Page - Summit Microelectronics, Inc.

Back Button SML2120 Datasheet HTML 2Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 3Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 4Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 5Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 6Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 7Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 8Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 9Page - Summit Microelectronics, Inc. SML2120 Datasheet HTML 10Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Absolute Maximum Ratings
SML2120
6
2066 6.3 1/22/04
Summit Microelectronics
ABSOLUTE MAXIMUM RATINGS
Temperature Under Bias............................. –55°C to 125°C
Power Supply Current (IDD) .....................................115 mA
Storage Temperature .................................. –65°C to 150°C
Solder Temperature (10 seconds) ............................ 300 °C
Terminal Voltage with Respect to VSS:
All inputs.................................................. -0.3V to 6.0V
Open Drain Output Short Circuit Current.................100 mA
Junction Temperature ................................................150oC
ESD Rating per JEDEC .............................................2000V
Latch-Up testing per JEDEC..................................± 100mA
RECOMMENDED OPERATING CONDITIONS
Temperature Range (Ambient) ................. -40o C to +85o C
Supply Voltage(VDD).................................... 3.135V to 5.5V
Package Thermal Resistance (
θJA) 28-pin QFN..... 80oC/W
Moisture Classification Level 1 (MSL 1) per J-STD-020
Reliability Characteristics
Data Retention..................................................... 100 Years
Endurance1................................................. 100,000 Cycles
Stresses listed under Absolute Maximum Ratings may cause permanent
damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions outside those listed in the
operational sections of this specification is not implied. Exposure to any
absolute maximum rating for extended periods may affect device
performance and reliability.
(Over recommended operating conditions, unless otherwise noted. All voltages are relative to VSS.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Supply voltage
Max bias and modulation
current
3.135
5.5
V
IDD3
Power supply current
VDD=3.3V, Bias and Mod open
2
2.5
mA
IDD5
Power supply current
VDD=5.5V, Bias and Mod open
2
5.0
mA
ISB3
Stand-by supply current
VDD=3.3V, ENA#,AM#=VIH
2.0
mA
ISB5
Stand-by supply current
VDD=5.5V, ENA#,AM#=VIH
5.0
mA
ILI
Input leakage current
Vin = 0V to Vdd
1
µA
ILO
Output leakage current
Vout = 0V to Vdd
1
µA
VOL
Output low voltage
IOL = 2 mA
0.4
V
VIL
Input low voltage
-0.1
0.3 x Vdd
V
VIH
Input high voltage
0.7 x Vdd
Vdd
V
Analog Inputs
VMPD
MPD input active range
0
2
V
IEXT_TEMP Full Scale Input Current range Note 1
1.
Guaranteed by design.
078.1
µA
VEXT_TEMP Full Scale Input Voltage range VDD=3.3V to 5V
0
3.3
V
Analog Outputs
ILUNMAX
Maximum full-scale sink
modulation current
ILU0, ILU1
-2.350
-2.650
mA
ILUPMAX
Maximum full-scale source
modulation current
ILU0, ILU1
2.280
2.720
mA
IBIASMAX
Maximum full-scale bias current
-90
-110
mA
DC OPERATING CHARACTERISTICS


Similar Part No. - SML2120

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SML2108 SUMMIT-SML2108 Datasheet
452Kb / 21P
   Laser Diode Adaptive Power Controller
SML2108F SUMMIT-SML2108F Datasheet
452Kb / 21P
   Laser Diode Adaptive Power Controller
More results

Similar Description - SML2120

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SML2108 SUMMIT-SML2108 Datasheet
452Kb / 21P
   Laser Diode Adaptive Power Controller
logo
Maxim Integrated Produc...
MAX31760 MAXIM-MAX31760 Datasheet
1Mb / 37P
   Precision Fan-Speed Controller with Nonvolatile Lookup Table
2019
logo
Analog Devices
ADP3153 AD-ADP3153_15 Datasheet
167Kb / 12P
   5-Bit Programmable Dual Power Supply Controller
REV. 0
logo
Texas Instruments
TNETX15AE TI-TNETX15AE Datasheet
1Mb / 78P
[Old version datasheet]   ADDRESS-LOOKUP DEVICE
logo
Micrel Semiconductor
SY88905 MICREL-SY88905_05 Datasheet
82Kb / 10P
   LASER DIODE CONTROLLER WITH APC
SY88905 MICREL-SY88905 Datasheet
107Kb / 9P
   LASER DIODE CONTROLLER WITH APC
logo
List of Unclassifed Man...
ATLD201V1 ETC2-ATLD201V1 Datasheet
41Kb / 5P
   Dual Mode 30MHz Modulation Laser Controller
logo
Renesas Technology Corp
ZL2004-01 RENESAS-ZL2004-01 Datasheet
409Kb / 8P
   Adaptive Digital DC/DC Controller with Current Sharing
logo
Monolithic Power System...
HR1001A MPS-HR1001A Datasheet
1Mb / 25P
   Enhanced LLC Controller with Adaptive Dead-Time Control
HR1001B MPS-HR1001B Datasheet
1Mb / 25P
   Enhanced LLC Controller with Adaptive Dead-Time Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com