Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C2801PZS Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS320C2801PZS
Description  Digital Signal Processors
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C2801PZS Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS320C2801PZS Datasheet HTML 5Page - Texas Instruments TMS320C2801PZS Datasheet HTML 6Page - Texas Instruments TMS320C2801PZS Datasheet HTML 7Page - Texas Instruments TMS320C2801PZS Datasheet HTML 8Page - Texas Instruments TMS320C2801PZS Datasheet HTML 9Page - Texas Instruments TMS320C2801PZS Datasheet HTML 10Page - Texas Instruments TMS320C2801PZS Datasheet HTML 11Page - Texas Instruments TMS320C2801PZS Datasheet HTML 12Page - Texas Instruments TMS320C2801PZS Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 134 page
background image
www.ti.com
Revision History
TMS320F2809, TMS320F2808, TMS320F2806
TMS320F2802, TMS320F2801, UCD9501
TMS320C2802, TMS320C2801 Digital Signal Processors
SPRS230G – OCTOBER 2003 – REVISED FEBRUARY 2006
This data manual was revised from SPRS230F to SPRS230G.
Scope: Added information/data on TMS320F2809, TMS320F2802, TMS320C2802, and TMS320C2801.
• Information/data on TMS320F2809 is PRODUCT PREVIEW.
PRODUCT PREVIEW information concerns products in the formative or design phase of
development. Characteristic data and other specifications are design goals. Texas Instruments
reserves the right to change or discontinue these products without notice.
• Information/data on TMS320F2802, TMS320C2802, and TMS320C2801 is PRODUCTION DATA.
PRODUCTION DATA information is current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty. Production processing does
not necessarily include testing of all parameters.
This document has been reviewed for technical accuracy; the technical content is up to date as of the
specified release date with the following changes:
Technical Changes Made for Revision G
Location
Additions, Deletions, Changes
Global
Added information/data on TMS320F2809 (PRODUCT PREVIEW)
Added information/data on TMS320F2802 (PRODUCTION DATA)
Added information/data on TMS320C2802 (PRODUCTION DATA)
Added information/data on TMS320C2801 (PRODUCTION DATA)
Section 1
Updated "On-Chip Memory" feature
Updated "Enhanced Control Peripherals" feature
Updated "12-Bit ADC, 16 Channels" feature
Section 2
Updated paragraph about device applications
Added "Information/data on TMS320F2809 is PRODUCT PREVIEW" NOTE
Table 2-1
Updated table
Added F2809, F2802, C2802, and C2801 data
Updated "One-time programmable (OTP) ROM" FEATURE for all devices
Removed "External memory interface" FEATURE
Updated "Serial Communications Interface (SCI)" FEATURE for F2802
Removed "The Q temperature version will be available once the S version is qualified for the Q100
automotive fault grading." footnote.
Figure 2-1
Updated signal names of pins 83, 91, and 99
Added "F2809 is pin-compatible to F2808" note below figure.
Figure 2-2
Updated signal names of pins 9 and 72
Figure 2-3
Changed title to "TMS320F2802, TMS320F2801/UCD9501, TMS320C2802, TMS320C2801 100-Pin
PZ LQFP (Top View)"
Added footnote
Figure 2-4
Changed title to "TMS320F2808, TMS320F2806, TMS320F2802, TMS320F2801, TMS320C2802,
TMS320C2801 100-Ball GGM and ZGM MicroStar BGA™ (Bottom View)"
Table 2-2
Added ZGM to "PIN NO." column heading
Updated DESCRIPTION of EMU0, EMU1, and VDD3VFL
"GPIOA AND PERIPHERAL SIGNAL" section:
Updated DESCRIPTION column of GPIO1, GPIO3, GPIO5–GPIO27
Figure 3-1
Updated Functional Block Diagram with F2809, F2802, C2802, and C2801 data
Figure 3-4
Added "F2802, C2802 Memory Map"
Figure 3-5
Changed title to "F2801/9501, C2801 Memory Map"
Updated Memory Map with C2801 data
Table 3-1
Added "Addresses of Flash Sectors in F2809" table
Revision History
9


Similar Part No. - TMS320C2801PZS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C2801PZS TI-TMS320C2801PZS Datasheet
1Mb / 140P
[Old version datasheet]   Digital Signal Processors
TMS320C2801PZS TI-TMS320C2801PZS Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
TMS320C2801PZS TI1-TMS320C2801PZS Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
TMS320C2801PZS TI1-TMS320C2801PZS Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results

Similar Description - TMS320C2801PZS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com