Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRS51C1100-40-L Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # VRS51C1100-40-L
Description  Versa 8051 MCU with 128KB of IAP/ISP Flash
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VRS51C1100-40-L Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  VRS51C1100-40-L Datasheet HTML 1Page - List of Unclassifed Manufacturers VRS51C1100-40-L Datasheet HTML 2Page - List of Unclassifed Manufacturers VRS51C1100-40-L Datasheet HTML 3Page - List of Unclassifed Manufacturers VRS51C1100-40-L Datasheet HTML 4Page - List of Unclassifed Manufacturers VRS51C1100-40-L Datasheet HTML 5Page - List of Unclassifed Manufacturers VRS51C1100-40-L Datasheet HTML 6Page - List of Unclassifed Manufacturers VRS51C1100-40-L Datasheet HTML 7Page - List of Unclassifed Manufacturers VRS51C1100-40-L Datasheet HTML 8Page - List of Unclassifed Manufacturers VRS51C1100-40-L Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
VRS51C1100
_______________________________________________________________________________________________
www.ramtron.com
page 3 of 50
VRS51C1100 DIP40 Pin Descriptions
TABLE 2: VRS51C1100 PIN DESCRIPTIONS FOR DIP40 PACKAGE
DIP40
Name
I/O
Function
T2
I
Timer 2 Clock Out
1
P1.0
I/O
Bit 0 of Port 1
T2EX
I
Timer 2 Control
2
P1.1
I/O
Bit 1 of Port 1
PWM0
O
PWM Channel 0
3
P1.2
I/O
Bit 2 of Port 1
PWM1
O
PWM Channel 1
4
P1.3
I/O
Bit 3 of Port 1
PWM2
O
PWM Channel 2
5
P1.4
I/O
Bit 4 of Port 1
PWM3
O
PWM Channel 3
6
P1.5
I/O
Bit 5 of Port 1
7
P1.6
I/O
Bit 6 of Port 1
8
P1.7
I/O
Bit 7 of Port 1
9
RESET
I
Reset
RXD
I
Receive Data
10
P3.0
I/O
Bit 0 of Port 3
TXD
O
Transmit Data &
11
P3.1
I/O
Bit 1 of Port 3
#INT0
I
External Interrupt 0
12
P3.2
I/O
Bit 2 of Port 3
#INT1
I
External Interrupt 1
13
P3.3
I/O
Bit 3 of Port 3
T0
I
Timer 0
14
P3.4
I/O
Bit 4 of Port 3
T1
I
Timer 1 & 3
15
P3.5
I/O
Bit 5 of Port
#WR
O
Ext. Memory Write
16
P3.6
I/O
Bit 6 of Port 3
#RD
O
Ext. Memory Read
17
P3.7
I/O
Bit 7 of Port 3
18
XTAL2
O
Oscillator/Crystal Output
19
XTAL1
I
Oscillator/Crystal In
20
VSS
-
Ground
T2 / P1.0
T2EX / P1.1
PWM0 / P1.2
PWM1 / P1.3
PWM2 / P1.4
PWM3 / P1.5
P1.6
P1.7
RESET
RXD / P3.0
TXD / P3.1
#INT0 / P3.2
#INT1 / P3.3
T0 / P3.4
T1 / P3.5
#WR / P3.6
#RD / P3.7
XTAL2
XTAL1
VSS
VRS51C1100
DIP-40
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
VDD
P0.0 / AD0
P0.1 / AD1
P0.2 / AD2
P0.3 / AD3
P0.4 / AD4
P0.5 / AD5
P0.6 / AD6
P0.7 / AD7
#EA / VPP
ALE
PSEN
P2.7 / A15
P2.6 / A14
P2.5 / A13
P2.4 / A12
P2.3 / A11
P2.2 / A10
P2.1 / A9
P2.0 / A8
DIP40
Name
I/O
Function
P2.0
I/O
Bit 0 of Port 2
21
A8
O
Bit 8 of External Memory Address
P2.1
I/O
Bit 1 of Port 2
22
A9
O
Bit 9 of External Memory Address
P2.2
I/O
Bit 2 of Port 2
23
A10
O
Bit 10 of External Memory Address
P2.3
I/O
Bit 3 of Port 2 &
24
A11
O
Bit 11 of External Memory Address
P2.4
I/O
Bit 4 of Port 2
25
A12
O
Bit 12 of External Memory Address
P2.5
I/O
Bit 5 of Port 2
26
A13
O
Bit 13 of External Memory Address
P2.6
I/O
Bit 6 of Port 2
27
A14
O
Bit 14 of External Memory Address
P2.7
I/O
Bit 7 of Port 2
28
A15
O
Bit 15 of External Memory Address
29
#PSEN
O
Program Store Enable
30
ALE
O
Address Latch Enable
31
#EA /
VPP
I
External Access
Flash programming voltage input
P0.7
I/O
Bit 7 Of Port 0
32
AD7
I/O
Data/Address Bit 7 of External
Memory
P0.6
I/O
Bit 6 of Port 0
33
AD6
I/O
Data/Address Bit 6 of External
Memory
P0.5
I/O
Bit 5 of Port 0
34
AD5
I/O
Data/Address Bit 5 of External
Memory
P0.4
I/O
Bit 4 of Port 0
35
AD4
I/O
Data/Address Bit 4 of External
Memory
P0.3
I/O
Bit 3 Of Port 0
36
AD3
I/O
Data/Address Bit 3 of External
Memory
P0.2
I/O
Bit 2 of Port 0
37
AD2
I/O
Data/Address Bit 2 of External
Memory
P0. 1
I/O
Bit 1 of Port 0 & Data
38
AD1
I/O
Address Bit 1 of External Memory
P0.0
I/O
Bit 0 Of Port 0 & Data
39
AD0
I/O
Address Bit 0 of External Memory
40
VDD
-
Supply input


Similar Part No. - VRS51C1100-40-L

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
VRS51C1000 RAMTRON-VRS51C1000 Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
VRS51C1000-40-L RAMTRON-VRS51C1000-40-L Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
VRS51C1000-40-L-ISPV2 RAMTRON-VRS51C1000-40-L-ISPV2 Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
VRS51C1000-40-LG RAMTRON-VRS51C1000-40-LG Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
VRS51C1000-40-LG-ISPV2 RAMTRON-VRS51C1000-40-LG-ISPV2 Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
More results

Similar Description - VRS51C1100-40-L

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
VRS51C1000 RAMTRON-VRS51C1000 Datasheet
474Kb / 48P
   Versa 8051 MCU with 64KB of IAP/ISP Flash
VRS51L1050 RAMTRON-VRS51L1050 Datasheet
504Kb / 49P
   Versa 8051 3.3V MCU with 64KB of IAP/ISP Flash
logo
List of Unclassifed Man...
VRS51X540 ETC1-VRS51X540 Datasheet
1Mb / 40P
   Versa 8051 MCU with 4KB Flash
logo
Ramtron International C...
VRS51L2070 RAMTRON-VRS51L2070 Datasheet
3Mb / 99P
   High-Performance Versa 8051 MCU
logo
List of Unclassifed Man...
VRS51X550 ETC1-VRS51X550 Datasheet
1Mb / 40P
   Versa 8051 MCUs with 8/16KB Flash
VMX1C1016 ETC1-VMX1C1016 Datasheet
3Mb / 76P
   Versa Mix 8051 Mixed-Signal MCU
VMX1C1020 ETC1-VMX1C1020 Datasheet
3Mb / 80P
   Versa Mix 8051 Mixed-Signal MCU
VMX51C900 ETC1-VMX51C900 Datasheet
2Mb / 55P
   Versa Mix 8051 MCU with LCD Controller and ADC
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com