Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS418160 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS418160
Description  1048576-WORD BY 16-BIT HIGH-SPEED DRAMS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS418160 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS418160 Datasheet HTML 4Page - Texas Instruments TMS418160 Datasheet HTML 5Page - Texas Instruments TMS418160 Datasheet HTML 6Page - Texas Instruments TMS418160 Datasheet HTML 7Page - Texas Instruments TMS418160 Datasheet HTML 8Page - Texas Instruments TMS418160 Datasheet HTML 9Page - Texas Instruments TMS418160 Datasheet HTML 10Page - Texas Instruments TMS418160 Datasheet HTML 11Page - Texas Instruments TMS418160 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
TMS416160, TMS416160P, TMS418160, TMS418160P
TMS426160, TMS426160P, TMS428160, TMS428160P
1048576-WORD BY 16-BIT HIGH-SPEED DRAMS
SMKS160C – MAY 1995 – REVISED NOVEMBER 1995
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
TMS416160 / P
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
’416160 - 60
’416160P - 60
’416160 - 70
’416160P - 70
’416160 - 80
’416160P - 80
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
VOH
High-level output
voltage
IOH = – 5 mA
2.4
2.4
2.4
V
VOL
Low-level output
voltage
IOL = 4.2 mA
0.4
0.4
0.4
V
II
Input current
(leakage)
VCC = 5.5 V,
VI = 0 V to 6.5 V,
All others = 0 V to VCC
± 10
± 10
± 10
µA
IO
Output current
(leakage)
VCC = 5.5 V,
VO = 0 V to VCC,
xCAS high
± 10
± 10
± 10
µA
ICC1‡§
Read- or write-cycle
current
VCC = 5.5 V,
Minimum cycle
90
80
70
mA
I
Standby current
VIH = 2.4 V ( TTL),
After 1 memory cycle,
RAS and xCAS high
2
2
2
mA
ICC2
Standby current
VIH = VCC – 0.2 V (CMOS),
After 1 memory cycle
’416160
1
1
1
mA
After 1 memory cycle,
RAS and xCAS high
’416160P
500
500
500
µA
ICC3§
Average refresh
current (RAS-only
refresh or CBR)
VCC = 5.5 V,
Minimum cycle,
RAS cycling,
xCAS high (RAS only),
RAS low after xCAS low (CBR)
90
80
70
mA
ICC4ঠAverage page current
VCC = 5.5 V,
tPC = MIN,
RAS low,
xCAS cycling
90
80
70
mA
ICC6#
Self-refresh current
xCAS < 0.2 V,
RAS < 0.2 V,
Measured after tRASS min
500
500
500
µA
ICC10#
Battery back-up
operating current
(equivalent refresh
time is 128 ms); CBR
only
tRC = 31.25 µs,
tRAS ≤ 300 ns,
VCC – 0.2 V ≤ VIH ≤ 6.5 V,
0 V
≤ VIL ≤ 0.2 V, W and OE = VIH,
Address and data stable
600
600
600
µA
† For conditions shown as MIN / MAX, use the appropriate value specified in the timing requirements.
‡ Measured with outputs open
§ Measured with a maximum of one address change while RAS = VIL
¶ Measured with a maximum of one address change while xCAS = VIH
# For TMS416160P only


Similar Part No. - TMS418160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS418160 TI-TMS418160 Datasheet
355Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORY
TMS418160A TI-TMS418160A Datasheet
355Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORY
TMS418160A-60DZ TI-TMS418160A-60DZ Datasheet
355Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORY
TMS418160A-60DZR TI-TMS418160A-60DZR Datasheet
355Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORY
TMS418160ADZ TI-TMS418160ADZ Datasheet
355Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORY
More results

Similar Description - TMS418160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS416169 TI-TMS416169 Datasheet
1Mb / 67P
[Old version datasheet]   1048576-WORD BY 16-BIT EXTENDED DATA OUT HIGH-SPEED DRAMS
TMS416169_1998 TI1-TMS416169_1998 Datasheet
391Kb / 26P
[Old version datasheet]   1048576-WORD BY 16-BIT EXTENDED DATA OUT HIGH-SPEED DRAMS
TMS416400 TI-TMS416400 Datasheet
441Kb / 30P
[Old version datasheet]   4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
TMS416800 TI1-TMS416800 Datasheet
358Kb / 25P
[Old version datasheet]   2097152-WORD BY 8-BIT HIGH-SPEED DRAMS
TMS417400DJ-70 TI1-TMS417400DJ-70 Datasheet
434Kb / 30P
[Old version datasheet]   4194304-WORD BY 4-BIT HIGH-SPEED DRAMS
TMS417809 TI-TMS417809 Datasheet
397Kb / 28P
[Old version datasheet]   2097152-WORD BY 8-BIT HIGH-SPEED DRAMS
logo
Mitsubishi Electric Sem...
M5M51016BTP-12VL MITSUBISHI-M5M51016BTP-12VL Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51016BTP-12VL-I MITSUBISHI-M5M51016BTP-12VL-I Datasheet
75Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51016BTP-70L MITSUBISHI-M5M51016BTP-70L Datasheet
79Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
M5M51R16AWG-10L MITSUBISHI-M5M51R16AWG-10L Datasheet
84Kb / 7P
   1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com