Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM6025SA Datasheet(PDF) 1 Page - International Rectifier

Part # OM6025SA
Description  POWER MOSFETS IN HERMETIC ISOLATED JEDEC TO-254AA SIZE 6 DIE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM6025SA Datasheet(HTML) 1 Page - International Rectifier

  OM6025SA Datasheet HTML 1Page - International Rectifier OM6025SA Datasheet HTML 2Page - International Rectifier OM6025SA Datasheet HTML 3Page - International Rectifier OM6025SA Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3.1 - 93
3.1
4 11 R0
POWER MOSFETS IN HERMETIC ISOLATED
JEDEC TO-254AA SIZE 6 DIE
FEATURES
• Isolated Hermetic Metal Package
• Size 6 Die, High Energy
• Fast Switching, Low Drive Current
• Ease of Paralleling For Added Power
• Low RDS(on)
• Available Screened To MIL-S-19500, TX, TXV And S Levels
DESCRIPTION
This series of hermetically packaged products feature the latest advanced MOSFET
and packaging technology. They are ideally suited for Military requirements where
small size, high performance and high reliability are required, and in applications such
as switching power supplies, motor controls, inverters, choppers, audio amplifiers and
high energy pulse circuits. This series also features avalanche high energy capability
at elevated temperatures.
MAXIMUM RATINGS
OM6025SA
OM6026SA
400V, 500V, N-Channel, Up To 24 Amp
Size 6 MOSFETs, High Energy Capability
PART NUMBER
V
DS
R
DS(on)
I
D (Amp)
OM6025SA
400
.23
24
OM6026SA
500
.30
22
SCHEMATIC


Similar Part No. - OM6025SA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM6025SC ETC2-OM6025SC Datasheet
40Kb / 4P
   POWER MOSFETS IN HERMETIC ISOLATED JEDEC TO-258AA SIZE 6 DIE
logo
International Rectifier
OM6025SC IRF-OM6025SC Datasheet
42Kb / 4P
   Isolated Hermetic Metal Package
OM6025SC IRF-OM6025SC_15 Datasheet
42Kb / 4P
   Isolated Hermetic Metal Package
More results

Similar Description - OM6025SA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM6025SC ETC2-OM6025SC Datasheet
40Kb / 4P
   POWER MOSFETS IN HERMETIC ISOLATED JEDEC TO-258AA SIZE 6 DIE
OM6017SA ETC-OM6017SA Datasheet
44Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED TO-254AA PACKAGE
logo
Microsemi Corporation
2N7372 MICROSEMI-2N7372 Datasheet
56Kb / 3P
   Complimentary Power Transistors in Hermetic Isolated TO-254AA Packages
logo
List of Unclassifed Man...
OM6009SA ETC2-OM6009SA Datasheet
47Kb / 4P
   POWER MOSFETS IN HERMETIC ISOLATED
OM6101ST ETC2-OM6101ST Datasheet
49Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO 257AA PACKAGE
OM6005SC ETC2-OM6005SC Datasheet
50Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-258AA PACKAGE
OM6001ST ETC-OM6001ST Datasheet
41Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-257AA PACKAGE
OM1N100SA ETC2-OM1N100SA Datasheet
44Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC PACKAGE
OMY140 ETC-OMY140 Datasheet
39Kb / 4P
   POWER MOSFETS IN HERMETIC ISOLATED TO-257AA PACKAGE
OM5257SA ETC2-OM5257SA Datasheet
23Kb / 2P
   HERMETIC JEDEC TO-254AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com