Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S93462S2.7 Datasheet(PDF) 11 Page - Summit Microelectronics, Inc.

Part # S93462S2.7
Description  Precision Supply-Voltage Monitor and Reset Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S93462S2.7 Datasheet(HTML) 11 Page - Summit Microelectronics, Inc.

Back Button S93462S2.7 Datasheet HTML 6Page - Summit Microelectronics, Inc. S93462S2.7 Datasheet HTML 7Page - Summit Microelectronics, Inc. S93462S2.7 Datasheet HTML 8Page - Summit Microelectronics, Inc. S93462S2.7 Datasheet HTML 9Page - Summit Microelectronics, Inc. S93462S2.7 Datasheet HTML 10Page - Summit Microelectronics, Inc. S93462S2.7 Datasheet HTML 11Page - Summit Microelectronics, Inc. S93462S2.7 Datasheet HTML 12Page - Summit Microelectronics, Inc. S93462S2.7 Datasheet HTML 13Page - Summit Microelectronics, Inc. S93462S2.7 Datasheet HTML 14Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
S93462/S93463
2021 4.2 1/23/01
Summit Microelectronics, Inc.
Frequently the reset controller will be deployed on a PC board that provides a peripheral function to a system.
Examples might be modem or network cards in a PC or a PCMCIA card in a laptop. In instances like this the peripheral
card may have a requirement for a clean reset function to insure proper operation. The system may or may not provide
a reset pulse of sufficient duration to clear the peripheral or to protect data stored in a nonvolatile memory.
The I/O capability of the RESET pins can provide a solution. The system’s reset signal to the peripheral can be fed
into the S93462/463 and it in turn can clean up the signal and provide a known entity to the peripheral’s circuits. The
figure below shows the basic timing characteristics under the assumption the reset input is shorter in duration than
tPURST. The same reset output affect can be attained by using the active high reset input.
When planning your resistor pull-up and pull-down values, use the following chart to help determine min. resistances.
Condition
Min
Typ
Max
Units
VCC = 1.0V, IOL=100µA
0.3
V
VCC = 1.2V, IOL=100µA
0.3
V
VCC = 3.0V, IOL=500µA
0.3
V
VCC = 3.6V, IOL=500µA
0.3
V
VCC = 4.5V, IOL=750µA
0.3
V
VCC = 1.0V, IOL=100µA
0.4
V
VCC = 1.2V, IOL=150µA
0.4
V
VCC = 3.0V, IOL=750µA
0.4
V
VCC = 3.6V, IOL=1mA
0.4
V
VCC = 4.5V, IOL=1mA
0.4
V
VCC = 1.0V, IOH=400µA
VCC-0.75
V
VCC = 1.2V, IOH=800µA
VCC-0.75
V
VCC = 3.0V, IOH=800µA
VCC-0.5
V
VCC = 3.6V, IOH=800µA
VCC-0.5
V
VCC = 4.5V, IOH=800µA
VCC-0.5
V
Worst Case RESET Sink/Source Capabilities at Various VCC Levels
Parameter
Symbol
RESET# Output
VOL
Voltage
RESET# Output
VOL
Voltage
RESET Output
VOH
Voltage
2021 PGM T5 1.0
RESET#
Input
RESET#
Output
RESET
Output
2021 T fig09 2.0
t PURST


Similar Part No. - S93462S2.7

ManufacturerPart #DatasheetDescription
logo
Rohm
S9346-ND ROHM-S9346-ND Datasheet
659Kb / 8P
   H-Bridge Motor Drivers For DC Brush Motors
More results

Similar Description - S93462S2.7

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
logo
List of Unclassifed Man...
S93662 ETC-S93662 Datasheet
76Kb / 14P
   Voltage Monitor and Reset Controller
logo
Summit Microelectronics...
S93WD662 SUMMIT-S93WD662 Datasheet
147Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 4k-bit Microwire Memory
S93WD462 SUMMIT-S93WD462 Datasheet
81Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
S93WD462 SUMMIT-S93WD462_98 Datasheet
77Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
logo
Advanced Monolithic Sys...
AMS803 AMS-AMS803 Datasheet
416Kb / 8P
   Precision supply-voltage monitor
logo
Pericom Semiconductor C...
PT7M7809 PERICOM-PT7M7809 Datasheet
485Kb / 12P
   Precision supply-voltage monitor
logo
Shenzhen Huazhimei Semi...
HM811 HMSEMI-HM811 Datasheet
325Kb / 5P
   Precision supply-voltage monitor
logo
List of Unclassifed Man...
PT7M7811 ETC2-PT7M7811 Datasheet
650Kb / 13P
   Precision supply-voltage monitor
logo
Fairchild Semiconductor
ILC5061 FAIRCHILD-ILC5061 Datasheet
76Kb / 8P
   Power Supply reset Monitor with 1% Precision
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com