Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S24163SA Datasheet(PDF) 3 Page - Summit Microelectronics, Inc.

Part # S24163SA
Description  Precision RESET Controller with 16K I2C Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S24163SA Datasheet(HTML) 3 Page - Summit Microelectronics, Inc.

  S24163SA Datasheet HTML 1Page - Summit Microelectronics, Inc. S24163SA Datasheet HTML 2Page - Summit Microelectronics, Inc. S24163SA Datasheet HTML 3Page - Summit Microelectronics, Inc. S24163SA Datasheet HTML 4Page - Summit Microelectronics, Inc. S24163SA Datasheet HTML 5Page - Summit Microelectronics, Inc. S24163SA Datasheet HTML 6Page - Summit Microelectronics, Inc. S24163SA Datasheet HTML 7Page - Summit Microelectronics, Inc. S24163SA Datasheet HTML 8Page - Summit Microelectronics, Inc. S24163SA Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
S24163
3
2014 2.1 8/2/00
FIGURE 1. TYPICAL SYSTEM CONFIGURATION
FIGURE 3. START AND STOP CONDITIONS
FIGURE 2. INPUT DATA PROTOCOL
Data must
remain stable
while clock
is HIGH.
Data must
remain stable
while clock
is HIGH.
Change
of data
allowed
SCL
SDA In
tHD:DAT
tSU:DAT
tHD:DAT
2014 ILL4 1.0
SCL
SDA In
START
Condition
STOP
Condition
2014 ILL5 1.0
SDA
SCL
(µC/ µP)
(24163)
2014 T fig01 2.0
RESET
VCC
Master
Transmitter
Slave
Transmitter/
Receiver
Master
Transmitter/
Receiver
Slave
Receiver
Master
Transmitter/
Receiver


Similar Part No. - S24163SA

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
S24110 SYSTEMSENSOR-S24110 Datasheet
113Kb / 4P
   Wall-Mount Horns, Strobes, and Horn/Strobes
S2415 SYSTEMSENSOR-S2415 Datasheet
113Kb / 4P
   Wall-Mount Horns, Strobes, and Horn/Strobes
S241575 SYSTEMSENSOR-S241575 Datasheet
113Kb / 4P
   Wall-Mount Horns, Strobes, and Horn/Strobes
More results

Similar Description - S24163SA

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S24022 SUMMIT-S24022 Datasheet
82Kb / 14P
   Precision RESET Controller and 2K I2C Memory With Both RESET and RESET Outputs
S24042 SUMMIT-S24042 Datasheet
157Kb / 14P
   Precision RESET Controller and 4K I2C Memory With Both RESET and RESET Outputs
logo
Catalyst Semiconductor
CAT1161_0711 CATALYST-CAT1161_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161JI-30 ONSEMI-CAT1161JI-30 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161 ONSEMI-CAT1161 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
CAT1163 ONSEMI-CAT1163 Datasheet
239Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3003 Rev. I
logo
Catalyst Semiconductor
CAT1163_0711 CATALYST-CAT1163_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161JI-28 ONSEMI-CAT1161JI-28 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 - Rev. 12
logo
List of Unclassifed Man...
SMS2916 ETC1-SMS2916 Datasheet
101Kb / 16P
   Precision Voltage Supervisory Circuit With Watchdog Timer and 16K I2C Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com