Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S24042 Datasheet(PDF) 6 Page - Summit Microelectronics, Inc.

Part # S24042
Description  Precision RESET Controller and 4K I2C Memory With Both RESET and RESET Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S24042 Datasheet(HTML) 6 Page - Summit Microelectronics, Inc.

Back Button S24042 Datasheet HTML 2Page - Summit Microelectronics, Inc. S24042 Datasheet HTML 3Page - Summit Microelectronics, Inc. S24042 Datasheet HTML 4Page - Summit Microelectronics, Inc. S24042 Datasheet HTML 5Page - Summit Microelectronics, Inc. S24042 Datasheet HTML 6Page - Summit Microelectronics, Inc. S24042 Datasheet HTML 7Page - Summit Microelectronics, Inc. S24042 Datasheet HTML 8Page - Summit Microelectronics, Inc. S24042 Datasheet HTML 9Page - Summit Microelectronics, Inc. S24042 Datasheet HTML 10Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
S24042/S24043
2011 2.1 8/2/00
SUMMIT MICROELECTRONICS, Inc.
FIGURE 7. CURRENT ADDRESS BYTE READ MODE
FIGURE 6. ACKNOWLEDGE POLLING
Acknowledge Polling
When the S24042/43 is performing an internal WRITE
operation, it will ignore any new START conditions. Since
the device will only return an acknowledge after it accepts
the START, the part can be continuously queried until an
acknowledge is issued, indicating that the internal WRITE
cycle is complete.
To poll the device, give it a START condition, followed by
a slave address for a WRITE operation (See Figure 6).
READ OPERATIONS
Read operations are initiated with the R/W bit of the
identification field set to “1.” There are four different read
options:
1.
Current Address Byte Read
2.
Random Address Byte Read
3.
Current Address Sequential Read
4.
Random Address Sequential Read
Current Address Byte Read
The S24042/43 contains an internal address counter
which maintains the address of the last word accessed,
incremented by one. If the last address accessed (either
a read or write) was to address location n, the next read
operation would access data from address location n+1
and increment the current address pointer. When the
S24042/43 receives the slave address field with the R/W
bit set to “1,” it issues an acknowledge and transmits the
8-bit word stored at address location n+1.
The current address byte read operation only accesses a
single byte of data. The master does not acknowledge the
transfer, but does generate a stop condition. At this point,
the S24042/43 discontinues data transmission. See Fig-
ure 7 for the address acknowledge and data transfer
sequence.
Issue Start
Internal WRITE Cycle
In Progress;
Begin ACK Polling
Issue Slave
Address and
R/W = 0
ACK
Returned?
Next
operation a
WRITE?
Issue Byte
Address
Proceed with
WRITE
Issue Stop
Await Next
Command
Issue Stop
No
No
Yes (Internal WRITE Cycle is completed)
Yes
2011 ILL9 1.0
S
T
A
R
T
S
T
O
P
Slave Address
Device
Type
Address
Read/Write
1= Read
SDA Bus Activity
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Master sends Read
request to Slave
Slave sends
Data to Master
Master Transmitter
to
Slave Receiver
Slave Transmitter
to
Master Receiver
1
1
1
00
1
Lack of ACK (low)
from Master
determines last
data byte to be read
1
Shading Denotes
24042/43
SDA Output Active
X
X
R
W
A
C
K
X
Data Byte
2011 ILL 10 1.0


Similar Part No. - S24042

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
S2401240P12NF LSTD-S2401240P12NF Datasheet
246Kb / 1P
   Industrial and educational campuses
S2401290P LSTD-S2401290P Datasheet
818Kb / 1P
   Tilt and articulating mounts available
S24012P LSTD-S24012P Datasheet
626Kb / 1P
   Articulating mount available
S24015P12NF LSTD-S24015P12NF Datasheet
567Kb / 1P
   Directional Panel Antenna
logo
Summit Microelectronics...
S24022 SUMMIT-S24022 Datasheet
82Kb / 14P
   Precision RESET Controller and 2K I2C Memory With Both RESET and RESET Outputs
More results

Similar Description - S24042

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S24022 SUMMIT-S24022 Datasheet
82Kb / 14P
   Precision RESET Controller and 2K I2C Memory With Both RESET and RESET Outputs
S24163 SUMMIT-S24163 Datasheet
166Kb / 12P
   Precision RESET Controller with 16K I2C Memory
logo
Maxim Integrated Produc...
MAX6456UT16S-T MAXIM-MAX6456UT16S-T Datasheet
255Kb / 11P
   Supervisors with Separate VCC Reset and Manual Reset Outputs
Rev 3; 6/10
logo
Summit Microelectronics...
S93WD662 SUMMIT-S93WD662 Datasheet
147Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 4k-bit Microwire Memory
logo
Maxim Integrated Produc...
MAX6453 MAXIM-MAX6453_10 Datasheet
255Kb / 11P
   uP Supervisors with Separate VCC Reset and Manual Reset Outputs
19-2637; Rev 3; 6/10
MAX6453 MAXIM-MAX6453 Datasheet
189Kb / 10P
   uP Supervisors with Separate VCC Reset and Manual Reset Outputs
19-2637; Rev 1; 4/03
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
S93462 SUMMIT-S93462 Datasheet
150Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
logo
EM Microelectronic - MA...
EM6323 EMMICRO-EM6323 Datasheet
501Kb / 10P
   Reset Circuit with Manual Reset and Watchdog
logo
Fairchild Semiconductor
FT7511 FAIRCHILD-FT7511 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com