Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PZ8GG-0515ZH30 Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part # PZ8GG-0515ZH30
Description  PZ8GGxxxxZH30 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

PZ8GG-0515ZH30 Datasheet(HTML) 1 Page - PEAK electronics GmbH

  PZ8GG-0515ZH30 Datasheet HTML 1Page - PEAK electronics GmbH PZ8GG-0515ZH30 Datasheet HTML 2Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Telefon: +49 (0) 6135 931069
Telefax: +49 (0) 6135 931070
www.peak-electronics.de
info@peak-electronics.de
MZ SERIES
PZ8GGxxxxZH30 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12
Available Inputs:
5, 12 and 15 VDC
Available Outputs:
5, 12 and 15 VDC
Other specifications please enquire.
Electrical Specifications
(Typical at + 25° C, nominal input voltage, rated output current unless otherwise specified)
Input Specifications
Voltage range
+/- 10 %
Filter
Capacitors
Isolation Specifications
Rated voltage
3000 VDC
Resistance
1000 MOhm
Output Specifications
Voltage accuracy
+/- 3 %, max.
Ripple and noise (at 20 MHz BW)
50 mV p-p, max.
Short circuit protection
Momentary
Line voltage regulation
+/- 0.5 %
Load voltage regulation
+/- 0.5 %
Temperature coefficient
+/- 0,02 % / °C
General Specifications
Efficiency
55 % min.
Switching frequency
40 KHz, typ.
Environmental Specifications
Operating temperature (ambient)
- 20° C to + 71° C
Storage temperature
- 25 °C to + 125 °C
Derating
See graph
Humidity
Up to 90 %, non condensing
Cooling
Free air convection
Physical Characteristics
Dimensions
34.25 x 10.00 x 13.95 mm
1.35 x 0.40 x 0.55 inches
Case material
Non conductive black plastic
Examples of Partnumbers
PART
NO.
INPUT
VOLTAGE
(VDC)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(max. mA)
PZ8GG-0505ZH30
5
+/- 5
+/- 150
PZ8GG-0512ZH30
5
+/- 12
+/- 63
PZ8GG-0515ZH30
5
+/- 15
+/- 50
PZ8GG-1205ZH30
12
+/-5
+/- 150
PZ8GG-1212ZH30
12
+/- 12
+/- 63
PZ8GG-1215ZH30
12
+/- 15
+/- 50
PZ8GG-1505ZH30
15
+/- 5
+/- 150
PZ8GG-1512ZH30
15
+/- 12
+/- 63
PZ8GG-1515ZH30
15
+/- 15
+/- 50


Similar Part No. - PZ8GG-0515ZH30

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PZ8GG-0515Z PEAK-PZ8GG-0515Z Datasheet
177Kb / 2P
   PZ8GGxxxxZ 0.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12
More results

Similar Description - PZ8GG-0515ZH30

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PZ8GG-0505EH30 PEAK-PZ8GG-0505EH30 Datasheet
179Kb / 2P
   PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
PZ8GG-0505Z PEAK-PZ8GG-0505Z Datasheet
177Kb / 2P
   PZ8GGxxxxZ 0.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12
logo
List of Unclassifed Man...
PZ8GG ETC1-PZ8GG Datasheet
187Kb / 2P
   0.5 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
logo
PEAK electronics GmbH
PZ8GG-0505E PEAK-PZ8GG-0505E Datasheet
178Kb / 2P
   PZ8GGxxxxE 0.5 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
P8SG-053R6ZH30 PEAK-P8SG-053R6ZH30 Datasheet
200Kb / 2P
   3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P8SG-053R6ZH30M PEAK-P8SG-053R6ZH30M Datasheet
213Kb / 3P
   3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P8TG-123R3Z21 PEAK-P8TG-123R3Z21 Datasheet
213Kb / 2P
   1.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P8TG-123R3Z21M PEAK-P8TG-123R3Z21M Datasheet
226Kb / 2P
   1.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P8TG-243R3Z41M PEAK-P8TG-243R3Z41M Datasheet
219Kb / 2P
   1.5 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P8SG-0505EH30 PEAK-P8SG-0505EH30 Datasheet
197Kb / 2P
   3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com