Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PZ5MG-0512E Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # PZ5MG-0512E
Description  PZ5MGxxxxE 3 KV ISOLATED 0.75 W REGULATED SINGLE OUTPUT DIP14
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

PZ5MG-0512E Datasheet(HTML) 2 Page - PEAK electronics GmbH

  PZ5MG-0512E Datasheet HTML 1Page - PEAK electronics GmbH PZ5MG-0512E Datasheet HTML 2Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MZ SERIES
PZ5MGxxxxE 3 KV ISOLATED 0.75 W REGULATED SINGLE OUTPUT DIP14
Dimensions
Derating Graph and Pinning
Temperature Derating Graph
Ambient Temperature ° C
0.75 W
-20
0
40
80
100
71
Output
Safe Operating Area
Pin
Connection
#
Single
1
+ V Input
7
+ V Output
8
- V Output
9
NC
14
- V Input
Specification can be changed without notice.
Copyright PEAK electronics GmbH
REV:2 / 09.2001


Similar Part No. - PZ5MG-0512E

ManufacturerPart #DatasheetDescription
logo
NIKO SEMICONDUCTOR CO.,...
PZ509BA NIKOSEM-PZ509BA Datasheet
334Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
PZ513BA NIKOSEM-PZ513BA Datasheet
339Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
PZ5203EMAA NIKOSEM-PZ5203EMAA Datasheet
440Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PZ567EA NIKOSEM-PZ567EA Datasheet
253Kb / 4P
   P-Channel Logic Level Enhancement Mode Field Effect Transistor
PZ567JZ NIKOSEM-PZ567JZ Datasheet
266Kb / 4P
   Dual P-Channel Logic Level Enhancement Mode Field Effect Transistor
More results

Similar Description - PZ5MG-0512E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PZ5CG ETC1-PZ5CG Datasheet
213Kb / 2P
   0.5 KV ISOLATED 0.75 W REGULATED SINGLE OUTPUT SIP7
logo
PEAK electronics GmbH
PZ5CG-0505E PEAK-PZ5CG-0505E Datasheet
205Kb / 2P
   PZ5CGxxxxE 0.5 KV ISOLATED 0.75 W REGULATED SINGLE OUTPUT SIP7
P14SG-0505EH30M PEAK-P14SG-0505EH30M Datasheet
210Kb / 2P
   3 KV ISOLATED 3 W REGULATED SINGLE OUTPUT DIP24
P6DG-0503E PEAK-P6DG-0503E Datasheet
101Kb / 2P
   1KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP14
P14SG-0505EH52 PEAK-P14SG-0505EH52 Datasheet
197Kb / 2P
   5.2 KV ISOLATED 3 W REGULATED SINGLE OUTPUT DIP24
P8SG-0505EH30 PEAK-P8SG-0505EH30 Datasheet
197Kb / 2P
   3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24
P14SG-0505E PEAK-P14SG-0505E Datasheet
196Kb / 2P
   1 KV ISOLATED 3 W REGULATED SINGLE OUTPUT DIP24
P8SG-0505EH30M PEAK-P8SG-0505EH30M Datasheet
210Kb / 2P
   3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24
P14SG-0505EM PEAK-P14SG-0505EM Datasheet
209Kb / 2P
   1 KV ISOLATED 3 W REGULATED SINGLE OUTPUT DIP24
PZ5LU-053R3E PEAK-PZ5LU-053R3E Datasheet
212Kb / 2P
   PZ5LUxxxxE 3 KV ISOLATED 0.75 W UNREGULATED SINGLE OUTPUT SIP7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com