Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV4046AD Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV4046AD
Description  HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV4046AD Datasheet(HTML) 2 Page - Texas Instruments

  SN74LV4046AD Datasheet HTML 1Page - Texas Instruments SN74LV4046AD Datasheet HTML 2Page - Texas Instruments SN74LV4046AD Datasheet HTML 3Page - Texas Instruments SN74LV4046AD Datasheet HTML 4Page - Texas Instruments SN74LV4046AD Datasheet HTML 5Page - Texas Instruments SN74LV4046AD Datasheet HTML 6Page - Texas Instruments SN74LV4046AD Datasheet HTML 7Page - Texas Instruments SN74LV4046AD Datasheet HTML 8Page - Texas Instruments SN74LV4046AD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
SN74LV4046A
HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP
WITH VCO
SCES656A – FEBRUARY 2006 – REVISED FEBRUARY 2006
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
1
PCPOUT
Phase comparator pulse output
2
PC1OUT
Phase comparator 1 output
3
COMPIN
Comparator input
4
VCOOUT
VCO output
5
INH
Inhibit input
6
C1A
Capacitor C1 connection A
7
C1B
Capacitor C1 connection B
8
GND
Ground (0 V)
9
VCOIN
VCO input
10
DEMOUT
Demodulator output
11
R1
Resistor R1 connection
12
R2
Resistor R2 connection
13
PC2OUT
Phase comparator 2 output
14
SIGIN
Signal input
15
PC3OUT
Phase comparator 3 output
16
VCC
Positive supply voltage
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
DC supply voltage range
–0.5
7
V
VI
Input voltage range
–0.5
VCC + 0.5
V
VO
Output voltage range
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–20
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output curent
VO = 0 to VCC
±35
mA
ICC
DC VCC or ground current
±70
mA
D package
73
DGV package
120
θ
JA
Package thermal impedance(2)
°C/W
NS package
64
PW package
108
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The package thermal impedance is calculated in accordance with JESD 51-7.
PARAMETER
MIN
MAX
UNIT
TA
Operating free-air temperature
–40
125
°C
VCC
Supply voltage
3
5.5
V
VI, VO
DC input or output voltage
0
VCC
V
2
Submit Documentation Feedback


Similar Part No. - SN74LV4046AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV4046AD TI-SN74LV4046AD Datasheet
536Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
SN74LV4046AD TI-SN74LV4046AD Datasheet
503Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
SN74LV4046AD TI1-SN74LV4046AD Datasheet
1Mb / 26P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop
SN74LV4046ADG4 TI-SN74LV4046ADG4 Datasheet
503Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
SN74LV4046ADG4 TI1-SN74LV4046ADG4 Datasheet
1Mb / 26P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop
More results

Similar Description - SN74LV4046AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4046A TI-CD74HC4046A Datasheet
316Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A_10 Datasheet
503Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
CD54HC4046A TI-CD54HC4046A_08 Datasheet
443Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A_08 Datasheet
536Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
CD54HC4046A TI-CD54HC4046A_07 Datasheet
505Kb / 32P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI1-SN74LV4046A_15 Datasheet
1Mb / 26P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop
CD74HC297 TI1-CD74HC297 Datasheet
255Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD54HC297 TI1-CD54HC297_14 Datasheet
251Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD54HC297 TI-CD54HC297 Datasheet
243Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD74HC297 TI-CD74HC297 Datasheet
97Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked-Loop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com