Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ALVCH16973DLG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # 74ALVCH16973DLG4
Description  8-BIT BUS TRANSCEIVER AND TRANSPARENT D-TYPE LATCH WITH FOUR INDEPENDENT BUFFERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ALVCH16973DLG4 Datasheet(HTML) 2 Page - Texas Instruments

  74ALVCH16973DLG4 Datasheet HTML 1Page - Texas Instruments 74ALVCH16973DLG4 Datasheet HTML 2Page - Texas Instruments 74ALVCH16973DLG4 Datasheet HTML 3Page - Texas Instruments 74ALVCH16973DLG4 Datasheet HTML 4Page - Texas Instruments 74ALVCH16973DLG4 Datasheet HTML 5Page - Texas Instruments 74ALVCH16973DLG4 Datasheet HTML 6Page - Texas Instruments 74ALVCH16973DLG4 Datasheet HTML 7Page - Texas Instruments 74ALVCH16973DLG4 Datasheet HTML 8Page - Texas Instruments 74ALVCH16973DLG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
SN74ALVCH16973
8-BIT BUS TRANSCEIVER AND TRANSPARENT D-TYPE LATCH
WITH FOUR INDEPENDENT BUFFERS
SCES435B – APRIL 2003 – REVISED SEPTEMBER 2004
When the latch-enable (LE) input is high, the Q outputs follow the data (A) inputs. When LE is taken low, the Q
outputs are latched at the levels set up at the A inputs. The latch output-enable (LOE) input can be used to place
the nine Q outputs in either a normal logic state (high or low logic level) or the high-impedance state. In the
high-impedance state, the Q outputs neither drive nor load the bus lines significantly. LOE does not affect
internal operations of the latch. Old data can be retained or new data can be entered while the Q outputs are in
the high-impedance state.
To ensure the high-impedance state during power up or power down, LOE and TOE should be tied to VCC
through pullup resistors; the minimum values of the resistors are determined by the current-sinking capability of
the drivers.
The four independent noninverting buffers perform the Boolean function Y = D and are independent of the state
of DIR, TOE, LE, and LOE.
The A and B I/Os and D inputs have bus-hold circuitry. Active bus-hold circuitry holds unused or undriven data
inputs at a valid logic state. Use of pullup or pulldown resistors with the bus-hold circuitry is not recommended.
FUNCTION TABLES
INPUTS
OPERATION
TOE
DIR
L
L
B data to A bus
L
H
A data to B bus
A bus and B bus
H
X
isolation
INPUTS
OUTPUT
Q
LOE
LE
A
L
H
H
H
L
H
L
L
L
L
X
Q0
H
X
X
Z
INPUT
OUTPUT
D
Y
L
L
H
H
2


Similar Part No. - 74ALVCH16973DLG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ALVCH16901DGGRE4 TI-74ALVCH16901DGGRE4 Datasheet
368Kb / 14P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
74ALVCH16901DGGRG4 TI-74ALVCH16901DGGRG4 Datasheet
368Kb / 14P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
74ALVCH16903DGGRE4 TI-74ALVCH16903DGGRE4 Datasheet
220Kb / 16P
[Old version datasheet]   3.3-V 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER AND DUAL 3-STATE OUTPUTS
74ALVCH16903DGGRG4 TI-74ALVCH16903DGGRG4 Datasheet
220Kb / 16P
[Old version datasheet]   3.3-V 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER AND DUAL 3-STATE OUTPUTS
74ALVCH16903DGVRE4 TI-74ALVCH16903DGVRE4 Datasheet
220Kb / 16P
[Old version datasheet]   3.3-V 12-BIT UNIVERSAL BUS DRIVER WITH PARITY CHECKER AND DUAL 3-STATE OUTPUTS
More results

Similar Description - 74ALVCH16973DLG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH32973 TI-SN74ALVCH32973 Datasheet
266Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND TRANSPARENT D-TYPE LATCH WITH EIGHT INDEPENDENT BUFFERS
logo
NXP Semiconductors
74ALVCH32973 PHILIPS-74ALVCH32973_15 Datasheet
181Kb / 17P
   16-bit bus transceiver and transparant D-type latch with 8 independent buffers
Rev. 3-17 January 2013
logo
Nexperia B.V. All right...
74ALVCH32973 NEXPERIA-74ALVCH32973 Datasheet
795Kb / 17P
   16-bit bus transceiver and transparant D-type latch with 8 independent buffers
logo
Texas Instruments
SN74ALS990 TI1-SN74ALS990_16 Datasheet
837Kb / 14P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCH
SN74ALS990 TI-SN74ALS990 Datasheet
92Kb / 6P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCH
SN74LVCH32373A TI1-SN74LVCH32373A_13 Datasheet
794Kb / 13P
[Old version datasheet]   32-BIT TRANSPARENT D-TYPE LATCH
logo
Fairchild Semiconductor
74F845 FAIRCHILD-74F845 Datasheet
48Kb / 6P
   8-Bit Transparent Latch
logo
Integrated Device Techn...
IDT74ALVCH32373 IDT-IDT74ALVCH32373 Datasheet
116Kb / 7P
   3.3V CMOS 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCH162373 IDT-IDT74ALVCH162373 Datasheet
68Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT74ALVCH16373 IDT-IDT74ALVCH16373 Datasheet
74Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com