Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLML5103PBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRLML5103PBF
Description  HEXFET-R POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML5103PBF Datasheet(HTML) 7 Page - International Rectifier

  IRLML5103PBF Datasheet HTML 1Page - International Rectifier IRLML5103PBF Datasheet HTML 2Page - International Rectifier IRLML5103PBF Datasheet HTML 3Page - International Rectifier IRLML5103PBF Datasheet HTML 4Page - International Rectifier IRLML5103PBF Datasheet HTML 5Page - International Rectifier IRLML5103PBF Datasheet HTML 6Page - International Rectifier IRLML5103PBF Datasheet HTML 7Page - International Rectifier IRLML5103PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRLML5103PbF
Micro3 (SOT-23/TO-236AB) Part Marking Information
Micro3 (SOT-23) Package Outline
Dimensions are shown in millimeters (inches)
0.08
0.88
0.01
0.89
0.95 BSC
MILLIMETERS
MIN
e
E
E1
D
L
A
A1
A2
c
M
O
B
S
Y
MIN
MAX
MAX
.036
.0375 BSC
DIMENSIONS
INCHES
b0.30
bbb
0.15
.008
ccc
.006
0.25 BSC
L1
L
0.40
0.60
.0118 BSC
aaa
0.20
.004
2.80
1.20
0
E1
E
D
5
6
3
12
ccc
C B A
B
5
6
e
e1
A2
A
A1
bbb
C A B
3X b
aaa C
3 SURF
0
3X L
L1
H
4
7
2.10
e1
1.90 BSC
.075 BSC
.0119
.0032
.111
.083
.048
.055
.119
.103
.0196
.0078
.0039
.044
.0004
.035
.040
.0236
.0158
1.02
0.20
0.50
2.64
3.04
1.40
1.12
0.10
0.10
1.90
[.075]
0.95
[.0375]
0.972
[.038]
2.742
[.1079]
0.802
[.031]
RECOMMENDED FOOT PRINT
3X
3X
NOT ES
1. DIMENS IONING AND T OLERANCINGPER AS ME Y14.5M-1994.
4 DATUM PLANE H IS LOCATED AT THE MOLD PARTINGLINE.
5 DAT UM A AND B T O BE DETERMINED AT DATUM PLANE H.
6 DIMENS IONS D AND E1 ARE MEAS URED AT DATUM PLANE H.
2. DIMENS IONS ARE SHOWN IN MILLIMET ERS AND INCHES.
3. CONT ROLLINGDIMENS ION: MILLIMETER.
7 DIMENS ION L IS T HE LEAD LENGT H FOR S OLDERINGT OA S UB ST RATE.
8. OUTLINE CONFORMS TOJEDEC OUTLINE TO-236AB.
PART NUMBER
PART NUMBER CODE REFERENCE:
A = IRLML2402
H = IRLML5203
B = IRLML2803
C = IRLML6302
D = IRLML5103
G = IRLML2502
F = IRLML6401
E = IRLML6402
LOT
CODE
Y = YEAR
W = WEEK
W = (1-26) IF PRECEDED BY LAS T DIGIT OF CALENDAR YEAR
W = (27-52) IF PRECEDED BY A LETTER
26
Z
1994
1998
2000
1999
1996
1997
1995
YEAR
2002
2003
2001
30
D
D
50
51
52
H
K
J
F
G
E
X
Y
Z
WEEK
27
28
29
WORK
Y
B
C
A
W
B
C
A
2003
1997
2000
1999
1998
1995
1996
1994
2001
2002
YEAR
03
C
3
04
24
25
7
0
9
8
5
6
4
X
Y
D
01
02
WEEK
WORK
1
2
Y
A
B
W


Similar Part No. - IRLML5103PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML5103PBF IRF-IRLML5103PBF Datasheet
251Kb / 9P
   ULTRA LOW ON RESISFANCE
IRLML5103PBF-1 IRF-IRLML5103PBF-1 Datasheet
275Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML5103PBF-1 IRF-IRLML5103PBF-1_15 Datasheet
275Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML5103PBF IRF-IRLML5103PBF_11 Datasheet
222Kb / 8P
   Lead-Free, Fast Switching, Available in Tape and Reel
IRLML5103PBF IRF-IRLML5103PBF_15 Datasheet
251Kb / 9P
   ULTRA LOW ON RESISFANCE
More results

Similar Description - IRLML5103PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ44NPBF IRF-IRFZ44NPBF Datasheet
150Kb / 8P
   HEXFET-R Power MOSFET
IRFPS40N60K IRF-IRFPS40N60K Datasheet
140Kb / 8P
   HEXFET-R Power MOSFET
IRL1404S IRF-IRL1404S Datasheet
134Kb / 10P
   HEXFET-R Power MOSFET
IRL640S IRF-IRL640S Datasheet
271Kb / 8P
   HEXFET-R POWER MOSFET
IRLI520G IRF-IRLI520G Datasheet
179Kb / 6P
   HEXFET-R POWER MOSFET
IRF740LCPBF IRF-IRF740LCPBF Datasheet
1Mb / 8P
   HEXFET-R POWER MOSFET
IRFI9Z14G IRF-IRFI9Z14G Datasheet
184Kb / 6P
   HEXFET-R POWER MOSFET
IRFBC40LC IRF-IRFBC40LC Datasheet
176Kb / 8P
   HEXFET-R POWER MOSFET
IRF7N1405 IRF-IRF7N1405 Datasheet
141Kb / 7P
   HEXFET-R POWER MOSFET SURFACE MOUNT (SMD-1)
IRF7NJZ44V IRF-IRF7NJZ44V Datasheet
115Kb / 7P
   HEXFET-R POWER MOSFET SURFACE MOUNT (SMD-0.5)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com