Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL5254B Datasheet(PDF) 2 Page - First Components International

Part # LL5254B
Description  쩍 Watt ZENER DIODES (2.4V to 62V) Mechanical Dimensions
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LL5254B Datasheet(HTML) 2 Page - First Components International

  LL5254B Datasheet HTML 1Page - First Components International LL5254B Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
½Watt
ZENER DIODES (2.4V to 62V)
°C
NOTES: 1. For 10% Tolerance on Zener Voltage, Specify Suffix ‘‘A’’. For 5% Tolerance,
Specify Suffix ‘‘B’’. (Example: LL5230B = 4.7V +/- 5%)
2. T
A = 25
unless otherwise specified. Measurements made at Thermal Equilibrium.
Nominal
Zener
Voltage
Test
Current
I
ZT (mA)
Max. Zener Impedance
Max. Reverse
Leakage Current @
V
R
Temp. Coeff. of V
Z (% /
o
C)
Z
ZT @ IZT
(Ω)
Z
ZK @ IZK =
0.25mA
(Ω)
Part #
I
R (µA)
V
R (V)
Max.
Zener Voltage
Lead Length = .375". Thermal Resistance of Heat Sink = 30 / W, V
F = 1.1V Max. @ IF = 200mA
°C
Electrical Characteristics @ 25OC.
LL5221A or B
LL5222A or B
LL5223A or B
LL5224A or B
LL5225A or B
LL5226A or B
LL5227A or B
LL5228A or B
LL5229A or B
LL5230A or B
LL5231A or B
LL5232A or B
LL5233A or B
LL5234A or B
LL5235A or B
LL5236A or B
LL5237A or B
LL5238A or B
LL5239A or B
LL5240A or B
LL5241A or B
LL5242A or B
LL5243A or B
LL5244A or B
LL5245A or B
LL5246A or B
LL5247A or B
LL5248A or B
LL5249A or B
LL5250A or B
LL5251A or B
LL5252A or B
LL5253A or B
LL5254A or B
LL5255A or B
LL5256A or B
LL5257A or B
LL5258A or B
LL5259A or B
LL5260A or B
LL5261A or B
LL5262A or B
LL5263A or B
LL5264A or B
LL5265A or B
2.4
2.5
2.7
2.8
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.0
6.2
6.8
7.5
8.2
8.7
9.1
10
11
12
13
14
15
16
17
18
19
20
22
24
25
27
28
30
33
36
39
43
47
51
56
60
62
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
9.5
9.0
8.5
7.8
7.4
7.0
6.6
6.2
5.6
5.2
5.0
4.6
4.5
4.2
3.8
3.4
3.2
3.0
2.7
2.5
2.2
2.1
2.0
30
30
30
30
29
28
24
23
22
19
17
11
7
7
5
6
8
8
10
17
22
30
13
15
16
17
19
21
23
25
29
33
35
41
44
49
58
70
80
93
105
125
150
170
185
1200
1250
1300
1400
1600
1600
1700
1900
2000
1900
1600
1600
1600
1000
750
500
500
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
700
700
800
900
1000
1100
1300
1400
1400
100
100
75
75
50
25
15
10
5
5
5
5
5
5
5
3
3
3
3
3
2
1
.5
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
.1
1
1
1
1
1
1
1
1
1
2
2
3
3.5
4
5
6
6.5
6.5
7
8
8.4
9.1
9.9
10
11
12
13
14
15
16
17
18
19
21
21
23
25
27
30
33
36
39
43
46
47
-0.085
-0.085
-0.08
-0.08
-0.075
-0.07
-0.065
-0.06
+/- 0.055
+/- 0.03
+/- 0.03
+ 0.038
+ 0.038
+ 0.045
+ 0.050
+ 0.058
+ 0.062
+ 0.065
+ 0.068
+ 0.075
+ 0.076
+ 0.077
+ 0.079
+ 0.082
+ 0.082
+ 0.083
+ 0.084
+ 0.085
+ 0.086
+ 0.086
+ 0.087
+ 0.088
+ 0.089
+ 0.090
+ 0.091
+ 0.091
+ 0.092
+ 0.093
+ 0.094
+ 0.095
+ 0.095
+ 0.096
+ 0.096
+ 0.097
+ 0.097
Page 10-47


Similar Part No. - LL5254B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LL5254B ETC1-LL5254B Datasheet
416Kb / 5P
   Zener diode
logo
Yangzhou yangjie electr...
LL5254B YANGJIE-LL5254B Datasheet
737Kb / 2P
   Zener diode
logo
RFE international
LL5254B RFE-LL5254B Datasheet
70Kb / 1P
   SURFACE MOUNT Zener Diodes
logo
Zibo Seno Electronic En...
LL5254B ZSELEC-LL5254B Datasheet
1Mb / 4P
   500mW SURFACE MOUNT ZENER DIODE
More results

Similar Description - LL5254B

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
1N5227A FCI-1N5227A Datasheet
162Kb / 3P
   쩍 Watt ZENER DIODES (2.4V to 200V)
1N5228A FCI-1N5228A Datasheet
162Kb / 3P
   쩍 Watt ZENER DIODES (2.4V to 200V)
LL4728 FCI-LL4728 Datasheet
182Kb / 2P
   1 Watt ZENER DIODES (3.3V to 100V) Mechanical Dimensions
BZX79C2V4 FCI-BZX79C2V4 Datasheet
96Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 75V)
BZX55C2V4 FCI-BZX55C2V4 Datasheet
114Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 91V)
MLL700 FCI-MLL700 Datasheet
102Kb / 2P
   2.4V to 110V MLL ZENER DIODES (1/2 Watt)
1N5225A FCI-1N5225A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
1N5224A FCI-1N5224A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
1N5223A FCI-1N5223A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
1N5221A FCI-1N5221A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com