Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM5380M Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # BCM5380M
Description  8FE2GE PORT SWITCH WITH ON-CHIP PACKET BUFFER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM5380M Datasheet(HTML) 1 Page - Broadcom Corporation.

  BCM5380M Datasheet HTML 1Page - Broadcom Corporation. BCM5380M Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCM5380M
®
8FE+2GE PORT SWITCH WITH ON-CHIP PACKET BUFFER
Scalable and Cost-Effective Solutions for 8+1 or 16+2 or 24+3 Port 10/100/1000 Unmanaged/Managed/Smart Switch
The highest level of silicon integration achieved for an eight+two-port,
10/100/1000 Ethernet switch device
Sixth-generation switch on a chip
The BCM5380M integrates:
Eight 10/100 transceivers (802.3u compliant)
Nine 10/100 media access controllers (802.x compliant)
Two 10/100/1000 media access controllers
One integrated 10/100/1000BASE-T/TX transceiver (802.3ab compliant)
256-KB packet buffer and 128-KB control memory
Nonblocking switch fabric
One integrated 1-Gbps SerDes module
Cascadable to 24 Fast Ethernet + 6 Gigabit Ethernet ports through a
SerDes expansion port, 24FE + 2GE nonblocking
Packet classification 802.1p QoS priority queues
VLAN 4K 802.1Q or port-based supported
Reverse MII, MII, or 7-wire interface supports an additional 100BASE-
FX or 100BASE-TX connection or uplink
Supports up to 4,000 unicast MAC addresses
Flow control: full-duplex (802.3x) and half-duplex options supported
Supports automatic address learning and aging
Internal oscillator circuit
Low power 0.13-µm 1.2V CMOS core: 3.5 W Pd.
324-pin FBGA package (small form factor 19 mm ∞ 19 mm)
Management features:
Low-cost MIB Autocast™ function
Hardware support for simple network management protocol (SNMP),
remote network monitoring (RMON), and spanning tree
Enables a new generation of lower cost switches with gigabit
connectivity and much smaller form factors
Uses field-proven industry-standard
10BASE-T /100BASE-TX Fast Ethernet/100BASE-T
transceivers—lowers overall system interoperability and
reliability risks
Flexible interfaces support a wider variety of application
needs—SerDes, fiber for long distances or additional
100/1000TX ports
Provides the most cost-effective gigabit connectivity to the
desktop for all remote, branch, and home office needs
802.1Q tag VLAN, trunking, and 802.1p priority enables the
switch to be designed into a wide variety of applications from
unmanaged to smart/managed switches
CPUs are not required to initialize and run in cost-sensitive
unmanaged applications, providing true Plug and Play
connectivity
Internal oscillator circuit simplifies design and reduces overall
system cost
Ability to gather and support basic management statistics with
only a very low-cost microcontroller
Low-cost management using the on-chip MIB registers allows
the collection and transmission of statistics for each port and
allows an upward migration path for corporate users
On-chip HP auto-MDI/MDIX on all transceivers
automatically detects and corrects for crossover cables and
allows direct switch-to-switch connection
FE A T UR E S
SU MM AR Y O F B E N E FI TS
BCM5380
ARM
MII
SMP
Optional ARM7
Management Module
8051 or
EEPROM
Optional uP or EEPROM
Smart switch option
BCM5380
Expansion
BCM5380
10/100
10/100
10/100
10/100/1000
10/100/1000
10/100/1000


Similar Part No. - BCM5380M

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5380MKPB BOARDCOM-BCM5380MKPB Datasheet
135Kb / 2P
   8FE2GE PORT SWITCH WITH ON-CHIP PACKET BUFFER
More results

Similar Description - BCM5380M

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5382M BOARDCOM-BCM5382M Datasheet
338Kb / 2P
   8FE2GE PORT SWITCH WITH ON-CHIP PACKET BUFFER
BCM5380MKPB BOARDCOM-BCM5380MKPB Datasheet
135Kb / 2P
   8FE2GE PORT SWITCH WITH ON-CHIP PACKET BUFFER
BCM5328M BOARDCOM-BCM5328M Datasheet
120Kb / 2P
   EIGHT-PORT 10/100 SWITCH WITH ON-CHIP PACKET BUFFER
BCM5315 BOARDCOM-BCM5315 Datasheet
371Kb / 1P
   5-PORT 10/100 SWITCH WITH ON-CHIP PACKET BUFFER
BCM5325FKQMG BOARDCOM-BCM5325FKQMG Datasheet
98Kb / 2P
   FIVE-PORT 10/100 SWITCH WITH ON-CHIP PACKET BUFFER
BCM5325 BOARDCOM-BCM5325 Datasheet
91Kb / 1P
   FIVE-PORT 10/100 SWITCH WITH ON-CHIP PACKET BUFFER
BCM5327M BOARDCOM-BCM5327M Datasheet
105Kb / 2P
   EIGHT-PORT 10/100 SWITCH WITH ON-CHIP PACKET BUFFER
BCM5325MA2KQMG BOARDCOM-BCM5325MA2KQMG Datasheet
101Kb / 2P
   FIVE-PORT 10/100 SWITCH WITH ON-CHIP PACKET BUFFER
BCM5325M BOARDCOM-BCM5325M Datasheet
100Kb / 2P
   FIVE-PORT 10/100 SWITCH WITH ON-CHIP PACKET BUFFER
BCM5325 BOARDCOM-BCM5325_04 Datasheet
97Kb / 2P
   FIVE-PORT 10/100 SWITCH WITH ON-CHIP PACKET BUFFER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com