Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7N801845M Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K7N801845M
Description  256K X 36 & 512K X 18 PIPELINED N-T RAM - TM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7N801845M Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button K7N801845M Datasheet HTML 4Page - Samsung semiconductor K7N801845M Datasheet HTML 5Page - Samsung semiconductor K7N801845M Datasheet HTML 6Page - Samsung semiconductor K7N801845M Datasheet HTML 7Page - Samsung semiconductor K7N801845M Datasheet HTML 8Page - Samsung semiconductor K7N801845M Datasheet HTML 9Page - Samsung semiconductor K7N801845M Datasheet HTML 10Page - Samsung semiconductor K7N801845M Datasheet HTML 11Page - Samsung semiconductor K7N801845M Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
K7N803645M
256Kx36 & 512Kx18 Pipelined NtRAMTM
- 8 -
Rev 3.0
November 1999
K7N801845M
SYNCHRONOUS TRUTH TABLE
Notes : 1. X means "Don
′t Care".
2. The rising edge of clock is symbolized by (
↑).
3. A continue deselect cycle can only be enterd if a deselect cycle is executed first.
4. WRITE = L means Write operation in WRITE TRUTH TABLE.
WRITE = H means Read operation in WRITE TRUTH TABLE.
5. Operation finally depends on status of asynchronous input pins(ZZ and OE).
CS1
CS2
CS2
ADV
WE
BWx
OE
CKE
CLK
ADDRESS ACCESSED
OPERATION
H
X
X
L
X
X
X
L
N/A
Not Selected
X
L
X
L
X
X
X
L
N/A
Not Selected
X
X
H
L
X
X
X
L
N/A
Not Selected
X
X
X
H
X
X
X
L
N/A
Not Selected Continue
L
H
L
L
H
X
L
L
External Address
Begin Burst Read Cycle
X
X
X
H
X
X
L
L
Next Address
Continue Burst Read Cycle
L
H
L
L
H
X
H
L
External Address
NOP/Dummy Read
X
X
X
H
X
X
H
L
Next Address
Dummy Read
L
H
L
L
L
L
X
L
External Address
Begin Burst Write Cycle
X
X
X
H
X
L
X
L
Next Address
Continue Burst Write Cycle
L
H
L
L
L
H
X
L
N/A
NOP/Write Abort
X
X
X
H
X
H
X
L
Next Address
Write Abort
X
X
X
X
X
X
X
H
Current Address
Ignore Clock
WRITE TRUTH TABLE(x36)
Notes : 1. X means "Don
′t Care".
2. All inputs in this table must meet setup and hold time around the rising edge of CLK(
↑).
WE
BWa
BWb
BWc
BWd
OPERATION
H
X
X
X
X
READ
L
L
H
H
H
WRITE BYTE a
L
H
L
H
H
WRITE BYTE b
L
H
H
L
H
WRITE BYTE c
L
H
H
H
L
WRITE BYTE d
L
L
L
L
L
WRITE ALL BYTEs
L
H
H
H
H
WRITE ABORT/NOP
TRUTH TABLES
WRITE TRUTH TABLE(x18)
Notes : 1. X means "Don
′t Care".
2. All inputs in this table must meet setup and hold time around the rising edge of CLK(
↑).
WE
BWa
BWb
OPERATION
H
X
X
READ
L
L
H
WRITE BYTE a
L
H
L
WRITE BYTE b
L
L
L
WRITE ALL BYTEs
L
H
H
WRITE ABORT/NOP


Similar Part No. - K7N801845M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7N801845B SAMSUNG-K7N801845B Datasheet
379Kb / 18P
   256Kx36 & 512Kx18-Bit Pipelined NtRAMTM
K7N801845B SAMSUNG-K7N801845B Datasheet
400Kb / 19P
   256Kx36 & 512Kx18 Pipelined NtRAM
K7N801845B-QC13 SAMSUNG-K7N801845B-QC13 Datasheet
378Kb / 18P
   256Kx36 & 512Kx18-Bit Pipelined NtRAM
K7N801845B-QC16 SAMSUNG-K7N801845B-QC16 Datasheet
378Kb / 18P
   256Kx36 & 512Kx18-Bit Pipelined NtRAM
K7N801845B-QC16 SAMSUNG-K7N801845B-QC16 Datasheet
379Kb / 18P
   256Kx36 & 512Kx18-Bit Pipelined NtRAMTM
More results

Similar Description - K7N801845M

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1366A CYPRESS-CY7C1366A Datasheet
307Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM
CY7C1360 CYPRESS-CY7C1360 Datasheet
895Kb / 34P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360C CYPRESS-CY7C1360C Datasheet
423Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
CY7C1360A CYPRESS-CY7C1360A Datasheet
558Kb / 28P
   256K x 36/512K x 18 Synchronous Pipelined Burst SRAM
logo
AMIC Technology
A67P9318 AMICC-A67P9318_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336_15 Datasheet
261Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67L9318 AMICC-A67L9318 Datasheet
205Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
logo
Cypress Semiconductor
CY7C1360C CYPRESS-CY7C1360C_06 Datasheet
521Kb / 31P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM
logo
AMIC Technology
A67L9318 AMICC-A67L9318 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
A67P8336 AMICC-A67P8336 Datasheet
255Kb / 18P
   512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com