Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOT-Z-13 Datasheet(PDF) 2 Page - First Components International

Part # SOT-Z-13
Description  2.4V to 20V SOT 23 ZENER DIODES (1/4 Watt)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

SOT-Z-13 Datasheet(HTML) 2 Page - First Components International

  SOT-Z-13 Datasheet HTML 1Page - First Components International SOT-Z-13 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
Page 10-49
Part No.
Reverse Current I
R (µA)
Dynamic (Z
Z) Impedance
I
Z (ma)
Min.
Max.
Zener Voltage
SOT-Z-2.0
SOT-Z-2.2
SOT-Z-2.4
SOT-Z-2.7
SOT-Z-3.0
SOT-Z-3.3
SOT-Z-3.6
SOT-Z-3.9
SOT-Z-4.3
SOT-Z-4.7
SOT-Z-5.1
SOT-Z-5.6
SOT-Z-6.2
SOT-Z-6.8
SOT-Z-7.5
SOT-Z-8.2
SOT-Z-9.1
SOT-Z-10.0
SOT-Z-11
SOT-Z-12
SOT-Z-13
SOT-Z-15
SOT-Z-16
SOT-Z-18
SOT-Z-20
1.9
2.1
2.3
2.5
2.8
3.1
3.4
3.7
4.1
4.4
4.8
5.3
5.9
6.4
7.1
7.8
8.6
9.5
10.4
11.5
12.5
14.4
15.4
17.3
19.2
2.2
2.4
2.6
2.9
3.2
3.5
3.8
4.1
4.5
4.9
5.4
5.6
6.6
7.0
7.9
8.6
9.6
10.5
11.5
12.5
13.5
15.5
16.6
18.6
20.7
.
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
100 ohms
100 ohms
100 ohms
110 ohms
120 ohms
130 ohms
130 ohms
130 ohms
130 ohms
130 ohms
130 ohms
80 ohms
50 ohms
30 ohms
30 ohms
30 ohms
30 ohms
30 ohms
30 ohms
30 ohms
30 ohms
30 ohms
30 ohms
30 ohms
30 ohms
.5
.7
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.5
2.5
3.0
3.5
4.0
5.0
5.5
6.0
7.0
8.0
9.0
11
12
13
15
2.4V to 20V SOT 23
ZENER DIODES (1/4 Watt)
Max.
I
Z (mA)
Max.
V
R (V)
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
120
120
120
120
50
20
10
10
10
10
5.0
5.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
Temp. Coefficients vs. Voltage
Zener Voltage
Power Ratings
Temperature (oC)


Similar Part No. - SOT-Z-13

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SOT-143 ALPHA-SOT-143 Datasheet
442Kb / 2P
   Surface Mount Schottky Quad Mixer Diodes
logo
Skyworks Solutions Inc.
SOT-143 SKYWORKS-SOT-143 Datasheet
147Kb / 4P
   Surface Mount Schottky Quad Mixer Diodes
logo
Shenzhen Luguang Electr...
SOT-143 LUGUANG-SOT-143 Datasheet
144Kb / 3P
   Surface mount switching diode
SOT-143 LUGUANG-SOT-143 Datasheet
281Kb / 4P
   High-speed Double Diode
SOT-143 LUGUANG-SOT-143 Datasheet
2Mb / 4P
   Surface mount switching diode
More results

Similar Description - SOT-Z-13

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
BZX79C2V4 FCI-BZX79C2V4 Datasheet
96Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 75V)
BZX55C2V4 FCI-BZX55C2V4 Datasheet
114Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 91V)
MLL700 FCI-MLL700 Datasheet
102Kb / 2P
   2.4V to 110V MLL ZENER DIODES (1/2 Watt)
1N5227A FCI-1N5227A Datasheet
162Kb / 3P
   쩍 Watt ZENER DIODES (2.4V to 200V)
1N5228A FCI-1N5228A Datasheet
162Kb / 3P
   쩍 Watt ZENER DIODES (2.4V to 200V)
LL5221 FCI-LL5221 Datasheet
181Kb / 2P
   쩍 Watt ZENER DIODES (2.4V to 62V) Mechanical Dimensions
1N5225A FCI-1N5225A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
1N5224A FCI-1N5224A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
1N5223A FCI-1N5223A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
1N5221A FCI-1N5221A Datasheet
162Kb / 3P
   ZENER DIODES (2.4V to 200V)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com