Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV03 Datasheet(PDF) 2 Page - First Components International

Part # HV03
Description  350 mA HIGH VOLTAGE MICROWAVE OVEN RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

HV03 Datasheet(HTML) 2 Page - First Components International

  HV03 Datasheet HTML 1Page - First Components International HV03 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
350 mA HIGH VOLTAGE
MICROWAVE OVEN
RECTIFIERS
Page 5-7
Ratingsat
25 Deg. C ambient
temperature
unless otherwise
specified.
Single Phase Half
Wave, 60 Hz
Resistive or
Inductive Load.
For Capacitive
Load, Derate
Current by 20%.
Forward Current Derating Curve
Ambient Temperature (°°°°°C)
Typical Reverse Characteristics
Non-Repetitive
Peak Forward Surge Current
20
10
1
1
10
100
Percent of Rated Peak Voltage
Typical Instantaneous Forward Characteristics
Reverse
Voltage (V)
Typical Junction Capacitance
20
10
1
1
10
100
Reverse Voltage (V)
Number of Cycles @ 60 Hz
Single Phase
½ Wave 60 Hz
Resistive/Inductive Load
T
J = 25°
°°°°C


Similar Part No. - HV03

ManufacturerPart #DatasheetDescription
logo
RFE international
HV03-08 RFE-HV03-08 Datasheet
78Kb / 1P
   LEADED (THRU-HOLE) High Voltage Rectifiers
logo
Frontier Electronics.
HV03-08 FRONTIER-HV03-08 Datasheet
119Kb / 2P
   HIGH VOLTAGE MICROWAVE OVEN RECTIFIER
HV03-08 FRONTIER-HV03-08 Datasheet
1Mb / 2P
   HIGH VOLTAGE MICROWAVE OVEN RECTIFIER
HV03-08-LFR FRONTIER-HV03-08-LFR Datasheet
119Kb / 2P
   HIGH VOLTAGE MICROWAVE OVEN RECTIFIER
HV03-08 FRONTIER-HV03-08_16 Datasheet
1Mb / 2P
   HIGH VOLTAGE MICROWAVE OVEN RECTIFIER
More results

Similar Description - HV03

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
HV05 FCI-HV05 Datasheet
125Kb / 2P
   550 mA HIGH VOLTAGE MICROWAVE OVEN RECTIFIERS
logo
List of Unclassifed Man...
HV07 ETC1-HV07 Datasheet
123Kb / 2P
   750 mA HIGH VOLTAGE MICROWAVE OVEN RECTIFIERS
logo
First Components Intern...
HV-6X2P1 FCI-HV-6X2P1 Datasheet
58Kb / 1P
   550 mA HIGH VOLTAGE MICROWAVE OVEN RECTIFIERS
HV07 FCI-HV07 Datasheet
125Kb / 2P
   750 mA HIGH VOLTAGE MICROWAVE OVEN RECTIFIERS
logo
GETAI ELECTRONICS DEVIC...
CL01-12 GETEDZ-CL01-12_V01 Datasheet
507Kb / 2P
   High Voltage Microwave Oven Rectifiers Diodes
CL01-16 GETEDZ-CL01-16 Datasheet
507Kb / 2P
   High Voltage Microwave Oven Rectifiers Diodes
CL04-09 GETEDZ-CL04-09 Datasheet
507Kb / 2P
   High Voltage Microwave Oven Rectifiers Diodes
CL04-16 GETEDZ-CL04-16 Datasheet
507Kb / 2P
   High Voltage Microwave Oven Rectifiers Diodes
CL01-09 GETEDZ-CL01-09 Datasheet
507Kb / 2P
   High Voltage Microwave Oven Rectifiers Diodes
CL04-12 GETEDZ-CL04-12 Datasheet
507Kb / 2P
   High Voltage Microwave Oven Rectifiers Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com