Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GP02-35 Datasheet(PDF) 2 Page - First Components International

Part # GP02-35
Description  HIGH VOLTAGE MINIATURE PLASTIC RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

GP02-35 Datasheet(HTML) 2 Page - First Components International

  GP02-35 Datasheet HTML 1Page - First Components International GP02-35 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
HIGH VOLTAGE MINIATURE
PLASTIC RECTIFIERS
Page 5-5
Ratings at
25 Deg. C ambient
temperature
unless otherwise
specified.
Single Phase Half
Wave, 60 HZ
Resistive or
Inductive Load.
For Capacitive
Load, Derate
Current by 20%.
Reverse Voltage (Volts)
40
Maximum Current Rating
Effect of Copper Area
Resistive/Inductive Load
Forward Voltage (V
F)
Typical Junction Capacitance
Typical Forward Characteristics
T
A = Ambient Temperature (°
°°°°C)
%
o
f
A
V
G
C
u
r
r
e
n
t
Typical Forward Characteristics
Forward Voltage (V
F)
Maximum Current Rating
Effect of Lead Lengths
Resistive/Inductive Load
Maximum Current Rating
Capacitive Load
T
A = Ambient Temperature (°
°°°°C)
T
A = Ambient Temperature (°
°°°°C)
30
20
10
0
Maximum Surge Current
Number of Cycles @ 60 HZ
1 2 4
6 8 1 0
6 0
100
8.3 mS Single Half Sine Wave
(JEDEC Method)
GP05
GP02 (50-60)
120
100
80
60
40
20
0
0
20
40 60 80 100 120 140
%
o
f
A
V
G
C
u
r
r
e
n
t
%
o
f
A
V
G
C
u
r
r
e
n
t
120
100
80
60
40
20
0
0
20
40 60 80 100 120 140
GP02 (50...60)
GP05
GP02 (25..40)
100
26
1 0
4
1
8
6 0 100
1000
10
GP05
GP02
120
100
80
60
40
20
0
0
20
40 60 80 100 120 140


Similar Part No. - GP02-35

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GP02-35 GE-GP02-35 Datasheet
59Kb / 2P
   HIGH VOLTAGE GLASS PASSIVATED JUNCTION RECTIFIER
logo
Micro Commercial Compon...
GP02-35 MCC-GP02-35 Datasheet
107Kb / 3P
   0.2 Amp High Voltage Silicon Rectifier 3500 - 6000 Volts
logo
TAITRON Components Inco...
GP02-35 TAITRON-GP02-35 Datasheet
126Kb / 4P
   0.25A Sintered Glass Passivated Rectifier
logo
RFE international
GP02-35 RFE-GP02-35 Datasheet
78Kb / 1P
   LEADED (THRU-HOLE) High Voltage Rectifiers
logo
Vishay Siliconix
GP02-35 VISHAY-GP02-35 Datasheet
77Kb / 4P
   High Voltage Glass Passivated Junction Rectifier
Revision: 15-Mar-11
More results

Similar Description - GP02-35

ManufacturerPart #DatasheetDescription
logo
FCI connector
FV05M-04 FCI-CONNECTOR-FV05M-04 Datasheet
89Kb / 1P
   HIGH VOLTAGE MINIATURE PLASTIC RECTIFIERS
logo
First Components Intern...
FV05M FCI-FV05M Datasheet
63Kb / 1P
   HIGH VOLTAGE MINIATURE PLASTIC RECTIFIERS
FR02 FCI-FR02 Datasheet
93Kb / 2P
   HIGH VOLTAGE, FAST RECOVERY MINIATURE PLASTIC RECTIFIERS
logo
Vishay Siliconix
UG4A VISHAY-UG4A_11 Datasheet
78Kb / 4P
   Miniature Ultrafast Plastic Rectifiers
Revision: 04-May-11
logo
Electronic devices inc.
HV15PD EDI-HV15PD Datasheet
85Kb / 2P
   HIGH VOLTAGE RECTIFIERS ULTRA-MINIATURE AND MINIATURE
logo
Vishay Siliconix
UG4A-M3 VISHAY-UG4A-M3 Datasheet
78Kb / 4P
   Miniature Ultrafast Plastic Rectifiers
Revision: 19-Feb-16
logo
HY ELECTRONIC CORP.
BY133 HY-BY133 Datasheet
39Kb / 2P
   HIGH VOLTAGE PLASTIC RECTIFIERS
logo
Edal Industries, Inc.
B587 EDAL-B587 Datasheet
749Kb / 2P
   Sub-Miniature High Voltage Rectifiers
B412 EDAL-B412 Datasheet
484Kb / 2P
   Miniature High Voltage Silicon Rectifiers
B427 EDAL-B427 Datasheet
731Kb / 2P
   Sub-Miniature High Voltage Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com