Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5072MH-50 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5072MH-50
Description  Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5072MH-50 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM5072MH-50 Datasheet HTML 7Page - National Semiconductor (TI) LM5072MH-50 Datasheet HTML 8Page - National Semiconductor (TI) LM5072MH-50 Datasheet HTML 9Page - National Semiconductor (TI) LM5072MH-50 Datasheet HTML 10Page - National Semiconductor (TI) LM5072MH-50 Datasheet HTML 11Page - National Semiconductor (TI) LM5072MH-50 Datasheet HTML 12Page - National Semiconductor (TI) LM5072MH-50 Datasheet HTML 13Page - National Semiconductor (TI) LM5072MH-50 Datasheet HTML 14Page - National Semiconductor (TI) LM5072MH-50 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Modes of Operation
Per the IEEE 802.3af specification, when a PD is connected
to a PoE system it transitions through several operating
modes in sequence including detection, classification (op-
tional), turn on, normal operation, and power removal. Each
operating mode corresponds to a specific PoE voltage range
fed through the Ethernet cable. Figure 3 shows the IEEE
802.3af specified sequence of operating modes and the
corresponding PD input voltages.
Current steering diode-bridges are required for the PD inter-
face to accept all allowable connections and polarities of
PoE voltage from the RJ-45 connector (see the example
application circuits in Figures 18, 19, 20 and 21). The bridge
will cause some reduction of the input voltage sensed by the
LM5072. To guarantee full compliance to the specification in
all operating modes, the LM5072 takes into account the
voltage drop across the bridge diodes and responds appro-
priately to the voltage received from the PoE cable. Table 1
presents the response in each operating mode to voltages
across the VIN and VEE pins.
TABLE 1. Operating Modes With Respect To Input Voltage
Mode of Operation
Voltage from PoE Cable per
IEEE 802.3af
LM5072 Input Voltage
(V
IN pin to VEE pin)
Detection (Signature)
2.7V to 10.0V
1.5V to 10.0V
Classification
14.5V to 20.5V
12V to 23.5V
Startup
42V max
38V (UVLO Release, V
IN Rising)
Normal Operation
57V to 36V
75V to 32V (UVLO, V
IN Falling)
20184617
FIGURE 3. Sequence of PoE Operating Modes
www.national.com
11


Similar Part No. - LM5072MH-50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5072MH-50/NOPB TI1-LM5072MH-50/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   Integrated 100V Power Over Ethernet PD Interface
More results

Similar Description - LM5072MH-50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5073 TI1-LM5073_14 Datasheet
1Mb / 27P
[Old version datasheet]   100V Power Over Ethernet PD Interface with Aux Support
LM5070 TI1-LM5070_14 Datasheet
1Mb / 23P
[Old version datasheet]   Integrated Power Over Ethernet PD Interface and PWM Controller
LM5070 TI1-LM5070 Datasheet
1Mb / 24P
[Old version datasheet]   Integrated Power Over Ethernet PD Interface and PWM Controller
logo
National Semiconductor ...
LM5070 NSC-LM5070 Datasheet
833Kb / 17P
   Integrated Power Over Ethernet PD Interface and PWM Controller
logo
Texas Instruments
LM5070MTC-80 TI-LM5070MTC-80 Datasheet
1Mb / 24P
[Old version datasheet]   LM5070 Integrated Power Over Ethernet PD Interface and PWM Controller
LM5072 TI1-LM5072 Datasheet
1Mb / 34P
[Old version datasheet]   Integrated 100V Power Over Ethernet PD Interface
LM5073 TI1-LM5073 Datasheet
1Mb / 27P
[Old version datasheet]   100V Power Over Ethernet PD Interface
LM5071 TI1-LM5071_14 Datasheet
1Mb / 23P
[Old version datasheet]   Power Over Ethernet PD Controller with Auxiliary Power Interface
logo
National Semiconductor ...
LM5071 NSC-LM5071 Datasheet
857Kb / 18P
   Power Over Ethernet PD Controller with Auxiliary Power Power Over Ethernet PD Controller with Auxiliary Power
logo
Texas Instruments
LM5071MT-50-NOPB TI1-LM5071MT-50-NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM5071 Power Over Ethernet PD Controller with Auxiliary Power Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com