Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5072MH-50 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5072MH-50
Description  Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5072MH-50 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM5072MH-50 Datasheet HTML 1Page - National Semiconductor (TI) LM5072MH-50 Datasheet HTML 2Page - National Semiconductor (TI) LM5072MH-50 Datasheet HTML 3Page - National Semiconductor (TI) LM5072MH-50 Datasheet HTML 4Page - National Semiconductor (TI) LM5072MH-50 Datasheet HTML 5Page - National Semiconductor (TI) LM5072MH-50 Datasheet HTML 6Page - National Semiconductor (TI) LM5072MH-50 Datasheet HTML 7Page - National Semiconductor (TI) LM5072MH-50 Datasheet HTML 8Page - National Semiconductor (TI) LM5072MH-50 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Electrical Characteristics (Note 4) Specifications in standard type face are for T
J = +25˚C and those in
boldface type apply over the full operating junction temperature range. Unless otherwise specified: V
IN = 48V, FOSC =
250kHz. (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Auxiliary Power Option
ICL_FAUX Threshold
ICL_FAUX Pin Rising
8.1
8.7
9.3
V
ICL_FAUX Pull Down Current
50
µA
RAUX Lower Threshold (I = 22 µA)
RAUX Pin Rising
2.3
2.5
3.0
V
RAUX Upper Threshold (I = 250 µA)
RAUX Pin Falling
5.4
6.0
6.9
V
RAUX Lower Threshold Hysteresis
0.8
V
RAUX Lower Threshold Current
16
22
28
µA
RAUX Upper Threshold Current
187
250
313
µA
VCC Regulator
VccReg
VCC Regulation (VccReg)
7.4
7.7
8
V
VCC Current Limit
15
mA
VCC UVLO (Rising)
VccReg
– 210
mV
VccReg
– 100
mV
V
VCC UVLO (Falling)
5.9
6.2
6.5
V
VIN Supply Current
V
CC = 10V
2.0
mA
Supply Current (Icc)
V
CC = 10V
3
mA
VCC Regulator Dropout
V
IN –VCC (Note 6)
6.5
V
Error Amplifier
Gain Bandwidth
3
MHz
DC Gain
67
dB
Input Voltage
1.225
1.275
V
COMP Sink Capability
5
10
mA
Current Limit
ILIM Delay to Output
30
ns
Cycle by Cycle Current Limit Threshold
Voltage
0.45
0.5
0.55
V
Leading Edge Blanking Time
65
ns
CS Sink Impedance (clocked)
35
55
Soft-start
Soft-start Current Source
8
10
12
µA
Oscillator
Frequency1 (R
T = 26.1 k
Ω)
175
200
225
KHz
Frequency2 (R
T = 8.7 k
Ω)
515
580
645
KHz
Sync threshold
2.6
3.2
3.8
V
PWM Comparator
Delay to Output
25
ns
Min Duty Cycle
0
%
Max Duty Cycle (-80 Device)
75
80
85
%
Max Duty Cycle (-50 Device)
47
50
53
%
COMP to PWM Comparator Gain
0.33
COMP Open Circuit Voltage
4.3
5.2
6.1
V
COMP Short Circuit Current
0.6
1.0
1.4
mA
Slope Compensation (LM5072-80 Device Only)
Slope Comp Amplitude
70
90
110
mV
Output Section
Output High Saturation
0.25
0.75
V
www.national.com
5


Similar Part No. - LM5072MH-50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5072MH-50/NOPB TI1-LM5072MH-50/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   Integrated 100V Power Over Ethernet PD Interface
More results

Similar Description - LM5072MH-50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5073 TI1-LM5073_14 Datasheet
1Mb / 27P
[Old version datasheet]   100V Power Over Ethernet PD Interface with Aux Support
LM5070 TI1-LM5070_14 Datasheet
1Mb / 23P
[Old version datasheet]   Integrated Power Over Ethernet PD Interface and PWM Controller
LM5070 TI1-LM5070 Datasheet
1Mb / 24P
[Old version datasheet]   Integrated Power Over Ethernet PD Interface and PWM Controller
logo
National Semiconductor ...
LM5070 NSC-LM5070 Datasheet
833Kb / 17P
   Integrated Power Over Ethernet PD Interface and PWM Controller
logo
Texas Instruments
LM5070MTC-80 TI-LM5070MTC-80 Datasheet
1Mb / 24P
[Old version datasheet]   LM5070 Integrated Power Over Ethernet PD Interface and PWM Controller
LM5072 TI1-LM5072 Datasheet
1Mb / 34P
[Old version datasheet]   Integrated 100V Power Over Ethernet PD Interface
LM5073 TI1-LM5073 Datasheet
1Mb / 27P
[Old version datasheet]   100V Power Over Ethernet PD Interface
LM5071 TI1-LM5071_14 Datasheet
1Mb / 23P
[Old version datasheet]   Power Over Ethernet PD Controller with Auxiliary Power Interface
logo
National Semiconductor ...
LM5071 NSC-LM5071 Datasheet
857Kb / 18P
   Power Over Ethernet PD Controller with Auxiliary Power Power Over Ethernet PD Controller with Auxiliary Power
logo
Texas Instruments
LM5071MT-50-NOPB TI1-LM5071MT-50-NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM5071 Power Over Ethernet PD Controller with Auxiliary Power Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com