Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5072MH-50 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5072MH-50
Description  Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5072MH-50 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM5072MH-50 Datasheet HTML 1Page - National Semiconductor (TI) LM5072MH-50 Datasheet HTML 2Page - National Semiconductor (TI) LM5072MH-50 Datasheet HTML 3Page - National Semiconductor (TI) LM5072MH-50 Datasheet HTML 4Page - National Semiconductor (TI) LM5072MH-50 Datasheet HTML 5Page - National Semiconductor (TI) LM5072MH-50 Datasheet HTML 6Page - National Semiconductor (TI) LM5072MH-50 Datasheet HTML 7Page - National Semiconductor (TI) LM5072MH-50 Datasheet HTML 8Page - National Semiconductor (TI) LM5072MH-50 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Connection Diagram
20184602
16 Lead TSSOP-EP
Ordering Information
Order Number
Description
NSC Package Type / Drawing
Supplied As
LM5072MH-50
50% Duty Cycle Limit
TSSOP-16EP/MXA16A
92 units per rail
LM5072MHX-50
50% Duty Cycle Limit
TSSOP-16EP/MXA16A
2500 units on tape and reel
LM5072MH-80
80% Duty Cycle Limit
TSSOP-16EP/MXA16A
92 units per rail
LM5072MHX-80
80% Duty Cycle Limit
TSSOP-16EP/MXA16A
2500 units on tape and reel
www.national.com
2


Similar Part No. - LM5072MH-50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5072MH-50/NOPB TI1-LM5072MH-50/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   Integrated 100V Power Over Ethernet PD Interface
More results

Similar Description - LM5072MH-50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5073 TI1-LM5073_14 Datasheet
1Mb / 27P
[Old version datasheet]   100V Power Over Ethernet PD Interface with Aux Support
LM5070 TI1-LM5070_14 Datasheet
1Mb / 23P
[Old version datasheet]   Integrated Power Over Ethernet PD Interface and PWM Controller
LM5070 TI1-LM5070 Datasheet
1Mb / 24P
[Old version datasheet]   Integrated Power Over Ethernet PD Interface and PWM Controller
logo
National Semiconductor ...
LM5070 NSC-LM5070 Datasheet
833Kb / 17P
   Integrated Power Over Ethernet PD Interface and PWM Controller
logo
Texas Instruments
LM5070MTC-80 TI-LM5070MTC-80 Datasheet
1Mb / 24P
[Old version datasheet]   LM5070 Integrated Power Over Ethernet PD Interface and PWM Controller
LM5072 TI1-LM5072 Datasheet
1Mb / 34P
[Old version datasheet]   Integrated 100V Power Over Ethernet PD Interface
LM5073 TI1-LM5073 Datasheet
1Mb / 27P
[Old version datasheet]   100V Power Over Ethernet PD Interface
LM5071 TI1-LM5071_14 Datasheet
1Mb / 23P
[Old version datasheet]   Power Over Ethernet PD Controller with Auxiliary Power Interface
logo
National Semiconductor ...
LM5071 NSC-LM5071 Datasheet
857Kb / 18P
   Power Over Ethernet PD Controller with Auxiliary Power Power Over Ethernet PD Controller with Auxiliary Power
logo
Texas Instruments
LM5071MT-50-NOPB TI1-LM5071MT-50-NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM5071 Power Over Ethernet PD Controller with Auxiliary Power Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com