Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEN4-2415Z41 Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # PEN4-2415Z41
Description  PEN4-XXXXZ4:1 1.5 KV ISOLATED 3 - 4 W REGULATED DUAL OUTPUT DIP24
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

PEN4-2415Z41 Datasheet(HTML) 2 Page - PEAK electronics GmbH

  PEN4-2415Z41 Datasheet HTML 1Page - PEAK electronics GmbH PEN4-2415Z41 Datasheet HTML 2Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MD SERIES
PEN4-XXXXZ4:1 1.5 KV ISOLATED 3 - 4 W REGULATED DUAL OUTPUT DIP24
Dimensions
Derating Graph and Pinning
Temperature Derating Graph
Ambient Temperature ° C
** 4.00 W
- 40
0
40
80
100
85
Output
** Max. output power depends on the model and is
in the range between 3 and 4 W
Pin
Connection
#
DUAL
2
- V Input
3
- V Input
9
Common
11
- V Output
14
+ V Output
16
Common
22
+ V Input
23
+ V Input
Specification can be changed without notice.
Copyright PEAK electronics GmbH
REV:1 / 02.2003


Similar Part No. - PEN4-2415Z41

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PEN4-2415Z41LF PEAK-PEN4-2415Z41LF Datasheet
140Kb / 3P
   PEN-SERIES
More results

Similar Description - PEN4-2415Z41

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P14TG-2405Z41 PEAK-P14TG-2405Z41 Datasheet
204Kb / 2P
   P14TG-XXXXZ4:1 1.5 KV ISOLATED 3 W REGULATED DUAL OUTPUT DIP24
PEN4-243R3E41 PEAK-PEN4-243R3E41 Datasheet
189Kb / 2P
   PEN4-XXXXE4:1 1.5 KV ISOLATED 3 - 4 W REGULATED SINGLE OUTPUT DIP24
P14TG-2405Z41M PEAK-P14TG-2405Z41M Datasheet
216Kb / 2P
   P14TG-XXXXZ4:1M 1.5 KV ISOLATED 3 W REGULATED DUAL OUTPUT DIP24
PEN6-2405Z41 PEAK-PEN6-2405Z41 Datasheet
196Kb / 3P
   PEN6-XXXXZ4:1 1.5 KV ISOLATED 5 - 6 W REGULATED DUAL OUTPUT DIP24
P8SG-053R6Z PEAK-P8SG-053R6Z Datasheet
199Kb / 2P
   1 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P8SG-053R6ZM PEAK-P8SG-053R6ZM Datasheet
212Kb / 2P
   1 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P8SG-053R6ZH30 PEAK-P8SG-053R6ZH30 Datasheet
200Kb / 2P
   3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P8SG-053R6ZH30M PEAK-P8SG-053R6ZH30M Datasheet
213Kb / 3P
   3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24
P18TG-243R3Z41 PEAK-P18TG-243R3Z41 Datasheet
207Kb / 2P
   1.5 KV ISOLATED 4 W REGULATED DUAL OUTPUT DIP24
P18TG-243R3Z41M PEAK-P18TG-243R3Z41M Datasheet
220Kb / 2P
   1.5 KV ISOLATED 4 W REGULATED DUAL OUTPUT DIP24
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com