Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA2D760 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA2D760
Description  Schottky Barrier Diodes (SBD)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA2D760 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA2D760 Datasheet HTML 1Page - Panasonic Semiconductor MA2D760 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Schottky Barrier Diodes (SBD)
MA2D760
Silicon epitaxial planar type
For switching power supply
I Features
• TO-220D Package
•Allowing to rectify under (I
F(AV) = 5 A) condition
• V
R = 90 V guaranteed
• Single type
I Absolute Maximum Ratings T
a = 25°C
Unit : mm
1 : Cathode
2 : Anode
TO-220D Package (2-pin)
Parameter
Symbol
Rating
Unit
Repetitive peak reverse voltage
VRRM
90
V
Average forward current
IF(AV)
5A
Non-repetitive peak forward
IFSM
90
A
surge current*
Junction temperature
Tj
−40 to +125
°C
Storage temperature
Tstg
−40 to +125
°C
Note) * : The peak-to-peak value in one cycle of 50 Hz sine-wave
(non-repetitive)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current (DC)
IR
VR = 90 V
3
mA
Forward voltage (DC)
VF
IF = 5 A
0.58
V
Thermal resistance
Rth(j-c)
Direct current (between junction and case)
3
°C/W
I Electrical Characteristics T
a
= 25°C
Note) Rated input/output frequency: 150 kHz
1
9.9
± 0.3
4.6
± 0.2
2.9
± 0.2
0.8
± 0.1
1.4
± 0.2
2
φ 3.2 ± 0.1
2.6
± 0.1
0.55
± 0.15
2.54
± 0.3
5.08
± 0.5


Similar Part No. - MA2D760

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2D749 PANASONIC-MA2D749 Datasheet
37Kb / 2P
   Schottky Barrier Diodes
MA2D750 PANASONIC-MA2D750 Datasheet
62Kb / 3P
   For switching mode power supply
MA2D755 PANASONIC-MA2D755 Datasheet
37Kb / 2P
   Schottky Barrier Diodes
More results

Similar Description - MA2D760

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA10704 PANASONIC-MA10704 Datasheet
76Kb / 3P
   Schottky Barrier Diodes (SBD)
MA2P701 PANASONIC-MA2P701 Datasheet
48Kb / 2P
   Schottky Barrier Diodes (SBD)
MA784 PANASONIC-MA784 Datasheet
73Kb / 3P
   Schottky Barrier Diodes (SBD)
MA2YD15 PANASONIC-MA2YD15 Datasheet
64Kb / 3P
   Schottky Barrier Diodes (SBD)
MA704WA PANASONIC-MA704WA Datasheet
64Kb / 3P
   Schottky Barrier Diodes (SBD)
MA2SE01 PANASONIC-MA2SE01 Datasheet
74Kb / 3P
   Schottky Barrier Diodes (SBD)
MA27784 PANASONIC-MA27784 Datasheet
84Kb / 3P
   Schottky Barrier Diodes (SBD)
MA3SE02 PANASONIC-MA3SE02 Datasheet
61Kb / 3P
   Schottky Barrier Diodes (SBD)
MA2H736 PANASONIC-MA2H736 Datasheet
43Kb / 2P
   Schottky Barrier Diodes (SBD)
MA2Q705 PANASONIC-MA2Q705 Datasheet
44Kb / 2P
   Schottky Barrier Diodes (SBD)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com