Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP4TD0900G Datasheet(PDF) 1 Page - M-pulse Microwave Inc.

Part # MP4TD0900G
Description  Silicon Bipolar MMIC Cascadable Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPLUSE [M-pulse Microwave Inc.]
Direct Link  http://www.mpulsemw.com
Logo MPLUSE - M-pulse Microwave Inc.

MP4TD0900G Datasheet(HTML) 1 Page - M-pulse Microwave Inc.

  MP4TD0900G Datasheet HTML 1Page - M-pulse Microwave Inc. MP4TD0900G Datasheet HTML 2Page - M-pulse Microwave Inc. MP4TD0900G Datasheet HTML 3Page - M-pulse Microwave Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specification Subject to Change Without Notice
M-Pulse Microwave
__________________________________________________________________________________
1
PH (408) 432-1480
FX (408) 432-3440
M-Pulse Microwave
Silicon Bipolar MMIC
Cascadable Amplifier
MP4TD0900
Features
• Cascadable 50Ω Gain Block
• 3dB Bandwidth: DC to 4.5 GHz
8.0 dB Typical Gain @ 1.0 GHz
• Low SWR: <1.5 from 0.1 to 3.0 Ghz
• Unconditionally Stable (k>1)
Description
M-Pulse's MP4TD0900 is a high performance silicon
bipolar MMIC chip. The MP4TD0900 is designed for
use where a general purpose 50
Ω gain block is required.
Typical applications include narrow and wide band IF
and RF amplifiers in industrial and military applications.
The MP4TD0900 is fabricated using a 10 GHz fT silicon
bipolar technology that features gold metalization and IC
passivation for increased performance and reliability.
TYPICAL POWER GAIN vs FREQUENCY
0
2
4
6
8
10
12
0.1
1
10
FR EQU ENC Y (G H z)
Id= 35mA
Chip Outline Drawing1,2,3,4
RF Input
Feedback Capacitor
Ground
Optional RF Output & +7.8 Volts
375
(14.8 mil)
µ
375
(14.8 mil)
µ
Notes: (unless otherwise specified)
1. Chip Thickness is 120
µm; 4.8 mils
2. Bond Pads are 40
µm; 1.6 mils typical in diameter
3. Output Contact &
+DC Voltage Is Normally Made On
Backside Of Chip At Die Attach
4. Tolerance:
µm .xx = ±.13; mil .x = ±.5
Ordering Information
Model No.
Type of Carrier
MP4TD0900G
GEL PACK
MP4TD0900W
Waffle Pack
Electrical Specifications @ TA = +25°C, Id = 35 mA; Z0 = 50Ω
(Performance Requires 45 pF Feedback Capacitor
Symbol
Parameters
Test Conditions
Units
Min.
Typ.
Max.
Gp
Power Gain (
S212)
f = 0.1 GHz
dB
-
8.0
-
∆Gp
Gain Flatness
f = 0.1 to 3.0 GHz
dB
-
+ 0.3
-
f3dB
3 dB Bandwidth
-
GHz
-
4.5
-
SWRin
Input SWR
f = 0.1 to 3.0 GHz
-
-
2.0
-
SWRout
Output SWR
f = 0.1 to 3.0 GHz
-
-
1.5
-
P1dB
Output Power @ 1dB Gain Compression
f = 1.0 GHz
dBm
-
12.0
-
NF
50
Ω Noise Figure
f = 1.0 GHz
dB
-
6.0
-
IP3
Third Order Intercept Point
f = 1.0 GHz
dBm
-
23.0
-
tD
Group Delay
f = 1.0 GHz
ps
-
100
-
Vd
Device Voltage
-
V
7.0
7.8
8.6
dV/dT
Device Voltage Temperature Coefficient
-
mV/
°C
-
-16.0
-


Similar Part No. - MP4TD0900G

ManufacturerPart #DatasheetDescription
logo
M-pulse Microwave Inc.
MP4TD0910 MPLUSE-MP4TD0910 Datasheet
50Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0910T MPLUSE-MP4TD0910T Datasheet
50Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0920 MPLUSE-MP4TD0920 Datasheet
53Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0935 MPLUSE-MP4TD0935 Datasheet
54Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0935T MPLUSE-MP4TD0935T Datasheet
54Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
More results

Similar Description - MP4TD0900G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0270 AVAGO-MSA-0270 Datasheet
158Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0470 AVAGO-MSA-0470 Datasheet
192Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
logo
Agilent(Hewlett-Packard...
MSA-0104 HP-MSA-0104 Datasheet
51Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0300 HP-MSA-0300 Datasheet
57Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0385 HP-MSA-0385 Datasheet
52Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0711 HP-MSA-0711 Datasheet
49Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-1104 HP-MSA-1104 Datasheet
44Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-1120 HP-MSA-1120 Datasheet
52Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
logo
M-pulse Microwave Inc.
MP4TD0335 MPLUSE-MP4TD0335 Datasheet
51Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0410 MPLUSE-MP4TD0410 Datasheet
49Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0700 MPLUSE-MP4TD0700 Datasheet
132Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com