Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP4TD0670 Datasheet(PDF) 2 Page - M-pulse Microwave Inc.

Part # MP4TD0670
Description  Silicon Bipolar MMIC Cascadable Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPLUSE [M-pulse Microwave Inc.]
Direct Link  http://www.mpulsemw.com
Logo MPLUSE - M-pulse Microwave Inc.

MP4TD0670 Datasheet(HTML) 2 Page - M-pulse Microwave Inc.

  MP4TD0670 Datasheet HTML 1Page - M-pulse Microwave Inc. MP4TD0670 Datasheet HTML 2Page - M-pulse Microwave Inc. MP4TD0670 Datasheet HTML 3Page - M-pulse Microwave Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0670
Specification Subject to Change Without Notice
M-Pulse Microwave
__________________________________________________________________________________
2
PH (408) 432-1480
FX (408) 432-3440
Absolute Maximum Ratings1
Parameter
Absolute Maximum
Device Current
50 mA
Power Dissipation2,3
200 mW
RF Input Power
+20 dBm
Junction Temperature
200
°C
Storage Temperature
-65
°C to +200°C
Thermal Resistance:
θjc = 150°C/W
1. Exceeding these limits may cause permanent damage.
2. Case Temperature (Tc) = 25
°C.
3. Derate at 6.7 mW/
°C for Tc > 170°C.
Typical Bias Configuration
IN
OUT
1
2
3
4
RFC (Optional)
C (DC Block)
C (DC Block)
Rbias
Vcc > 5.5 V
Vd =3.5 V
Id =
Vcc - Vd
Rbias
MP4TD0670
Typical Performance Curves @ Id = 16 mA, TA = +25°C (unless otherwise noted)
DEVICE CURRENT vs DEVICE VOLTAGE
0
5
10
15
20
25
01
23
4
Vd, D EVIC E VO LTAGE (V)
POWER GAIN vs CURRENT
0
5
10
15
20
25
10
1 5
20
25
30
35
4 0
Id , DE V ICE CURRE NT (m A )
0.1 G H z
0.5 G H z
1.0 G H z
2.0 G H z
RETURN LOSS vs FREQUENCY
-3 0
-2 5
-2 0
-1 5
-1 0
-5
0
0.1
1
10
F RE Q UE NCY (G H z)
Input
O utput
POUT @ 1dB GAIN COMPRESSION
vs FREQUENCY
0
2
4
6
8
10
12
0.1
1
1 0
F RE Q UE NCY (G H z)
Id =16m A
Id =20m A
Id = 3 0 m A


Similar Part No. - MP4TD0670

ManufacturerPart #DatasheetDescription
logo
M-pulse Microwave Inc.
MP4TD0600 MPLUSE-MP4TD0600 Datasheet
133Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0600G MPLUSE-MP4TD0600G Datasheet
133Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0600W MPLUSE-MP4TD0600W Datasheet
133Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0635 MPLUSE-MP4TD0635 Datasheet
60Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0635T MPLUSE-MP4TD0635T Datasheet
60Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
More results

Similar Description - MP4TD0670

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0270 AVAGO-MSA-0270 Datasheet
158Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0470 AVAGO-MSA-0470 Datasheet
192Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
logo
Agilent(Hewlett-Packard...
MSA-0104 HP-MSA-0104 Datasheet
51Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0300 HP-MSA-0300 Datasheet
57Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0385 HP-MSA-0385 Datasheet
52Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0711 HP-MSA-0711 Datasheet
49Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-1104 HP-MSA-1104 Datasheet
44Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-1120 HP-MSA-1120 Datasheet
52Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
logo
M-pulse Microwave Inc.
MP4TD0335 MPLUSE-MP4TD0335 Datasheet
51Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0410 MPLUSE-MP4TD0410 Datasheet
49Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0700 MPLUSE-MP4TD0700 Datasheet
132Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com