Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR2502 Datasheet(PDF) 1 Page - First Components International

Part # FR2502
Description  25 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FR2502 Datasheet(HTML) 1 Page - First Components International

  FR2502 Datasheet HTML 1Page - First Components International FR2502 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
n LOW COST
n HIGH SURGE CAPABILITY
n DIFFUSED JUNCTION
Mechanical Dimensions
n LOW LEAKAGE CURRENT
n HIGH TEMPERATURE CAPABILITY
n MEETS UL SPECIFICATION 94V-0
Electrical Characteristics @ 25oC.
Maximum Ratings
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
FR2501 . . . 2510 Series
Average Forward Rectified Current...I
F(av)
T
A = 55°C (Note 3)
Non-Repetitive Peak Forward Surge Current...I
FSM
@ Rated Current & Temp
Forward Voltage @ 80A...V
F
DC Reverse Current...I
R
@ Rated DC Blocking Voltage, 150°C
Typical Junction Capacitance...C
J (Note 1)
Typical Thermal Resistance...R
θJC (Note 2)
Typical Reverse Recovery Time...t
RR
Operating & Storage Temperature Range...T
J, TSTRG
Page 2-4
Data Sheet
25 Amp PLASTIC SILICON
AUTOMOTIVERECTIFIERS
FR2501 FR2502 FR2503 FR2504 FR2506 FR2508 FR2510
100
200
300
400
600
800
1000
70
140
210
280
420
560
700
100
200
300
400
600
800
1000
............................................. 25 ...............................................
............................................. 400 ...............................................
............................................. 2.0 ...............................................
............................................. 250 ...............................................
............................................. 1.0 ...............................................
............................................. 3.0 ...............................................
......................................... -65 to 175 ..........................................
< ............... 1.1 ............. >
< ............... 1.2 ............... >
< ............... 200 ............. >
< ............... 300 ............... >
Volts
Volts
Volts
Amps
Amps
Volts
µAmps
µAmps
pF
°C / W
µS
°C
Units
FR2500
.395
FR2500S
.337
.220
.242
.175
Leads 1.00 typ. .05 Dia.


Similar Part No. - FR2502

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FR2502 FCI-FR2502 Datasheet
150Kb / 2P
   25 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
More results

Similar Description - FR2502

ManufacturerPart #DatasheetDescription
logo
FCI connector
FR2501 FCI-CONNECTOR-FR2501 Datasheet
150Kb / 2P
   25 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
logo
First Components Intern...
FR2501 FCI-FR2501_1 Datasheet
150Kb / 2P
   25 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
VFR2501 FCI-VFR2501 Datasheet
141Kb / 2P
   25 Amp PLASTIC FAST RECOVERY SILICON AUTOMOTIVE RECTIFIERS Mechanical Dimensions
FR5001 FCI-FR5001 Datasheet
139Kb / 2P
   50 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
logo
FCI connector
FR3501 FCI-CONNECTOR-FR3501 Datasheet
151Kb / 2P
   35 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
logo
First Components Intern...
FR3501 FCI-FR3501_1 Datasheet
151Kb / 2P
   35 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
FR5001 FCI-FR5001_1 Datasheet
132Kb / 2P
   50 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
FR3501 FCI-FR3501 Datasheet
140Kb / 2P
   35 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
FR7001 FCI-FR7001 Datasheet
140Kb / 2P
   70 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
logo
FCI connector
FR5001 FCI-CONNECTOR-FR5001 Datasheet
132Kb / 2P
   50 Amp PLASTIC SILICON AUTOMOTIVE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com